Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1821-1ACGW Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1821-1ACGW
Description  16-Bit, Ultra Precise, Fast Settling VOUT DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1821-1ACGW Datasheet(HTML) 3 Page - Linear Technology

  LTC1821-1ACGW Datasheet HTML 1Page - Linear Technology LTC1821-1ACGW Datasheet HTML 2Page - Linear Technology LTC1821-1ACGW Datasheet HTML 3Page - Linear Technology LTC1821-1ACGW Datasheet HTML 4Page - Linear Technology LTC1821-1ACGW Datasheet HTML 5Page - Linear Technology LTC1821-1ACGW Datasheet HTML 6Page - Linear Technology LTC1821-1ACGW Datasheet HTML 7Page - Linear Technology LTC1821-1ACGW Datasheet HTML 8Page - Linear Technology LTC1821-1ACGW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC1821
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = TMIN to TMAX,
V+ = 15V, V= – 15V, VCC = 5V, VREF = 10V, AGNDF = AGNDS = DGND = 0V.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference Input
RREF
DAC Input Resistance (Unipolar)
(Note 6)
q
4.5
6
10
k
R1/R2
R1/R2 Resistance (Bipolar)
(Notes 6, 11)
q
912
20
k
ROFS, RFB
Feedback and Offset Resistances
(Note 6)
q
912
20
k
AC Performance (Note 4)
Output Voltage Settling Time
∆VOUT = 10V (Notes 7, 8)
2
µs
Midscale Glitch Impulse
(Note 10)
2
nV•s
Digital-Feedthrough
(Note 9)
2
nV•s
Multiplying Feedthrough Error
VREF = ±10V, 10kHz Sine Wave (Note 7)
1
mVP-P
Multiplying Bandwidth
Code = Full Scale (Note 7)
600
kHz
Output Noise Voltage Density
1kHz to 100kHz (Note 7)
Code = Zero Scale
13
nV/
√Hz
Code = Full Scale
20
nV/
√Hz
Output Noise Voltage
0.1Hz to 10Hz (Note 7)
Code = Zero Scale
0.45
µVRMS
Code = Full Scale
1
µVRMS
1/f Noise Corner
(Note 7)
30
Hz
Analog Outputs (Note 4)
VOUT
DAC Output Swing
RL = 2k, V+ = 15V, V= –15V
q
±12.6
V
RL = 2k, V+ = 5V, V= –5V
q
±2.6
V
DAC Output Load Regulation
V+ = 15V, V= –15V,
±5mA Load
q
0.02
0.2
LSB/mA
ISC
Short-Circuit Current
VOUT = 0V, V
+ = 15V, V= –15V
q
12
40
mA
SR
Slew Rate
RL = 2k, V+ = 15V, V= –15V
20
V/
µs
RL = 2k, V+ = 5V, V= –5V
14
V/
µs
Digital Inputs
VIH
Digital Input High Voltage
q
2.4
V
VIL
Digital Input Low Voltage
q
0.8
V
IIN
Digital Input Current
q
0.001
±1
µA
CIN
Digital Input Capacitance
(Note 4 ) VIN = 0V
q
8pF
Timing Characteristics
tDS
Data to WR Setup Time
q
60
20
ns
tDH
Data to WR Hold Time
q
0–12
ns
t WR
WR Pulse Width
q
60
25
ns
tLD
LD Pulse Width
q
110
55
ns
tCLR
Clear Pulse Width
q
60
40
ns
tLWD
WR to LD Delay Time
q
0ns
Power Supply
ICC
Supply Current, VCC
Digital Inputs = 0V or VCC
q
1.5
10
µA
IS
Supply Current, V+, V
±15V
q
4.5
7.0
mA
±5V
q
4.0
6.8
mA
VCC
Supply Voltage
q
4.5
5
5.5
V
V+
Supply Voltage
q
4.5
16.5
V
V
Supply Voltage
q
–16.5
– 4.5
V


Similar Part No. - LTC1821-1ACGW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1821 LINER-LTC1821 Datasheet
285Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC1821 LINER-LTC1821 Datasheet
264Kb / 20P
   18-Bit SoftSpan IOUT DAC with Parallel I/O
LTC1821 LINER-LTC1821 Datasheet
231Kb / 16P
   16-Bit, Ultra Precise, Fast Settling VOUT DAC
LTC1821 LINER-LTC1821_15 Datasheet
231Kb / 16P
   16-Bit, Ultra Precise, Fast Settling VOUT DAC
More results

Similar Description - LTC1821-1ACGW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1821 LINER-LTC1821_15 Datasheet
231Kb / 16P
   16-Bit, Ultra Precise, Fast Settling VOUT DAC
DC812A LINER-DC812A_15 Datasheet
109Kb / 1P
   SCH LTC2606CDD 16 BIT RAIL TO RAIL VOUT DAC I2C INTERFACE
logo
Micro Analog systems
MAS9316 MAS-MAS9316 Datasheet
141Kb / 8P
   16-BIT DAC
logo
Linear Technology
LTC2642 LINER-LTC2642_15 Datasheet
304Kb / 24P
   16-/14-/12-Bit VOUT DACs
logo
Analog Devices
AD5399 AD-AD5399 Datasheet
336Kb / 12P
   Twos Complement, Dual 12-Bit DAC with Internal REF and Fast Settling Time
REV. D
AD5399YRMZ AD-AD5399YRMZ Datasheet
342Kb / 12P
   Twos Complement, Dual 12-Bit DAC with Internal REF and Fast Settling Time
REV. D
logo
Linear Technology
LTC2641 LINER-LTC2641_15 Datasheet
304Kb / 24P
   16-/14-/12-Bit VOUT DACs
logo
Analog Devices
FS-125 AD-FS-125_15 Datasheet
2Mb / 8P
   FAST SETTLING
logo
NXP Semiconductors
TDA1541 PHILIPS-TDA1541 Datasheet
91Kb / 12P
   Dual 16-bit DAC
November 1985
logo
Texas Instruments
DAC11001B TI-DAC11001B Datasheet
3Mb / 55P
[Old version datasheet]   DAC11001B 20-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage-Output, Digital-to-Analog Converter (DAC)
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com