Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL10100 Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # ZL10100
Description  Single Chip Synthesized Downconverter with IF Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL10100 Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  ZL10100 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL10100 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL10100 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL10100 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL10100 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL10100 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL10100 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL10100 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL10100 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ZL10100
Data Sheet
2
Zarlink Semiconductor Inc.
Pin Description
Figure 2 - Pin Description SSOP Package
Figure 3 - Pin Description MLP Package
IFOUTPUTB
Vee
VccRF
Vee
RFINPUTB
RFINPUT
Vee
Vee
VccD
Vee
SCL
SDA
XTAL
XTAL CAP
IFOUTPUT
Vee
VccIF
Vee
VccLO
LO
LOB
VccLO
Vee
ADD
Vee
Port P0
DRIVE
PUMP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
28
27
26
25
24
23
22
21
Pin 1 Ident
nc
VccLO
LO
LOB
VccLO
ADD
nc
Vee to pad
under package
nc
RFINPUTB
nc
RFINPUT
nc
VccD
SCL
1
2
3
4
5
6
7
8
9 10 11 12 13 14
15
16
17
18
19
20
21
22
23
24
25
26
27
28


Similar Part No. - ZL10100

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
ZL10 PERICOM-ZL10 Datasheet
167Kb / 1P
   10-Contact, Thin Fine Pitch Quad Flat No-Lead (TQFN)
logo
Zarlink Semiconductor I...
ZL10036 ZARLINK-ZL10036 Datasheet
939Kb / 38P
   Digital Satellite Tuner with RF Bypass
ZL10036LDF ZARLINK-ZL10036LDF Datasheet
939Kb / 38P
   Digital Satellite Tuner with RF Bypass
ZL10036LDF1 ZARLINK-ZL10036LDF1 Datasheet
939Kb / 38P
   Digital Satellite Tuner with RF Bypass
ZL10036LDG ZARLINK-ZL10036LDG Datasheet
939Kb / 38P
   Digital Satellite Tuner with RF Bypass
More results

Similar Description - ZL10100

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SL1935 ZARLINK-SL1935 Datasheet
415Kb / 23P
   Single Chip Synthesized Zero IF Tuner
logo
Fairchild Semiconductor
RC2798 FAIRCHILD-RC2798 Datasheet
76Kb / 12P
   Integrated QAM IF Downconverter
logo
Burr-Brown (TI)
AFE8201 BURR-BROWN-AFE8201 Datasheet
220Kb / 20P
   IF Analog-to-Digital Converter with Digital Downconverter
logo
California Eastern Labs
UPC2798GR CEL-UPC2798GR Datasheet
236Kb / 15P
   250 MHz QAM IF DOWNCONVERTER
logo
NXP Semiconductors
TDA8260TW PHILIPS-TDA8260TW Datasheet
143Kb / 23P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Sep 03
TDA8261TW PHILIPS-TDA8261TW Datasheet
136Kb / 22P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Dec 02
logo
Maxim Integrated Produc...
MAX2406 MAXIM-MAX2406 Datasheet
92Kb / 8P
   Low-Cost Downconverter with Low-Noise Amplifier
19-1303; Rev 0; 10/97
logo
Siemens Semiconductor G...
S041P SIEMENS-S041P Datasheet
55Kb / 6P
   FM IF AMPLIFIER WITH DEMODULATOR
logo
Zarlink Semiconductor I...
ZL10060 ZARLINK-ZL10060 Datasheet
312Kb / 38P
   MOPLL with IF AGC Amplifier
logo
New Japan Radio
NJM2232A NJRC-NJM2232A Datasheet
289Kb / 8P
   FM IF WITH LOG AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com