Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL10100 Datasheet(PDF) 11 Page - Zarlink Semiconductor Inc

Part # ZL10100
Description  Single Chip Synthesized Downconverter with IF Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL10100 Datasheet(HTML) 11 Page - Zarlink Semiconductor Inc

Back Button ZL10100 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL10100 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL10100 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL10100 Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL10100 Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL10100 Datasheet HTML 12Page - Zarlink Semiconductor Inc ZL10100 Datasheet HTML 13Page - Zarlink Semiconductor Inc ZL10100 Datasheet HTML 14Page - Zarlink Semiconductor Inc ZL10100 Datasheet HTML 15Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ZL10100
Data Sheet
11
Zarlink Semiconductor Inc.
Table 6 - Charge Pump Current
C1
C0
Current in µA
Min.
Typ.
Max.
0
0
1
1
0
1
0
1
± 98
± 210
± 450
± 975
± 130
± 280
± 600
± 1300
± 162
± 350
± 750
± 1625
Electrical Characteristics - Test conditions (unless otherwise stated)
Tamb = -40°C to 85°C, Vee = 0 V, Vcc = 5 V±5%. Input frequency 1220 MHz. IF output frequency 44 MHz.
These characteristics are guaranteed by either production test or design. They apply within the specified ambient temperature and supply
voltage unless otherwise stated.
Characteristic
Pin
Min.
Typ.
Max.
Units
Conditions
Supply current
120
160
mA
Input frequency range
1
1.3
GHz
Composite peak input signal
86
dBµV
Operating condition only.
Input impedance
See Figure 4.
Input Noise Figure
9
11
dB
Tamb = 27
°C
Conversion gain
20
23
26
dB
Differential to differential
voltage gain to differential
150
Ω load.
Gain variation within channel
0.5
dB
Channel bandwidth 8 MHz
within operating frequency
range.
Through gain
-30
dB
CTB
-64
dBc
See note 4.
CXM
-62
dBc
See note 4.
LO operating range
0.9
1.6
GHz
Maximum tuning range
determined by application,
see note (3), guaranteed by
design.
LO phase noise, SSB
@ 10 kHz offset
@ 100 kHz offset
-94
-116
-90
-110
dBc/Hz
dBc/Hz
See Figure 7.
Application as in Figure 6.
LO phase noise floor
-136
dBc/Hz Application as in Figure 6.
IF output frequency range
30
60
MHz
IF output impedance
75
Single-ended. See Figure 8.
IF output return loss
-20
dB
See Figure 8, over operating
range.
All other spurs on IF Output
20
dBµV
Within channel bandwidth of
8MHz.


Similar Part No. - ZL10100

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
ZL10 PERICOM-ZL10 Datasheet
167Kb / 1P
   10-Contact, Thin Fine Pitch Quad Flat No-Lead (TQFN)
logo
Zarlink Semiconductor I...
ZL10036 ZARLINK-ZL10036 Datasheet
939Kb / 38P
   Digital Satellite Tuner with RF Bypass
ZL10036LDF ZARLINK-ZL10036LDF Datasheet
939Kb / 38P
   Digital Satellite Tuner with RF Bypass
ZL10036LDF1 ZARLINK-ZL10036LDF1 Datasheet
939Kb / 38P
   Digital Satellite Tuner with RF Bypass
ZL10036LDG ZARLINK-ZL10036LDG Datasheet
939Kb / 38P
   Digital Satellite Tuner with RF Bypass
More results

Similar Description - ZL10100

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SL1935 ZARLINK-SL1935 Datasheet
415Kb / 23P
   Single Chip Synthesized Zero IF Tuner
logo
Fairchild Semiconductor
RC2798 FAIRCHILD-RC2798 Datasheet
76Kb / 12P
   Integrated QAM IF Downconverter
logo
Burr-Brown (TI)
AFE8201 BURR-BROWN-AFE8201 Datasheet
220Kb / 20P
   IF Analog-to-Digital Converter with Digital Downconverter
logo
California Eastern Labs
UPC2798GR CEL-UPC2798GR Datasheet
236Kb / 15P
   250 MHz QAM IF DOWNCONVERTER
logo
NXP Semiconductors
TDA8260TW PHILIPS-TDA8260TW Datasheet
143Kb / 23P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Sep 03
TDA8261TW PHILIPS-TDA8261TW Datasheet
136Kb / 22P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Dec 02
logo
Maxim Integrated Produc...
MAX2406 MAXIM-MAX2406 Datasheet
92Kb / 8P
   Low-Cost Downconverter with Low-Noise Amplifier
19-1303; Rev 0; 10/97
logo
Siemens Semiconductor G...
S041P SIEMENS-S041P Datasheet
55Kb / 6P
   FM IF AMPLIFIER WITH DEMODULATOR
logo
Zarlink Semiconductor I...
ZL10060 ZARLINK-ZL10060 Datasheet
312Kb / 38P
   MOPLL with IF AGC Amplifier
logo
New Japan Radio
NJM2232A NJRC-NJM2232A Datasheet
289Kb / 8P
   FM IF WITH LOG AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com