Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH6139 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SFH6139
Description  High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6139 Datasheet(HTML) 2 Page - Vishay Siliconix

  SFH6139 Datasheet HTML 1Page - Vishay Siliconix SFH6139 Datasheet HTML 2Page - Vishay Siliconix SFH6139 Datasheet HTML 3Page - Vishay Siliconix SFH6139 Datasheet HTML 4Page - Vishay Siliconix SFH6139 Datasheet HTML 5Page - Vishay Siliconix SFH6139 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number 83669
Rev. 1.5, 26-Oct-04
SFH6138/ SFH6139
Vishay Semiconductors
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is
not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Output
Coupler
Parameter
Test condition
Symbol
Value
Unit
Reverse input voltage
5.0
V
Average input current
IF(AVG)
20
mA
Peak input current
50 % Duty cycle - 1.0 ms pulse
width
40
mA
Peak transient input current
≤ 1.0 µs, 300 pps
1.0
A
Parameter
Test condition
Part
Symbol
Value
Unit
Supply and output voltage
VCC (pin 8-5), VO (pin 6-5)
SFH6138
VS, VO
- 0.5 to 7.0
V
SFH6139
VS, VO
- 0.5 to 18
V
Emitter-base reverse voltage
(pin 5-7)
VEBO
0.5
V
Output current IO (pin 6)
IO
60
mA
Derate linearly above 25 °C,
free air temperature
0.7
mA/°C
Input power dissipation
Pdiss IN
35
mW
Derate linearly
above 50 °C, free air
temperature at 0.7 mW/°C
Output power dissipation
Pdiss OUT
100
mW
Derate linearly
above 25 °C, free air
temperature at 0.2 mA/°C
Parameter
Test condition
Symbol
Value
Unit
Isolation test voltage
t = 1.0 s
VISO
5300
VRMS
Isolation resistance
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Lead soldering temperature
t = 10 s
Tsld
260
°C
Storage temperature
Tstg
- 55 to + 125
°C


Similar Part No. - SFH6139

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6135 VISHAY-SFH6135 Datasheet
448Kb / 4P
   HIGH-SPEED 5.3 kV TRIOS OPTOCOUPLER
Revision 17-August-01
SFH6135 VISHAY-SFH6135 Datasheet
246Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.4, 27-Apr-04
SFH6135 VISHAY-SFH6135 Datasheet
192Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6135-X007T VISHAY-SFH6135-X007T Datasheet
192Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6136 VISHAY-SFH6136 Datasheet
246Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.4, 27-Apr-04
More results

Similar Description - SFH6139

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6318T VISHAY-SFH6318T Datasheet
129Kb / 7P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
Rev. 1.6, 20-Apr-07
SFH6318 VISHAY-SFH6318 Datasheet
149Kb / 8P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
Rev. 2.0, 14-Jul-15
SFH6319 VISHAY-SFH6319_V01 Datasheet
175Kb / 10P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
01-Jan-2022
6N139 VISHAY-6N139 Datasheet
187Kb / 9P
   High Speed Optocoupler, 100 kBd, Low Input Current,
Rev. 1.6, 23-Jan-15
6N139 VISHAY-6N139_V01 Datasheet
234Kb / 10P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
01-Jan-2022
6N138 VISHAY-6N138_08 Datasheet
108Kb / 6P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
Rev. 1.5, 07-May-08
6N139 VISHAY-6N139 Datasheet
104Kb / 6P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
Rev. 1.6, 23-Jan-15
6N139 VISHAY-6N139_18 Datasheet
262Kb / 10P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
Rev. 1.7, 24-Sep-2018
logo
Siemens Semiconductor G...
6N138 SIEMENS-6N138 Datasheet
32Kb / 2P
   LOW INPUT CURRENT, HIGH GAIN OPTOCOUPLER
logo
Skyworks Solutions Inc.
OLH400 SKYWORKS-OLH400 Datasheet
577Kb / 6P
   High-Speed Hermetic, Low-Input Current Optocoupler
April 13, 2017
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com