Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1700024 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part No. 1700024
Description  FRONT 2,5-H/SA 5
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1700024 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1700024 Datasheet HTML 1Page - PHOENIX CONTACT 1700024 Datasheet HTML 2Page - PHOENIX CONTACT 1700024 Datasheet HTML 3Page - PHOENIX CONTACT 1700024 Datasheet HTML 4Page - PHOENIX CONTACT 1700024 Datasheet HTML 5Page - PHOENIX CONTACT 1700024 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FRONT 2,5-H/SA 5 Order No.: 1700008
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1700008
PHOENIX CONTACT Inc., USA
Page 3 / 6
http://www.phoenixcon.com
Feb 23, 2010
Conductor cross section AWG/kcmil max
14
2 conductors with same cross section, solid min.
0.2 mm²
2 conductors with same cross section, solid max.
0.75 mm²
2 conductors with same cross section, stranded
min.
0.2 mm²
2 conductors with same cross section, stranded
max.
0.75 mm²
2 conductors with same cross section, stranded,
ferrules without plastic sleeve, min.
0.25 mm²
2 conductors with same cross section, stranded,
ferrules without plastic sleeve, max.
0.34 mm²
Certificates / Approvals
Certification
CSA, CUL, GL, GOST, RS, UL
CSA
Nominal voltage UN
300 V
Nominal current IN
10 A
AWG/kcmil
24-12
CUL
Nominal voltage UN
300 V
Nominal current IN
10 A
AWG/kcmil
30-12
UL
Nominal voltage UN
300 V
Nominal current IN
10 A
AWG/kcmil
30-12
Accessories
Item
Designation
Description
Assembly
1700024
D-FRONT 2,5-H-O.Z.
End cover, necessary at the end of a terminal row, 2.5 mm thick,
color: green


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn