Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP9315 Datasheet(PDF) 23 Page - Cirrus Logic

Part # EP9315
Description  Enhanced Universal Platform System-on-Chip Processor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP9315 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button EP9315 Datasheet HTML 19Page - Cirrus Logic EP9315 Datasheet HTML 20Page - Cirrus Logic EP9315 Datasheet HTML 21Page - Cirrus Logic EP9315 Datasheet HTML 22Page - Cirrus Logic EP9315 Datasheet HTML 23Page - Cirrus Logic EP9315 Datasheet HTML 24Page - Cirrus Logic EP9315 Datasheet HTML 25Page - Cirrus Logic EP9315 Datasheet HTML 26Page - Cirrus Logic EP9315 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
DS638PP4
©Copyright 2005 Cirrus Logic (All Rights Reserved)
23
EP9315
Enhanced Universal Platform SOC Processor
Static Memory 32-bit Read on 16-bit External Bus
Parameter
Symbol
Min
Typ
Max
Unit
AD setup to CSn assert time
tADs
tHCLK
-
-ns
CSn assert to AD transition time
tADd1
-
tHCLK × (WST1 + 1)
-ns
AD transition to CSn deassert time
tADd2
-
tHCLK × (WST1 + 2)
-ns
AD hold from CSn deassert time
tADh
tHCLK
--
ns
RDn assert time
tRDpwL
-
tHCLK × ((2 × WST1) + 3)
-ns
CSn to RDn delay time
tRDd
--
3
ns
CSn assert to DQMn assert delay time
tDQMd
--
1
ns
DA setup to AD transition time
tDAs1
15
-
-
ns
DA to RDn deassert time
tDAs2
tHCLK + 12
--
ns
DA hold from AD transition time
tDAh1
0-
-
ns
DA hold from RDn deassert time
tDAh2
0-
-
ns
Figure 10. Static Memory Multiple Word Read 16-bit Cycle Timing Measurement
CSn
WRn
RDn
DA
AD
DQMn
t
RDpwl
t
ADd1
t
RDh
t
DQMh
t
DAh2
t
DAs1
t
DAh1
t
DAs2
WAIT
t
ADs
t
RDd
t
DQMd
t
ADh
t
ADd2


Similar Part No. - EP9315

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP9315 PCA-EP9315 Datasheet
43Kb / 1P
   14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
EP9315 PCA-EP9315 Datasheet
43Kb / 1P
   14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
More results

Similar Description - EP9315

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EP9312 CIRRUS-EP9312 Datasheet
884Kb / 62P
   Universal Platform System-on-chip Processor
logo
List of Unclassifed Man...
ARM920T ETC-ARM920T Datasheet
129Kb / 12P
   System-on-Chip Platform OS Processor
TA7S04 ETC1-TA7S04 Datasheet
1Mb / 198P
   Triscend A7S Configurable System-on-Chip Platform
logo
Infineon Technologies A...
ADM5120P INFINEON-ADM5120P Datasheet
119Kb / 2P
   System on Chip (SoC) Network Processor
logo
Cirrus Logic
EP9301 CIRRUS-EP9301 Datasheet
297Kb / 41P
   Entry-level ARM9 System-on-chip Processor
logo
Linear Technology
LTC2986 LINER-LTC2986 Datasheet
1Mb / 14P
   Input Protected Universal Temperature Measurement System on a Chip
logo
Cirrus Logic
EP7312 CIRRUS-EP7312_05 Datasheet
1Mb / 64P
   High-performance, Low-power, System-on-chip with SDRAM & Enhanced with SDRAM & Enhanced
logo
Carlo Gavazzi Holding A...
UWP3.0 CARLOGAVAZZI-UWP3.0 Datasheet
2Mb / 21P
   Universal web platform
logo
Infineon Technologies A...
TLE8261-2E INFINEON-TLE8261-2E Datasheet
1Mb / 83P
   Universal System Basis Chip
Rev. 1.0, May 2009
logo
Cirrus Logic
EP9302 CIRRUS-EP9302 Datasheet
302Kb / 42P
   High-speed ARM9 System-on-chip Processor with MaverickCrunch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com