Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS61584A-IQ3 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS61584A-IQ3
Description  DUAL T1/E1 LINE INTERFACE
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61584A-IQ3 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS61584A-IQ3 Datasheet HTML 2Page - Cirrus Logic CS61584A-IQ3 Datasheet HTML 3Page - Cirrus Logic CS61584A-IQ3 Datasheet HTML 4Page - Cirrus Logic CS61584A-IQ3 Datasheet HTML 5Page - Cirrus Logic CS61584A-IQ3 Datasheet HTML 6Page - Cirrus Logic CS61584A-IQ3 Datasheet HTML 7Page - Cirrus Logic CS61584A-IQ3 Datasheet HTML 8Page - Cirrus Logic CS61584A-IQ3 Datasheet HTML 9Page - Cirrus Logic CS61584A-IQ3 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
CS61584A
6
DS261PP5
DS261PP5
ANALOG CHARACTERISTICS (T
A = -40 to 85 °C; power supply pins within ±5% of nominal.)
Notes: 7. For input amplitude of 1.2 Vpk to 4.14 Vpk.
8. For input amplitude of 0.5 Vpk to 1.2 Vpk, and 4.14 Vpk to 5.0 Vpk.
9. For input amplitude of 1.07 Vpk to 4.14 Vpk.
10. For input amplitude of 4.14 Vpk to 5.0 Vpk.
11. Jitter tolerance increases at lower frequencies. Refer to the Receiver section.
12. Not production tested. Parameters guaranteed by design and characterization.
13. Typical performance using the line interface circuitry recommended in the Applications section.
14. Return loss = 20 log10 ABS((z1 + z0) / (z1 - z0)) where z1 = impedance of the transmitter or receiver, and
z0 = cable impedance.
15. Attenuation measured with sinusoidal input jitter equal to 3/4 of measured jitter tolerance. Circuit
attenuates jitter at 20 dB/decade above the corner frequency. Output jitter can increase significantly
when more than 28 UI's are input to the attenuator. The jitter attenuator -3 dB knee in T1 mode is
selectable for 4.0 Hz or 1.25 Hz. Refer to the Jitter Attenuator section.
Parameter
Symbol
Min
Typ
Max
Unit
Receiver
RTIP/RRING Differential Input Impedance
-
20
-
k
Sensitivity Below DSX-1 (0 dB = 2.4 V)
-
-13.6
-
dB
Loss of Signal Threshold
-
0.3
-
V
Data Decision Threshold
T1, DSX-1
(Note 7)
(Note 8)
T1, FCC Part 68 and E1
(Note
9)
(Note 10)
60
55
45
40
65
-
50
-
70
75
55
60
% of
Peak
Allowable Consecutive Zeros before LOS
160
175
190
bits
Receiver Input Jitter Tolerance (DSX-1, E1)
10 Hz and below
(Note 11)
2kHz
10 kHz - 100 kHz
300
6.0
0.4
-
-
-
-
-
-
UI
Receiver Return Loss
(Notes 12, 13, and 14)
51 kHz - 102 kHz
102 kHz - 2.048 MHz
2.048 MHz - 3.072 MHz
12
18
14
22
24
22
-
-
-
dB
Jitter Attenuator
Jitter Attenuator Corner Frequency
T1
(Notes 12 and 15)
E1
1.25
-
4.0
1.25
-
-
Hz
Attenuation at 10 kHz Jitter Frequency
(Notes 12 and 15)
-
60
-
dB
Attenuator Input Jitter Tolerance
(Note 12)
(Before Onset of FIFO Overflow or Underflow Protection)
28
43
-
UIpk-pk
Transmitter
Arbitrary Pulse Amplitude at Transformer Secondary
T1, DSX-1
T1, DS1
E1, 75
E1, 120
-
-
-
-
73
52
43
52
-
-
-
-
mV/LS
B
CS61584A
6
DS261F1


Similar Part No. - CS61584A-IQ3

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61581 CIRRUS-CS61581 Datasheet
810Kb / 37P
   T1/E1 Universal Line Interface
CS61581-IL CIRRUS-CS61581-IL Datasheet
810Kb / 37P
   T1/E1 Universal Line Interface
CS61582 CIRRUS-CS61582 Datasheet
484Kb / 32P
   DUAL T1/E1 LINE INTERFACE
CS61582-IQ5 CIRRUS-CS61582-IQ5 Datasheet
484Kb / 32P
   DUAL T1/E1 LINE INTERFACE
CS61583 CIRRUS-CS61583 Datasheet
709Kb / 44P
   DUAL T1/E1 LINE INTERFACE
More results

Similar Description - CS61584A-IQ3

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61583 CIRRUS-CS61583 Datasheet
709Kb / 44P
   DUAL T1/E1 LINE INTERFACE
CS61582 CIRRUS-CS61582 Datasheet
484Kb / 32P
   DUAL T1/E1 LINE INTERFACE
logo
Level One
LXT331 LVL1-LXT331 Datasheet
692Kb / 20P
   Dual T1/E1 Line Interface Unit
logo
Cirrus Logic
CS61304A CIRRUS-CS61304A Datasheet
354Kb / 32P
   T1/E1 Line Interface
logo
List of Unclassifed Man...
CS61577-IL1 ETC-CS61577-IL1 Datasheet
632Kb / 44P
   T1/E1 LINE INTERFACE
logo
Cirrus Logic
CS61535A CIRRUS-CS61535A_09 Datasheet
415Kb / 36P
   T1/E1 Line Interface
CS61574A CIRRUS-CS61574A_09 Datasheet
463Kb / 34P
   T1/E1 Line Interface
CS61577 CIRRUS-CS61577_09 Datasheet
438Kb / 30P
   T1/E1 Line Interface
CS61535A CIRRUS-CS61535A Datasheet
664Kb / 48P
   T1/E1 LINE INTERFACE
CS61577 CIRRUS-CS61577 Datasheet
632Kb / 44P
   T1/E1 LINE INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com