Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS44210-KZ Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS44210-KZ
Description  DIGITAL PWM CONTROLLER WITH HEADPHONE MONITOR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44210-KZ Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS44210-KZ Datasheet HTML 4Page - Cirrus Logic CS44210-KZ Datasheet HTML 5Page - Cirrus Logic CS44210-KZ Datasheet HTML 6Page - Cirrus Logic CS44210-KZ Datasheet HTML 7Page - Cirrus Logic CS44210-KZ Datasheet HTML 8Page - Cirrus Logic CS44210-KZ Datasheet HTML 9Page - Cirrus Logic CS44210-KZ Datasheet HTML 10Page - Cirrus Logic CS44210-KZ Datasheet HTML 11Page - Cirrus Logic CS44210-KZ Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
CS44210
8
DS539PP1
DIGITAL CHARACTERISTICS (T
A = 25° C; VL = 2.4V - 3.6V; GND=0V)
SWITCHING CHARACTERISTICS- CONTROL PORT- TWO-WIRE FORMAT
(Note 8) (TA =25° C; VL = 2.4 V - 5.0 V; Inputs: Logic 0 = GND, Logic 1 = VL, CL =30 pF)
Note:
7. VOH and VOL are tested at an output current of TBD mA.
8. The Two-Wire Format is compatible with the I2C protocol.
9. Data must be held for sufficient time to bridge the transition time, tfc, of SCL.
10. The acknowledge delay is based on MCLK and can limit the maximum transaction speed.
11.
for Single-Speed Mode and
for Double-Speed Mode.
Parameters
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
VIH
0.7 x VL
-
-
V
Low-Level Input Voltage
VIL
--
0.3 x VL
V
Input Leakage Current
Iin
--
±10
µA
Input Capacitance
-8
-
pF
High-Level Output Voltage (Pin 15)
(Note 7)
VOH
0.7 x VL
-
-
V
Low-Level Output Voltage (Pin 15)
(Note 7)
VOL
--
0.3 x VL
V
High-Level Output Voltage (Pins 11, 13, 14)
(Note 7)
VOH
0.7 x VD
-
-
V
Low-Level Output Voltage (Pins 11, 13, 14)
(Note 7)
VOL
-
-
0.3 x VD
V
Parameter
Symbol
Min
Max
Unit
SCL Clock Frequency
fscl
-
100
kHz
RST Rising Edge to Start
tirs
500
-
ns
Bus Free Time Between Transmissions
tbuf
4.7
-
µs
Start Condition Hold Time (prior to first clock pulse)
thdst
4.0
-
µs
Clock Low time
tlow
4.7
-
µs
Clock High Time
thigh
4.0
-
µs
Setup Time for Repeated Start Condition
tsust
4.7
-
µs
SDA Hold Time from SCL Falling
(Note 9)
thdd
0-
µs
SDA Setup time to SCL Rising
tsud
250
-
ns
Rise Time of SCL and SDA
trc, trc
-1
µs
Fall Time SCL and SDA
tfc, tfc
-
300
ns
Setup Time for Stop Condition
tsusp
4.7
-
µs
Acknowledge Delay from SCL Falling
(Note 10)
tack
-
(Note 11)
ns
5
256
Fs
×
---------------------
5
128
F s
×
---------------------


Similar Part No. - CS44210-KZ

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4420C YONGFUKANG-CS4420C Datasheet
3Mb / 13P
   130mW
More results

Similar Description - CS44210-KZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS44L10 CIRRUS-CS44L10 Datasheet
601Kb / 34P
   Digital PWH Headphone Monitor
logo
List of Unclassifed Man...
WT6016 ETC-WT6016 Datasheet
567Kb / 24P
   Digital Monitor Controller
WT60P1 ETC-WT60P1 Datasheet
567Kb / 24P
   Digital Monitor Controller
logo
Weltrend Semiconductor
WT6014 WELTREND-WT6014 Datasheet
436Kb / 19P
   Digital Monitor Controller
logo
List of Unclassifed Man...
WT6018 ETC-WT6018 Datasheet
527Kb / 23P
   Digital Monitor Controller
WT6248 ETC1-WT6248 Datasheet
43Kb / 4P
   Digital Monitor Controller with USB Function
logo
Texas Instruments
UCD9240 TI-UCD9240_08 Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller
UCD9224 TI-UCD9224 Datasheet
1Mb / 34P
[Old version datasheet]   Digital PWM System Controller
logo
Integrated Device Techn...
ZSPM1005 IDT-ZSPM1005 Datasheet
58Kb / 2P
   True Digital PWM Controller
ZSPM1501ZA1W0 IDT-ZSPM1501ZA1W0 Datasheet
8Mb / 101P
   True-Digital PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com