Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14532BCP Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC14532BCP
Description  8-Bit Priority Encoder
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14532BCP Datasheet(HTML) 3 Page - ON Semiconductor

  MC14532BCP Datasheet HTML 1Page - ON Semiconductor MC14532BCP Datasheet HTML 2Page - ON Semiconductor MC14532BCP Datasheet HTML 3Page - ON Semiconductor MC14532BCP Datasheet HTML 4Page - ON Semiconductor MC14532BCP Datasheet HTML 5Page - ON Semiconductor MC14532BCP Datasheet HTML 6Page - ON Semiconductor MC14532BCP Datasheet HTML 7Page - ON Semiconductor MC14532BCP Datasheet HTML 8Page - ON Semiconductor MC14532BCP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC14532B
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
VDD
– 55
_C
25
_C
125
_C
Characteristic
Symbol
VDD
Vdc
Min
Max
Min
Typ (4.)
Max
Min
Max
Unit
Output Voltage
“0” Level
Vin = VDD or 0
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
“1” Level
Vin = 0 or VDD
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Input Voltage
“0” Level
(VO = 4.5 or 0.5 Vdc)
(VO = 9.0 or 1.0 Vdc)
(VO = 13.5 or 1.5 Vdc)
VIL
5.0
10
15
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
Vdc
“1” Level
(VO = 0.5 or 4.5 Vdc)
(VO = 1.0 or 9.0 Vdc)
(VO = 1.5 or 13.5 Vdc)
VIH
5.0
10
15
3.5
7.0
11
3.5
7.0
11
2.75
5.50
8.25
3.5
7.0
11
Vdc
Output Drive Current
(VOH = 2.5 Vdc)
Source
(VOH = 4.6 Vdc)
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
IOH
5.0
5.0
10
15
– 3.0
– 0.64
– 1.6
– 4.2
– 2.4
– 0.51
– 1.3
– 3.4
– 4.2
– 0.88
– 2.25
– 8.8
– 1.7
– 0.36
– 0.9
– 2.4
mAdc
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
IOL
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.88
2.25
8.8
0.36
0.9
2.4
mAdc
Input Current
Iin
15
± 0.1
±0.00001
± 0.1
± 1.0
µAdc
Input Capacitance
(Vin = 0)
Cin
5.0
7.5
pF
Quiescent Current
(Per Package)
IDD
5.0
10
15
5.0
10
20
0.005
0.010
0.015
5.0
10
20
150
300
600
µAdc
Total Supply Current (5.) (6.)
(Dynamic plus Quiescent,
Per Package)
(CL = 50 pF on all outputs, all
buffers switching)
IT
5.0
10
15
IT = (1.74 µA/kHz) f + IDD
IT = (3.65 µA/kHz) f + IDD
IT = (5.73 µA/kHz) f + IDD
µAdc
4. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
5. The formulas given are for the typical characteristics only at 25
_C.
6. To calculate total supply current at loads other than 50 pF:
IT(CL) = IT(50 pF) + (CL – 50) Vfk
where: IT is in µA (per package), CL in pF, V = (VDD – VSS) in volts, f in kHz is input frequency, and k = 0.005.


Similar Part No. - MC14532BCP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14532BCP MOTOROLA-MC14532BCP Datasheet
230Kb / 8P
   8-BIT PRIORITY ENCODER
logo
ON Semiconductor
MC14532BCP ONSEMI-MC14532BCP Datasheet
99Kb / 7P
   MC14532B_06
April, 2006 ??Rev. 6
MC14532BCPG ONSEMI-MC14532BCPG Datasheet
99Kb / 7P
   MC14532B_06
April, 2006 ??Rev. 6
More results

Similar Description - MC14532BCP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14532B MOTOROLA-MC14532B Datasheet
230Kb / 8P
   8-BIT PRIORITY ENCODER
logo
STMicroelectronics
HCC4532B STMICROELECTRONICS-HCC4532B Datasheet
312Kb / 15P
   8-BIT PRIORITY ENCODER
logo
Hitachi Semiconductor
HD14532B HITACHI-HD14532B Datasheet
77Kb / 5P
   8-bit Priority Encoder
logo
STMicroelectronics
HCF4532B STMICROELECTRONICS-HCF4532B_04 Datasheet
477Kb / 13P
   8-BIT PRIORITY ENCODER
logo
ON Semiconductor
MC14532B ONSEMI-MC14532B_14 Datasheet
115Kb / 7P
   8-Bit Priority Encoder
July, 2014 ??Rev. 9
logo
Texas Instruments
CD4532B TI-CD4532B Datasheet
539Kb / 11P
[Old version datasheet]   CMOS 8-Bit Priority Encoder
logo
Intersil Corporation
CD4532BMS INTERSIL-CD4532BMS Datasheet
88Kb / 9P
   CMOS 8-Bit Priority Encoder
December 1992
logo
ON Semiconductor
MC10H165 ONSEMI-MC10H165_06 Datasheet
158Kb / 8P
   8?묲nput Priority Encoder
March, 2006 ??Rev. 7
logo
NXP Semiconductors
74F148 PHILIPS-74F148 Datasheet
85Kb / 10P
   8-input priority encoder
1990 Mar 01
logo
ON Semiconductor
MC10H165 ONSEMI-MC10H165 Datasheet
117Kb / 5P
   8-Input Priority Encoder
REV 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com