Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC14528B Datasheet(PDF) 2 Page - ON Semiconductor

Part No. MC14528B
Description  Dual Monostable Multivibrator
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14528B Datasheet(HTML) 2 Page - ON Semiconductor

  MC14528B Datasheet HTML 1Page - ON Semiconductor MC14528B Datasheet HTML 2Page - ON Semiconductor MC14528B Datasheet HTML 3Page - ON Semiconductor MC14528B Datasheet HTML 4Page - ON Semiconductor MC14528B Datasheet HTML 5Page - ON Semiconductor MC14528B Datasheet HTML 6Page - ON Semiconductor MC14528B Datasheet HTML 7Page - ON Semiconductor MC14528B Datasheet HTML 8Page - ON Semiconductor MC14528B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MC14528B
http://onsemi.com
2
PIN ASSIGNMENT
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
A2
RESET 2
CX2/RX2
VSS
VDD
Q2
Q2
B2
A1
RESET 1
CX1/RX1
VSS
VSS
Q1
Q1
B1
BLOCK DIAGRAM
RESET 1
RESET 2
VDD
VDD
Q1
Q1
Q2
Q2
A1
B1
A2
B2
CX1
CX2
RX2
RX1
12
4
5
3
6
7
14
15
12
11
13
10
9
VDD = PIN 16
VSS = PIN 1, PIN 8, PIN 15
RX AND CX ARE EXTERNAL COMPONENTS
ONE–SHOT SELECTION GUIDE
100 ns
1
ms
10
ms 100 ms 1 ms 10 ms 100 ms
1 s
10 s
MC14528B
MC14536B
MC14538B
MC14541B
MC4538A*
23 HR
5 MIN.
TOTAL OUTPUT PULSE WIDTH RANGE
RECOMMENDED PULSE WIDTH RANGE
*LIMITED OPERATING VOLTAGE (2–6 V)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn