Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14521BD Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC14521BD
Description  24-Stage Frequency Divider
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14521BD Datasheet(HTML) 1 Page - ON Semiconductor

  MC14521BD Datasheet HTML 1Page - ON Semiconductor MC14521BD Datasheet HTML 2Page - ON Semiconductor MC14521BD Datasheet HTML 3Page - ON Semiconductor MC14521BD Datasheet HTML 4Page - ON Semiconductor MC14521BD Datasheet HTML 5Page - ON Semiconductor MC14521BD Datasheet HTML 6Page - ON Semiconductor MC14521BD Datasheet HTML 7Page - ON Semiconductor MC14521BD Datasheet HTML 8Page - ON Semiconductor MC14521BD Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2009
September, 2009 − Rev. 7
1
Publication Order Number:
MC14521B/D
MC14521B
24-Stage Frequency Divider
The MC14521B consists of a chain of 24 flip−flops with an input
circuit that allows three modes of operation. The input will function as a
crystal oscillator, an RC oscillator, or as an input buffer for an external
oscillator. Each flip−flop divides the frequency of the previous flip−flop
by two, consequently this part will count up to 224 = 16,777,216. The
count advances on the negative going edge of the clock. The outputs of
the last seven−stages are available for added flexibility.
Features
All Stages are Resettable
Reset Disables the RC Oscillator for Low Standby Power Drain
RC and Crystal Oscillator Outputs Are Capable of Driving External
Loads
Test Mode to Reduce Test Time
VDD′ and VSS′ Pins Brought Out on Crystal Oscillator Inverter to
Allow the Connection of External Resistors for Low−Power Operation
Supply Voltage Range = 3.0 Vdc to 18 Vdc
Capable of Driving Two Low−Power TTL Loads or One Low−Power
Schottky TTL Load over the Rated Temperature Range
These are Pb−Free Devices*
MAXIMUM RATINGS (Voltages Referenced to VSS)
Parameter
Symbol
Value
Unit
DC Supply Voltage Range
VDD
−0.5 to +18.0
V
Input or Output Voltage Range
(DC or Transient)
Vin, Vout
−0.5 to VDD
+0.5
V
Input or Output Current (DC or Transient)
per Pin
Iin, Iout
±10
mA
Power Dissipation, per Package (Note 1)
PD
500
mW
Ambient Temperature Range
TA
−55 to +125
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Lead Temperature (8−Second Soldering)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Temperature Derating: Plastic “P and D/DW”
Packages: – 7.0 mW/_C From 65_C To 125_C
This device contains protection circuitry to guard against damage due to high
static voltages or electric fields. However, precautions must be taken to avoid
applications of any voltage higher than maximum rated voltages to this
high−impedance circuit. For proper operation, Vin and Vout should be constrained
to the range VSS v (Vin or Vout) v VDD.
Unused inputs must always be tied to an appropriate logic voltage level
(e.g., either VSS or VDD). Unused outputs must be left open.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G
= Pb−Free Package
MARKING
DIAGRAMS
PDIP−16
P SUFFIX
CASE 648
SOIC−16
D SUFFIX
CASE 751B
1
16
14521BG
AWLYWW
SOEIAJ−16
F SUFFIX
CASE 966
1
16
MC14521B
ALYWG
16
1
MC14521BCP
AWLYYWWG
1
1
1


Similar Part No. - MC14521BD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14521BD ONSEMI-MC14521BD Datasheet
119Kb / 9P
   24?뭆tage Frequency Divider
June, 2006 ??Rev. 6
MC14521BDG ONSEMI-MC14521BDG Datasheet
119Kb / 9P
   24?뭆tage Frequency Divider
June, 2006 ??Rev. 6
MC14521BDG ONSEMI-MC14521BDG Datasheet
188Kb / 9P
   24-Stage Frequency Divider
September, 2009 ??Rev. 7
MC14521BDR2 ONSEMI-MC14521BDR2 Datasheet
119Kb / 9P
   24?뭆tage Frequency Divider
June, 2006 ??Rev. 6
MC14521BDR2G ONSEMI-MC14521BDR2G Datasheet
119Kb / 9P
   24?뭆tage Frequency Divider
June, 2006 ??Rev. 6
More results

Similar Description - MC14521BD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14521B ONSEMI-MC14521B Datasheet
188Kb / 9P
   24-Stage Frequency Divider
September, 2009 ??Rev. 7
logo
STMicroelectronics
HCF4521B STMICROELECTRONICS-HCF4521B Datasheet
102Kb / 12P
   24 STAGE FREQUENCY DIVIDER
logo
Toshiba Semiconductor
TC4521BP TOSHIBA-TC4521BP_07 Datasheet
396Kb / 9P
   24-Stage Frequency Divider
logo
Hitachi Semiconductor
HD14521B HITACHI-HD14521B Datasheet
97Kb / 6P
   24-Stage Frequency Divider
logo
Texas Instruments
CD4521BE TI-CD4521BE Datasheet
1Mb / 18P
[Old version datasheet]   CMOS 24-Stage Frequency Divider
CD4521B TI-CD4521B Datasheet
282Kb / 8P
[Old version datasheet]   CMOS 24-STAGE FREQUENCY DIVIDER
CD4521B TI-CD4521B_15 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS 24-STAGE FREQUENCY DIVIDER
logo
Nexperia B.V. All right...
HEF4521B NEXPERIA-HEF4521B_V01 Datasheet
266Kb / 15P
   24-stage frequency divider and oscillator
3 December 2021
logo
NXP Semiconductors
HEF4521B NXP-HEF4521B_09 Datasheet
114Kb / 17P
   24-stage frequency divider and oscillator
Rev. 05-5 November 2009
HEF4521B PHILIPS-HEF4521B Datasheet
159Kb / 11P
   24-stage frequency divider and oscillator
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com