Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5503-BSZ Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5503-BSZ
Description  Non-aliasing, 16- & 20-bit A/D Converters
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5503-BSZ Datasheet(HTML) 4 Page - Cirrus Logic

  CS5503-BSZ Datasheet HTML 1Page - Cirrus Logic CS5503-BSZ Datasheet HTML 2Page - Cirrus Logic CS5503-BSZ Datasheet HTML 3Page - Cirrus Logic CS5503-BSZ Datasheet HTML 4Page - Cirrus Logic CS5503-BSZ Datasheet HTML 5Page - Cirrus Logic CS5503-BSZ Datasheet HTML 6Page - Cirrus Logic CS5503-BSZ Datasheet HTML 7Page - Cirrus Logic CS5503-BSZ Datasheet HTML 8Page - Cirrus Logic CS5503-BSZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
ANALOG CHARACTERISTICS (Continued)
CS5501/3-A, B, C
CS5501/3-S, T
Parameter*
Min
Typ
Max
Min
Typ
Max
Units
Power Supplies
DC Power Supply Currents
IA+
IA-
ID+
ID-
(Note 4)
Power Dissipation
SLEEP High
SLEEP Low
(Note 4)
-
-
-
-
-
-
2
2
1
0.03
25
10
3.2
3.2
1.5
0.1
40
20
-
-
-
-
-
-
2
2
1
0.03
25
10
3.2
3.2
1.5
0.1
40
40
mA
mA
mA
mA
mW
µW
Power Supply Rejection
Positive Supplies
Negative Supplies
(Note 5)
-
-
70
75
-
-
-
-
70
75
-
-
dB
dB
Analog Input
Analog Input Range
Unipolar
0 to +2.5
0 to +2.5
V
Bipolar
-
±2.5
--
±2.5
-V
Input Capacitance
-
20
-
-
20
-
pF
DC Bias Current
(Note 1)
-
1
-
-
1
-
nA
System Calibration Specifications
Positive Full Scale Calibration Range
VREF+0.1
VREF+0.1
V
Positive Full Scale Input Overrange
VREF+0.1
VREF+0.1
V
Negative Full Scale Input Overrange
-(VREF+0.1)
-(VREF+0.1)
V
Maximum Offset
Calibration Range
(Notes 6, 7)
Unipolar Mode
Bipolar Mode
-(VREF +0.1)
-40%VREF to +40%VREF
-(VREF +0.1)
-40%VREF to +40%VREF
V
V
Input Span
(Note 8)
80%
VREF
2VREF
+0.2
80%
VREF
2VREF
+0.2
V
Notes:
4. All outputs unloaded.
5. 0.1Hz to 10Hz. PSRR at 60 Hz will exceed 120 dB due to the benefit of the digital filter.
6. In unipolar mode the offset can have a negative value (-VREF) such that the unipolar mode can mimic
bipolar mode operation.
7. The specifications for Input Overrange and for Input Span apply additional constraints on the offset
calibration range.
8. For Unipolar mode, Input Span is the difference between full scale and zero scale. For Bipolar mode,
Input Span is the difference between positive and negative full scale points. When using less than
the maximum input span, the span range may be placed anywhere within the range of
±(VREF + 0.1).
Specifications are subject to change without notice.
CS5501/CS5503
4
DS31F4
CS5501 CS5503
4
DS31F5


Similar Part No. - CS5503-BSZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5503-BS CIRRUS-CS5503-BS Datasheet
520Kb / 54P
   Low-Cost, 16 & 20-Bit Measurement A/D Converter
More results

Similar Description - CS5503-BSZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5101A CIRRUS-CS5101A_06 Datasheet
574Kb / 39P
   16-bit, 100 kSps / 20 kSps A/D Converters
CS5505_0910 CIRRUS-CS5505_0910 Datasheet
1Mb / 40P
   Very Low Power, 16-Bit and 20-Bit A/D Converters
CS5505 CIRRUS-CS5505_09 Datasheet
1Mb / 40P
   Very Low Power, 16-Bit and 20-Bit A/D Converters
logo
Murata Power Solutions ...
ADS-930 MURATA-PS-ADS-930 Datasheet
297Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
ADS-933 MURATA-PS-ADS-933 Datasheet
134Kb / 8P
   16-Bit, 3MHz Sampling A/D Converters
ADS-931 MURATA-PS-ADS-931 Datasheet
170Kb / 10P
   16-Bit, 1MHz Sampling A/D Converters
ADS-935 MURATA-PS-ADS-935 Datasheet
420Kb / 8P
   16-Bit, 5MHz Sampling A/D Converters
ADS-939 MURATA-PS-ADS-939 Datasheet
223Kb / 7P
   16-Bit, 10MHz Sampling A/D Converters
logo
Analog Devices
ADDAC71 AD-ADDAC71_15 Datasheet
1Mb / 5P
   HIGH RESOLUTION 16 BIT D/A CONVERTERS
ADDAC72 AD-ADDAC72_15 Datasheet
1Mb / 5P
   HIGH RESOLUTION 16 BIT D/A CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com