Electronic Components Datasheet Search |
|
CS5503-BS Datasheet(PDF) 2 Page - Cirrus Logic |
|
CS5503-BS Datasheet(HTML) 2 Page - Cirrus Logic |
2 / 54 page CS5501 ANALOG CHARACTERISTICS (TA = TMIN to TMAX; VA+, VD+ = 5V; VA-, VD- = -5V; VREF = 2.5V; CLKIN = 4.096MHz; Bipolar Mode; MODE = +5V; Rsource = 750 Ω with a 1nF to AGND at AIN (see Note 1); Digital Inputs: Logic 0 = GND; Logic 1 = VD+; unless otherwise specified.) CS5501-A, B, C CS5501-S, T Parameter* Min Typ Max Min Typ Max Units Specified Temperature Range -40 to +85 -55 to +125 °C Accuracy Linearity Error -A, S -B, T -C - - - 0.0015 0.0007 0.0003 0.003 0.0015 0.0012 - - - 0.0007 0.003 0.0015 ±%FS ±%FS ±%FS Differential Nonlinearity TMIN to TMAX - ±1/8 ±1/2 - ±1/8 ±1/2 LSB16 Full Scale Error (Note 2) - ±0.13 ±0.5 - ±0.13 ±0.5 LSB16 Full Scale Drift (Note 3) - ±1.2 -- ±2.3 -LSB16 Unipolar Offset (Note 2) - ±0.25 ±1 - ±0.25 ±1 LSB16 Unipolar Offset Drift (Note 3) - ±4.2 -- +3.0 -25.0 -LSB16 Bipolar Offset (Note 2) - ±0.25 ±1 - ±0.25 ±1 LSB16 Bipolar Offset Drift (Note 3) - ±2.1 -- +1.5 -12.5 -LSB16 Bipolar Negative Full Scale Error (Note 2) - ±0.5 ±2 - ±0.5 ±2 LSB16 Bipolar Negative Full Scale Drift (Note 3) - ±0.6 -- ±1.2 -LSB16 Noise (Referred to Output) - 1/10 - - 1/10 - LSBrms Notes: 1. The AIN pin presents a very high input resistance at dc and a minor dynamic load which scales to the master clock frequency. Both source resistance and shunt capacitance are therefore critical in determining the CS5501’s source impedance requirements. For more information refer the text section Analog Input Impedance Considerations. 2. Applies after calibration at the temperature of interest. 3. Total drift over the specified temperature range since calibration at power-up at 25 °C (see Figure 11). This is guaranteed by design and /or characterization. Recalibration at any temperature will remove these errors. Unipolar Mode Bipolar Mode µV LSB’s %FS ppm FS LSB’s %FS ppm FS 10 0.26 0.0004 4 0.13 0.0002 2 19 0.50 0.0008 8 0.26 0.0004 4 38 1.00 0.0015 15 0.50 0.0008 8 76 2.00 0.0030 30 1.00 0.0015 15 152 4.00 0.0061 61 2.00 0.0030 30 CS5501 Unit Conversion Factors, VREF = 2.5V * Refer to the Specification Definitions immediately following the Pin Description Section. CS5501/CS5503 2 DS31F4 CS5501 CS5503 2 DS31F5 |
Similar Part No. - CS5503-BS |
|
Similar Description - CS5503-BS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |