Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3270205 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3270205
Description  Fuse modular terminal block - PTC 4-HESILED 60 (5X20)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3270205 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3270205 Datasheet HTML 1Page - PHOENIX CONTACT 3270205 Datasheet HTML 2Page - PHOENIX CONTACT 3270205 Datasheet HTML 3Page - PHOENIX CONTACT 3270205 Datasheet HTML 4Page - PHOENIX CONTACT 3270205 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/pi/products/3270205
09/26/2019   Page 1 / 5
Fuse modular terminal block - PTC 4-HESILED 60 (5X20) - 3270205
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Fuse modular terminal block, fuse type: Glass / ceramics / ..., connection method: Push-in connection, cross
section: 0.2 mm²- 6 mm², AWG: 24 - 10, nominal current: 6.3 A, nom. voltage: 60 V, width: 8.2 mm, fuse type:
G / 5 x 20, mounting type: NS 35/7,5, NS 35/15, color: black
Your advantages
 The Push-in connection terminal blocks are characterized by the system features of the CLIPLINE complete system and by easy and tool-free
wiring of conductors with ferrules or solid conductors
 The compact design and front connection enable wiring in a confined space
 In addition to the testing facility in the double function shaft, all terminal blocks provide an additional test connection
Key Commercial Data
Packing unit
50 pc
Minimum order quantity
50 pc
GTIN
GTIN
4055626045481
Technical data
General
Note
The current is determined by the fuse used, the voltage by the selected
LED.
If the fuse is faulty, the downstream circuit will not be disconnected.
Number of levels
1
Number of connections
2
Nominal cross section
4 mm²
Color
black
Insulating material
PA
Flammability rating according to UL 94
V0
Maximum power dissipation for nominal condition
1.6 W
Fuse
G / 5 x 20
Fuse type
Glass / ceramics / ...


Similar Part No. - 3270205

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3270200 PHOENIX-3270200 Datasheet
75Kb / 5P
   Fuse modular terminal block - PTC 4-HESI (5X20)
3270202 PHOENIX-3270202 Datasheet
931Kb / 37P
   Potential distributors - FTRV 8-FE /YEBK
Jun 15, 2022
3270203 PHOENIX-3270203 Datasheet
461Kb / 17P
   Fuse modular terminal block - PTC 4-HESILED 24 (5X20)
3270204 PHOENIX-3270204 Datasheet
931Kb / 37P
   Potential distributors - FTRV 8-FE /BKYE
Jun 15, 2022
3270207 PHOENIX-3270207 Datasheet
917Kb / 36P
   Potential distributors - FTRVB 4-PV /BK
Jun 2, 2022
More results

Similar Description - 3270205

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3270203 PHOENIX-3270203 Datasheet
461Kb / 17P
   Fuse modular terminal block - PTC 4-HESILED 24 (5X20)
3207908 PHOENIX-3207908 Datasheet
90Kb / 6P
   Fuse modular terminal block - PT 4-HESILED 60 (5X20)
3046126 PHOENIX-3046126 Datasheet
492Kb / 19P
   Fuse modular terminal block - UT 4-HESILED 60 (5X20)
1088744 PHOENIX-1088744 Datasheet
758Kb / 29P
   Fuse modular terminal block - PTV 4-HESILED 60 (5X20)
01/21/2022
3036550 PHOENIX-3036550 Datasheet
445Kb / 17P
   Fuse modular terminal block - ST 4-HESILED 60 (5X20)
3070066 PHOENIX-3070066 Datasheet
84Kb / 5P
   Fuse modular terminal block - UT 4-PE/HESILED 60 (5X20)
3214367 PHOENIX-3214367 Datasheet
548Kb / 21P
   Fuse modular terminal block - UT 4-L/HESILED 60 (5X20)
3214322 PHOENIX-3214322 Datasheet
571Kb / 20P
   Fuse modular terminal block - UT 4-PE/L/HESILED 60 (5X20)
09/30/2021
3046090 PHOENIX-3046090 Datasheet
97Kb / 6P
   Fuse modular terminal block - UT 4-HESILED 24 (5X20)
3036547 PHOENIX-3036547 Datasheet
89Kb / 6P
   Fuse modular terminal block - ST 4-HESILED 24 (5X20)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com