Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC001329 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # EC001329
Description  Mini ground terminal block - MPT 2,5-PE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

EC001329 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  EC001329 Datasheet HTML 1Page - PHOENIX CONTACT EC001329 Datasheet HTML 2Page - PHOENIX CONTACT EC001329 Datasheet HTML 3Page - PHOENIX CONTACT EC001329 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/3248130
2/17/14   Page 1 / 4
Mini ground terminal block - MPT 2,5-PE - 3248130
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Mini ground terminal block, Connection method: Push-in connection, Cross section: 0.14 mm² - 4 mm²,
AWG: 26 - 12, Width: 5.2 mm, Height: 32.1 mm, Color: green-yellow, Mounting type: NS 15
Product Features
 Space saving thanks to compact design and mounting option on a 15 mm DIN rail
 Clear arrangement thanks to marking of all terminal points
 Tested for railway applications
 Easy potential distribution thanks to standardized plug-in bridges
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Custom tariff number
85369010
Country of origin
Poland
Technical data
General
Number of levels
1
Number of connections
2
Color
green-yellow
Insulating material
PA
Inflammability class according to UL 94
V0
Area of application
Railway industry
Mechanical engineering
Plant engineering
Rated surge voltage
6 kV
Pollution degree
3
Surge voltage category
III


Similar Part No. - EC001329

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
EC001329 PHOENIX-EC001329 Datasheet
182Kb / 20P
   Installation level terminal block - PTB 2,5-PE/L/TG
EC001329 PHOENIX-EC001329 Datasheet
175Kb / 18P
   Installation level terminal block - PTI 2,5-L/LTB
EC001329 PHOENIX-EC001329 Datasheet
70Kb / 6P
   Mini feed-through terminal block - MPT 2,5
EC001329 PHOENIX-EC001329 Datasheet
195Kb / 25P
   Installation ground terminal block - PTB 2,5-PE/L/NTG
EC001329 PHOENIX-EC001329 Datasheet
175Kb / 19P
   Installation level terminal block - PTI 2,5-PE/L/LB
More results

Similar Description - EC001329

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1073761 PHOENIX-1073761 Datasheet
830Kb / 35P
   Mini ground terminal block - MPT 2,5-NS 15-PE
Nov 16, 2022
1073555 PHOENIX-1073555 Datasheet
1Mb / 46P
   Mini ground terminal block - MPT 2,5-NS 35-PE
Nov 16, 2022
3248110 PHOENIX-3248110 Datasheet
67Kb / 5P
   Mini ground terminal block - MPT 1,5/S-PE
3248032 PHOENIX-3248032 Datasheet
69Kb / 5P
   Mini ground terminal block - MUT 2,5-PE
1402788 PHOENIX-1402788 Datasheet
71Kb / 5P
   Mini ground terminal block - MBK 2,5/E-PE
3248125 PHOENIX-3248125 Datasheet
70Kb / 6P
   Mini feed-through terminal block - MPT 2,5
3248126 PHOENIX-3248126 Datasheet
64Kb / 4P
   Mini feed-through terminal block - MPT 2,5 BU
3249011 PHOENIX-3249011 Datasheet
1Mb / 53P
   Mini feed-through terminal block - MPT 2,5-RZ
Nov 16, 2022
3249005 PHOENIX-3249005 Datasheet
1Mb / 54P
   Mini feed-through terminal block - MPT 2,5-M
Nov 16, 2022
3210596 PHOENIX-3210596 Datasheet
128Kb / 6P
   PITTB 2,5-PE, Ground modular terminal block
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com