Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EC001329 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part No. EC001329
Description  Mini ground terminal block - MPT 2,5-PE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

EC001329 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  EC001329 Datasheet HTML 1Page - PHOENIX CONTACT EC001329 Datasheet HTML 2Page - PHOENIX CONTACT EC001329 Datasheet HTML 3Page - PHOENIX CONTACT EC001329 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.phoenixcontact.com/us/products/3248130
2/17/14   Page 3 / 4
Mini ground terminal block - MPT 2,5-PE - 3248130
Technical data
Connection data
Conductor cross section stranded max.
2.5 mm²
Min. AWG conductor cross section, stranded
26
Max. AWG conductor cross section, stranded
14
Conductor cross section stranded, with ferrule without plastic sleeve min.
0.14 mm²
Conductor cross section stranded, with ferrule without plastic sleeve max. 2.5 mm²
Conductor cross section stranded, with ferrule with plastic sleeve min.
0.14 mm²
Conductor cross section stranded, with ferrule with plastic sleeve max.
2.5 mm²
2 conductors with same cross section, stranded, TWIN ferrules with plastic
sleeve, max.
0.5 mm²
Stripping length
10 mm
Internal cylindrical gage
A3
Classifications
eCl@ss
eCl@ss 4.0
27141121
eCl@ss 4.1
27141121
eCl@ss 5.0
27141141
eCl@ss 5.1
27141141
eCl@ss 6.0
27141141
eCl@ss 7.0
27141141
eCl@ss 8.0
27141141
ETIM
ETIM 3.0
EC001329
ETIM 4.0
EC000901
ETIM 5.0
EC000901
UNSPSC
UNSPSC 6.01
30211811
UNSPSC 7.0901
39121410
UNSPSC 11
39121410
UNSPSC 12.01
39121410
UNSPSC 13.2
39121410
Approvals
Approvals


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn