Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NJM79L24A Datasheet(PDF) 1 Page - New Japan Radio

Part No. NJM79L24A
Description  3-TERMINAL NEGATIVE VOLTAGE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.njr.co.jp/index_e.htm
Logo NJRC - New Japan Radio

NJM79L24A Datasheet(HTML) 1 Page - New Japan Radio

  NJM79L24A Datasheet HTML 1Page - New Japan Radio NJM79L24A Datasheet HTML 2Page - New Japan Radio NJM79L24A Datasheet HTML 3Page - New Japan Radio NJM79L24A Datasheet HTML 4Page - New Japan Radio NJM79L24A Datasheet HTML 5Page - New Japan Radio NJM79L24A Datasheet HTML 6Page - New Japan Radio NJM79L24A Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
NJM79L00
-1-
Ver.2003-07-18
3-TERMINAL NEGATIVE VOLTAGE REGULATOR
■ GENERAL DESCRIPTION
■ PACKAGE OUTLINE
The NJM79L00 series of 3-Terminal Negative Voltage Regulators
is constructed using the New JRC Planar epitaxial process. These
regulators employ internal current-limiting, and thermal-shutdown,
making them essentially indestructible. If adequate heat sinking is
provided, they can deliver up to 100mA output current. They are
intended as fixed voltage regulators in a wide range of applications
including local or on-card regulation for elimination of noise and
distribution problems associated with single-point regulation. In
addition, they can be used with power pass elements to make
high-current voltage regulators. The NJM79L00 used as a Zener
diode/resistor combination replacement, offers an effective output
impedance improvement of typically two orders of magnitude, along
with lower quiescent current and lower noise.
■ FEATURES
• Internal Short Circuit Current Limit
• Internal Thermal Overload Protection
• Excellent Ripple Rejection
• Guarantee'd 100mA Output Current
• Package Outline
TO-92, SOT-89
• Bipolar Technology
■ EQUIVALENT CIRCUIT
NJM79L00A
NJM79L00UA
1. COMMON
2. IN
3. OUT


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MC79LXXA 3-Terminal 0.1A Negative Voltage Regulator 1  2  3  4  5  More Fairchild Semiconductor
LM7905 3-Terminal 1A Negative Voltage Regulator 1  2  3  4  5  More Fairchild Semiconductor
PL7915XE3 3-TERMINAL NEGATIVE VOLTAGE REGULATOR 1  2  3  4  Cystech Electonics Corp.
MC79MXX 3-Terminal 0.5A Negative Voltage Regulator 1  2  3  4  5  More Fairchild Semiconductor
AMC79L05 100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR 1  2  3  4  5  More List of Unclassifed Manufacturers
PL7918XE3 3-TERMINAL NEGATIVE VOLTAGE REGULATOR 1  2  3  4  Cystech Electonics Corp.
PL7924XE3 3-TERMINAL NEGATIVE VOLTAGE REGULATOR 1  2  3  4  Cystech Electonics Corp.
KA79LXXA 3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR 1  2  3  4  5  More Boca Semiconductor Corporation
NTE1961 Integrated Circuit Negative 3-Terminal Voltage Regulator 1  2  3  NTE Electronics
KA79MXX 3-Terminal 0.5A Negative Voltage Regulator 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn