Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NJM79L24A Datasheet(PDF) 2 Page - New Japan Radio

Part No. NJM79L24A
Description  3-TERMINAL NEGATIVE VOLTAGE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.njr.co.jp/index_e.htm
Logo NJRC - New Japan Radio

NJM79L24A Datasheet(HTML) 2 Page - New Japan Radio

  NJM79L24A Datasheet HTML 1Page - New Japan Radio NJM79L24A Datasheet HTML 2Page - New Japan Radio NJM79L24A Datasheet HTML 3Page - New Japan Radio NJM79L24A Datasheet HTML 4Page - New Japan Radio NJM79L24A Datasheet HTML 5Page - New Japan Radio NJM79L24A Datasheet HTML 6Page - New Japan Radio NJM79L24A Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NJM79L00
- 2 -
Ver.2003-07-18
■ ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
(79L03A to 79L09A) - 30
(79L12A to 79L15A) - 35
(79L18A to 79L24A) - 40
V
V
V
Operating Temperature Range
Topr
-40 to +85
ºC
Storage Temperature Range
Tstg
-40 to +125
ºC
Power Dissipation
PD
(TO92) 500
(SOT89) 350
mW
mW
■ ELECTRICAL CHARACTERISTICS (CIN=0.33µF, CO=1.0µF, Tj=25ºC)
Measurement is to be conducted in pulse testing.
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
NJM79L03A
Output Voltage
VO
VIN
=-10V, I0=40mA
-2.88
-3.0
-3.12
V
Line Regulation
∆VO- VIN
VIN
=-7 to -20V, IO=40mA
-
10
60
mV
Load Regulation
∆VO - IO
VIN
=-10V, IO=1 to 100mA
-
4
72
mV
Quiescent Current
IQ
VIN
=-10V, IO=0mA
-
3.5
6.0
mA
Ripple Rejection
RR
VIN
=-8 to -18V, IO=40mA, ein=1VP-P, f=120Hz
45
72
-
dB
Output Noise Voltage
VNO
VIN
=-10V, BW=10Hz to 100kHz, IO=40mA
-
70
-
µV
NJM79L05A
Output Voltage
VO
VIN
=-10V, I0=40mA
-4.8
-5.0
-5.2
V
Line Regulation
∆VO- VIN
VIN
=-7 to -20V, IO=40mA
-
15
150
mV
Load Regulation
∆VO - IO
VIN
=-10V, IO=1 to 100mA
-
7
60
mV
Quiescent Current
IQ
VIN
=-10V, IO=0mA
-
3.5
6.0
mA
Ripple Rejection
RR
VIN
=-8 to -18V, IO=40mA, ein=1VP-P, f=120Hz
41
71
-
dB
Output Noise Voltage
VNO
VIN
=-10V, BW=10Hz to 100kHz, IO=40mA
-
120
-
µV


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MC79LXXA 3-Terminal 0.1A Negative Voltage Regulator 1  2  3  4  5  More Fairchild Semiconductor
LM7905 3-Terminal 1A Negative Voltage Regulator 1  2  3  4  5  More Fairchild Semiconductor
PL7915XE3 3-TERMINAL NEGATIVE VOLTAGE REGULATOR 1  2  3  4  Cystech Electonics Corp.
MC79MXX 3-Terminal 0.5A Negative Voltage Regulator 1  2  3  4  5  More Fairchild Semiconductor
AMC79L05 100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR 1  2  3  4  5  More List of Unclassifed Manufacturers
PL7918XE3 3-TERMINAL NEGATIVE VOLTAGE REGULATOR 1  2  3  4  Cystech Electonics Corp.
PL7924XE3 3-TERMINAL NEGATIVE VOLTAGE REGULATOR 1  2  3  4  Cystech Electonics Corp.
KA79LXXA 3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR 1  2  3  4  5  More Boca Semiconductor Corporation
NTE1961 Integrated Circuit Negative 3-Terminal Voltage Regulator 1  2  3  NTE Electronics
KA79MXX 3-Terminal 0.5A Negative Voltage Regulator 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn