Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVR40112KG Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TVR40112KG
Description  ZINC OXIDE VARISTOR 50 SERIES
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TVR40112KG Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TVR40112KG Datasheet HTML 1Page - List of Unclassifed Manufacturers TVR40112KG Datasheet HTML 2Page - List of Unclassifed Manufacturers TVR40112KG Datasheet HTML 3Page - List of Unclassifed Manufacturers TVR40112KG Datasheet HTML 4Page - List of Unclassifed Manufacturers TVR40112KG Datasheet HTML 5Page - List of Unclassifed Manufacturers TVR40112KG Datasheet HTML 6Page - List of Unclassifed Manufacturers TVR40112KG Datasheet HTML 7Page - List of Unclassifed Manufacturers TVR40112KG Datasheet HTML 8Page - List of Unclassifed Manufacturers TVR40112KG Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
Rua Juquiá, 217
- Vila Antonieta
- S.B.C.
- Cep:09629-040
-
SP - Brasil
Tel: (11) 4367-7411
-
Fax: (11) 4367-7416
-
www.voltts.com.br
-
voltts@voltts.com.br
Pág. 5/43
SPECIFICATION
Max.
Max.
Max.
Varistor
Allowable
Clamping
Max.
Peak
Rated
Reference
Dimensions
Voltage
Voltage
Voltage
Energy
Current
Power
Capacitance
Part No
(8/20µs)
VlmA
AC rms
DC
Vp
Ip
10/1000
1time
2times
@1KHZ
T(max.)
(V)
(V)
(V)
(V)
(A)
(J)
(A)
(A)
(W)
(pf)
(mm)
TVR 07 180
18
11
14
36
2.5
0.9
250
125
0.02
3800
3.9
TVR 07 220
22
14
18
43
2.5
1.1
250
125
0.02
3600
4.1
TVR 07 270
27
17
22
53
2.5
1.4
250
125
0.02
3400
4.3
TVR 07 330
33
20
26
65
2.5
1.7
250
125
0.02
2900
4.5
TVR 07 390
39
25
31
77
2.5
2.1
250
125
0.02
1620
4.0
TVR 07 470
47
30
38
93
2.5
2.5
250
125
0.02
1550
4.1
TVR 07 560
56
35
45
110
2.5
3.1
250
125
0.02
1500
4.3
TVR 07 680
68
40
56
135
2.5
3.6
250
125
0.02
1200
4.6
TVR 07 820
82
50
65
135
10
5.5
1200
600
0.25
900
4.0
TVR 07 101
100
60
85
165
10
6.5
1200
600
0.25
750
4.2
TVR 07 121
120
75
100
200
10
7.8
1200
600
0.25
620
4.4
TVR 07 151
150
95
125
250
10
9.7
1200
600
0.25
500
4.7
TVR 07 181
180
115
150
300
10
11.7
1200
600
0.25
400
4.2
TVR 07 201
200
130
170
340
10
13
1200
600
0.25
360
4.3
TVR 07 221
220
140
180
360
10
14
1200
600
0.25
310
4.4
TVR 07 241
240
150
200
395
10
15
1200
600
0.25
290
4.5
TVR 07 271
270
175
225
455
10
18
1200
600
0.25
260
4.7
TVR 07 301
300
195
250
500
10
21
1200
600
0.25
230
4.6
TVR 07 331
330
215
275
550
10
23
1200
600
0.25
210
4.7
TVR 07 361
360
230
300
595
10
25
1200
600
0.25
190
4.8
TVR 07 391
390
250
320
650
10
25
1200
600
0.25
180
5.0
TVR 07 431
430
275
350
710
10
28
1200
600
0.25
160
5.2
TVR 07 471
470
300
385
775
10
30
1200
600
0.25
150
5.3
TVR 07 511
510
320
410
845
10
33
1200
600
0.25
140
5.5
TVR 07 561
560
350
450
930
10
33
1200
600
0.25
130
5.7
TVR 07 621
620
395
510
1020
10
35
1200
600
0.25
120
6.0
TVR 07 681
680
420
560
1120
10
35
1200
600
0.25
110
6.3
TVR 07 751
750
465
615
1235
10
38
1200
600
0.25
100
6.6
TVR 07 821
820
510
670
1355
10
42
1200
600
0.25
90
6.5
Unit: mm
Disc Ø
D max.
L min.
d nor.
P nor.
7
9.5
30
0.6±0.02
5±1
DIMENSION
ZINC OXIDE VARISTOR 7Ø SERIES


Similar Part No. - TVR40112KG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TVR4G280-AA PANASONIC-TVR4G280-AA Datasheet
6Mb / 67P
   Service Manual
2014
logo
Toshiba Semiconductor
TVR4J TOSHIBA-TVR4J Datasheet
121Kb / 3P
   TOSHIBA Fast Recovery Diode Silicon Diffused Type High Speed Rectifier Applications (fast recovery)
logo
Galaxy Semi-Conductor H...
TVR4J BILIN-TVR4J Datasheet
59Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
TVR4J TAYCHIPST-TVR4J Datasheet
2Mb / 2P
   FAST RECOVERY RECTIFIER
logo
SUNMATE electronic Co.,...
TVR4J SUNMATE-TVR4J Datasheet
123Kb / 2P
   2.0A Axial Leaded Fast Recovery Rectifier
More results

Similar Description - TVR40112KG

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TSV SUNTAN-TSV_17 Datasheet
316Kb / 9P
   ZINC OXIDE VARISTOR
logo
RFE international
14N470K RFE-14N470K Datasheet
4Mb / 6P
   Zinc Oxide Varistor
logo
Suntan Capacitors
TSV SUNTAN-TSV Datasheet
1Mb / 11P
   ZINC OXIDE VARISTOR
logo
Ceramate Technical
SMV0402E CERAMATE-SMV0402E Datasheet
252Kb / 9P
   Zinc Oxide
SMV0402M CERAMATE-SMV0402M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1210A CERAMATE-SMV1210A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0402A CERAMATE-SMV0402A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0603E CERAMATE-SMV0603E Datasheet
251Kb / 9P
   Zinc Oxide
SMV0805M CERAMATE-SMV0805M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1206A CERAMATE-SMV1206A Datasheet
250Kb / 9P
   Zinc Oxide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com