Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14516B Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC14516B
Description  Binary Up/Down Counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14516B Datasheet(HTML) 5 Page - ON Semiconductor

  MC14516B Datasheet HTML 1Page - ON Semiconductor MC14516B Datasheet HTML 2Page - ON Semiconductor MC14516B Datasheet HTML 3Page - ON Semiconductor MC14516B Datasheet HTML 4Page - ON Semiconductor MC14516B Datasheet HTML 5Page - ON Semiconductor MC14516B Datasheet HTML 6Page - ON Semiconductor MC14516B Datasheet HTML 7Page - ON Semiconductor MC14516B Datasheet HTML 8Page - ON Semiconductor MC14516B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC14516B
http://onsemi.com
5
SWITCHING CHARACTERISTICS (9.) (CL = 50 pF, TA = 25_C) (continued)
All Types
Characteristic
Symbol
VDD
Min
Typ (10.)
Max
Unit
Preset or Reset Removal Time
The Preset or Reset signal must be low prior to a
positive–going transition of the clock.
trem
5.0
10
15
650
230
180
325
115
90
ns
Clock Rise and Fall Time
tTLH,
tTHL
5.0
10
15
15
5
4
µs
Setup Time
Carry In to Clock
tsu
5.0
10
15
260
120
100
130
60
50
ns
Hold Time
Clock to Carry In
th
5.0
10
15
0
20
20
– 60
– 20
0
ns
Setup Time
Up/Down to Clock
tsu
5.0
10
15
500
200
150
250
100
75
ns
Hold Time
Clock to Up/Down
th
5.0
10
15
– 70
– 10
0
– 160
– 60
– 40
ns
Setup Time
Pn to PE
tsu
5.0
10
15
– 40
– 30
– 25
– 120
– 70
– 50
ns
Hold Time
PE to Pn
th
5.0
10
15
480
420
420
240
210
210
ns
Preset Enable Pulse Width
tWH
5.0
10
15
200
100
80
100
50
40
ns
9. The formulas given are for the typical characteristics only at 25
_C.
10. Data labelled “Typ” is not to be used for design purposes but is intended as an Indication of the IC’s potential performance.


Similar Part No. - MC14516B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14516B ONSEMI-MC14516B Datasheet
123Kb / 11P
   Binary Up/Down Counter
June, 2006 ??Rev. 7
MC14516B ONSEMI-MC14516B Datasheet
102Kb / 10P
   Binary Up/Down Counter
March, 2014 ??Rev. 10
MC14516BCP ONSEMI-MC14516BCP Datasheet
123Kb / 11P
   Binary Up/Down Counter
June, 2006 ??Rev. 7
MC14516BCPG ONSEMI-MC14516BCPG Datasheet
123Kb / 11P
   Binary Up/Down Counter
June, 2006 ??Rev. 7
MC14516BD ONSEMI-MC14516BD Datasheet
123Kb / 11P
   Binary Up/Down Counter
June, 2006 ??Rev. 7
More results

Similar Description - MC14516B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4516B PHILIPS-HEF4516B Datasheet
129Kb / 10P
   Binary up/down counter
January 1995
logo
Hitachi Semiconductor
HD14516B HITACHI-HD14516B Datasheet
100Kb / 8P
   Binary Up/Down Counter
logo
ON Semiconductor
MC14516B ONSEMI-MC14516B_06 Datasheet
123Kb / 11P
   Binary Up/Down Counter
June, 2006 ??Rev. 7
logo
NXP Semiconductors
HEF4516B NXP-HEF4516B_09 Datasheet
158Kb / 16P
   Binary up/down counter
Rev. 06-11 December 2009
logo
ON Semiconductor
MC14516B ONSEMI-MC14516B_14 Datasheet
102Kb / 10P
   Binary Up/Down Counter
March, 2014 ??Rev. 10
logo
NXP Semiconductors
74HC4516 PHILIPS-74HC4516 Datasheet
100Kb / 14P
   Binary up/down counter
December 1990
logo
Toshiba Semiconductor
TC74HC193AP TOSHIBA-TC74HC193AP_07 Datasheet
475Kb / 12P
   Synchronous Up/Down Binary Counter
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_05 Datasheet
124Kb / 8P
   Binary/Decade Up/Down Counter
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14029B MOTOROLA-MC14029B Datasheet
279Kb / 8P
   Binary/Decade Up/Down Counter
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_15 Datasheet
93Kb / 8P
   Binary/Decade Up/Down Counter
March, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com