Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14504BFEL Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC14504BFEL
Description  Hex Level Shifter for TTL to CMOS or COMS to CMOS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14504BFEL Datasheet(HTML) 4 Page - ON Semiconductor

  MC14504BFEL Datasheet HTML 1Page - ON Semiconductor MC14504BFEL Datasheet HTML 2Page - ON Semiconductor MC14504BFEL Datasheet HTML 3Page - ON Semiconductor MC14504BFEL Datasheet HTML 4Page - ON Semiconductor MC14504BFEL Datasheet HTML 5Page - ON Semiconductor MC14504BFEL Datasheet HTML 6Page - ON Semiconductor MC14504BFEL Datasheet HTML 7Page - ON Semiconductor MC14504BFEL Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC14504B
http://onsemi.com
4
SWITCHING CHARACTERISTICS (CL = 50 pF, TA = 25_C)
VCC
VDD
Limits
Characteristic
Symbol
Shifting Mode
CC
Vdc
DD
Vdc
Min
Typ (5.)
Max
Unit
Propagation Delay, High to Low
tPHL
TTL – CMOS
VDD > VCC
5.0
5.0
10
15
140
140
280
280
ns
CMOS – CMOS
VDD > VCC
5.0
5.0
10
10
15
15
120
120
70
240
240
140
CMOS – CMOS
VCC > VDD
10
15
15
5.0
5.0
10
185
185
175
370
370
350
Propagation Delay, Low to High
tPLH
TTL – CMOS
VDD > VCC
5.0
5.0
10
15
170
160
340
320
ns
CMOS – CMOS
VDD > VCC
5.0
5.0
10
10
15
15
170
170
100
340
340
200
CMOS – CMOS
VCC > VDD
10
15
15
5.0
5.0
10
275
275
145
550
550
290
Output Rise and Fall Time
tTLH, tTHL
ALL
5.0
10
15
100
50
40
200
100
80
ns
5. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.


Similar Part No. - MC14504BFEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14504BFEL ONSEMI-MC14504BFEL Datasheet
106Kb / 8P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
August, 2005 ??Rev. 6
MC14504BFELG ONSEMI-MC14504BFELG Datasheet
141Kb / 7P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
June, 2011 ??Rev. 7
MC14504BFELG ONSEMI-MC14504BFELG Datasheet
121Kb / 7P
   Hex Level Shifter for TTL to CMOS
July, 2014 ??Rev. 9
More results

Similar Description - MC14504BFEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14504B ONSEMI-MC14504B_05 Datasheet
106Kb / 8P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14504B MOTOROLA-MC14504B Datasheet
100Kb / 5P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
REV 3
logo
ON Semiconductor
MC14504B ONSEMI-MC14504B_11 Datasheet
141Kb / 7P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
June, 2011 ??Rev. 7
logo
Texas Instruments
CD4504B-EP TI-CD4504B-EP Datasheet
589Kb / 13P
[Old version datasheet]   CMOS HEX VOLTAGE-LEVEL SHIFTER FOR TTL-TO-CMOS or CMOS-TO-CMOS OPERATION
logo
Intersil Corporation
CD4504BT INTERSIL-CD4504BT Datasheet
33Kb / 3P
   CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
July 1999
logo
Texas Instruments
CD4504B TI1-CD4504B_12 Datasheet
891Kb / 16P
[Old version datasheet]   CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
logo
Intersil Corporation
CD4504BMS INTERSIL-CD4504BMS Datasheet
60Kb / 8P
   CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
December 1992
logo
Texas Instruments
CD4504B TI-CD4504B Datasheet
219Kb / 5P
[Old version datasheet]   CMOS HEX VOLTAGE-LEVEL SHIFTER FOR TTL-TO-CMOS OR CMOS-TO-CMOS OPERATION
CD4504BPWR TI-CD4504BPWR Datasheet
219Kb / 5P
[Old version datasheet]   CMOS HEX VOLTAGE LEVEL SHIFTER FOR TTL TO CMOS OR CMOS TO CMOS OPERATION
logo
ON Semiconductor
MC14504B ONSEMI-MC14504B_14 Datasheet
121Kb / 7P
   Hex Level Shifter for TTL to CMOS
July, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com