Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LBM2016T560J8 Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part No. LBM2016T560J8
Description  Signal Lines Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series M type)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LBM2016T560J8 Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  LBM2016T560J8 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc LBM2016T560J8 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc LBM2016T560J8 Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
Signal Lines Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series M type)
LBM2016T560J8
Features
Item Summary
56uH±5%, 95mA, 0806/2016 (EIA/JIS)
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping Embossed 2000pcs
Products characteristics table
Inductance
56 uH ± 5 %
Case Size (EIA/JIS)
0806/2016
Rated Current (max)
95 mA
DC Resistance (max)
7.67 Ω
DC Resistance (typ)
5.9 Ω
Q (min)
20
LQ Measuring Frequency
2.52 MHz
Self Resonant Frequency (min)
12 MHz
Operating Temp. Range
-40 to +105 ℃
(Including-self-generated heat)
Temperature characteristic
± 5 %
(Inductance change)
RoHS Compliance (10 subst.)
Yes
REACH Compliance (201 subst.)
Yes
Halogen Free
Yes
Soldering
Reflow
External Dimensions
Dimension L
2.0 ±0.2 mm
Dimension W
1.6 ±0.2 mm
Dimension T
1.6 ±0.2 mm
Dimension e
0.5 ±0.2 mm
2020.01.07
1 / 1


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn