Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14070BFEL Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC14070BFEL
Description  CMOS SSI
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14070BFEL Datasheet(HTML) 2 Page - ON Semiconductor

  MC14070BFEL Datasheet HTML 1Page - ON Semiconductor MC14070BFEL Datasheet HTML 2Page - ON Semiconductor MC14070BFEL Datasheet HTML 3Page - ON Semiconductor MC14070BFEL Datasheet HTML 4Page - ON Semiconductor MC14070BFEL Datasheet HTML 5Page - ON Semiconductor MC14070BFEL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC14070B, MC14077B
http://onsemi.com
2
PIN ASSIGNMENT
11
12
13
14
8
9
10
5
4
3
2
1
7
6
OUTC
OUTD
IN 1D
IN 2D
VDD
IN 1C
IN 2C
OUTB
OUTA
IN 2A
IN 1A
VSS
IN 2B
IN 1B
Figure 1. Power Dissipation Test Circuit and Waveform
VDD
Vin
CL
*
IDD
20 ns
20 ns
VDD
VSS
90%
50%
10%
Vin
1/f
50% DUTY CYCLE
*Inverted output on MC14077B only.
Figure 2. Switching Time Test Circuit and Waveforms
VDD
CL
20 ns
VSS
VSS
90%
OUTPUT
#
*
20 ns
VOH
VOL
VDD
tTHL
tTLH
50%
10%
90%
50%
10%
tPLH
tPHL
INPUT
*Inverted output on MC14077B only.
PULSE
GENERATOR
#Connect unused input to VDD for MC14070B, to VSS for MC14077B.
MC14070B
QUAD Exclusive OR
Gate
MC14077B
QUAD Exclusive NOR
Gate
13
11
12
9
8
6
5
2
1
10
4
3
13
12
9
8
6
5
2
1
11
10
4
3
VDD = PIN 14
VSS = PIN 7
(BOTH DEVICES)


Similar Part No. - MC14070BFEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14070BFEL ONSEMI-MC14070BFEL Datasheet
134Kb / 7P
   CMOS SSI Quad Exclusive OR and NOR Gates
October, 2006 ??Rev. 7
MC14070BFELG ONSEMI-MC14070BFELG Datasheet
134Kb / 7P
   CMOS SSI Quad Exclusive OR and NOR Gates
October, 2006 ??Rev. 7
MC14070BFELG ONSEMI-MC14070BFELG Datasheet
126Kb / 7P
   CMOS SSI Quad Exclusive ?쏰R??and ?쏯OR??Gates
June, 2011 ??Rev. 8
More results

Similar Description - MC14070BFEL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCY74027N ETC1-MCY74027N Datasheet
229Kb / 3P
   SSI CMOS
MCY74066N ETC-MCY74066N Datasheet
194Kb / 3P
   SSI CMOS
MCY74013 ETC-MCY74013 Datasheet
223Kb / 3P
   SSI CMOS
MCY74019 ETC-MCY74019 Datasheet
154Kb / 2P
   SSI CMOS
MCY74069N ETC1-MCY74069N Datasheet
131Kb / 2P
   SSI, CMOS BRAMKA ALUMINIOWA
MCY74049N ETC1-MCY74049N Datasheet
170Kb / 3P
   SSI CMOS Bramka aluminiowa
logo
ON Semiconductor
MC14070B ONSEMI-MC14070B_06 Datasheet
134Kb / 7P
   CMOS SSI Quad Exclusive OR and NOR Gates
October, 2006 ??Rev. 7
MC14070B ONSEMI-MC14070B_11 Datasheet
126Kb / 7P
   CMOS SSI Quad Exclusive ?쏰R??and ?쏯OR??Gates
June, 2011 ??Rev. 8
logo
Baumer IVO GmbH & Co. K...
G1M2H IVO-G1M2H Datasheet
630Kb / 4P
   Absolute encoders - SSI
GE400 IVO-GE400 Datasheet
592Kb / 4P
   Absolute encoders - SSI
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com