Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F120 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # C8051F120
Description  Mixed Signal ISP Flash MCU Family
Download  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F120 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button C8051F120 Datasheet HTML 5Page - Silicon Laboratories C8051F120 Datasheet HTML 6Page - Silicon Laboratories C8051F120 Datasheet HTML 7Page - Silicon Laboratories C8051F120 Datasheet HTML 8Page - Silicon Laboratories C8051F120 Datasheet HTML 9Page - Silicon Laboratories C8051F120 Datasheet HTML 10Page - Silicon Laboratories C8051F120 Datasheet HTML 11Page - Silicon Laboratories C8051F120 Datasheet HTML 12Page - Silicon Laboratories C8051F120 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 356 page
background image
Rev. 1.3
9
C8051F120/1/2/3/4/5/6/7
C8051F130/1/2/3
List of Figures
1. System Overview.................................................................................................... 19
Figure 1.1. C8051F120/124 Block Diagram ............................................................. 21
Figure 1.2. C8051F121/125 Block Diagram ............................................................. 22
Figure 1.3. C8051F122/126 Block Diagram ............................................................. 23
Figure 1.4. C8051F123/127 Block Diagram ............................................................. 24
Figure 1.5. C8051F130/132 Block Diagram ............................................................. 25
Figure 1.6. C8051F131/133 Block Diagram ............................................................. 26
Figure 1.7. On-Board Clock and Reset .................................................................... 28
Figure 1.8. On-Chip Memory Map............................................................................ 29
Figure 1.9. Development/In-System Debug Diagram............................................... 30
Figure 1.10. MAC0 Block Diagram ........................................................................... 31
Figure 1.11. Digital Crossbar Diagram ..................................................................... 32
Figure 1.12. PCA Block Diagram.............................................................................. 33
Figure 1.13. 12-Bit ADC Block Diagram ................................................................... 35
Figure 1.14. 8-Bit ADC Diagram............................................................................... 36
Figure 1.15. DAC System Block Diagram ................................................................ 37
Figure 1.16. Comparator Block Diagram .................................................................. 38
2. Absolute Maximum Ratings .................................................................................. 39
3. Global DC Electrical Characteristics .................................................................... 40
4. Pinout and Package Definitions............................................................................ 42
Figure 4.1. C8051F120/2/4/6 Pinout Diagram (TQFP-100) ..................................... 50
Figure 4.2. C8051F130/2 Pinout Diagram (TQFP-100) ........................................... 51
Figure 4.3. TQFP-100 Package Drawing ................................................................. 52
Figure 4.4. C8051F121/3/5/7 Pinout Diagram (TQFP-64) ....................................... 53
Figure 4.5. C8051F131/3 Pinout Diagram (TQFP-64) ............................................. 54
Figure 4.6. TQFP-64 Package Drawing ................................................................... 55
5. ADC0 (12-Bit ADC, C8051F120/1/4/5 Only)........................................................... 57
Figure 5.1. 12-Bit ADC0 Functional Block Diagram ................................................. 57
Figure 5.2. Typical Temperature Sensor Transfer Function..................................... 58
Figure 5.3. ADC0 Track and Conversion Example Timing....................................... 60
Figure 5.4. ADC0 Equivalent Input Circuits.............................................................. 61
Figure 5.5. AMX0CF: AMUX0 Configuration Register ............................................. 62
Figure 5.6. AMX0SL: AMUX0 Channel Select Register........................................... 63
Figure 5.7. ADC0CF: ADC0 Configuration Register ................................................ 64
Figure 5.8. ADC0CN: ADC0 Control Register.......................................................... 65
Figure 5.9. ADC0H: ADC0 Data Word MSB Register .............................................. 66
Figure 5.10. ADC0L: ADC0 Data Word LSB Register.............................................. 66
Figure 5.11. ADC0 Data Word Example................................................................... 67
Figure 5.12. ADC0GTH: ADC0 Greater-Than Data High Byte Register .................. 68
Figure 5.13. ADC0GTL: ADC0 Greater-Than Data Low Byte Register.................... 68
Figure 5.14. ADC0LTH: ADC0 Less-Than Data High Byte Register........................ 69
Figure 5.15. ADC0LTL: ADC0 Less-Than Data Low Byte Register ......................... 69


Similar Part No. - C8051F120

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F120 SILABS-C8051F120 Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
1Mb / 16P
   The C8051F12x series is pin compatible
C8051F120 SILABS-C8051F120 Datasheet
6Mb / 350P
   8K ISP FLASH MCU Family
Rev. 1.5
C8051F120-GQ SILABS-C8051F120-GQ Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com