Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QOB145FT Datasheet(PDF) 1 Page - Schneider Electric

Part # QOB145FT
Description  Mini CB, QO, 45 A, 1P, 120/240 V, 10 kA, Bolt on, FT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

QOB145FT Datasheet(HTML) 1 Page - Schneider Electric

  QOB145FT Datasheet HTML 1Page - Schneider Electric QOB145FT Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
QOB145FT
Mini CB, QO, 45 A, 1P, 120/240 V, 10 kA, Bolt on,
FT
Main
Product
Miniature circuit-breaker
Range
QO
Current Rating
45 A
Voltage Rating
120/240 V AC
120 V AC
48 V DC
Mounting Type
Bolt-on
Number of Poles
1P
Circuit Breaker Type
Standard
Ratings
HACR rated
Electrical Connection
Box lugs
Complementary
Inturrupt Rating
10 kA 120/240 V AC 50/60 Hz
10 kA 120 V AC 50/60 Hz
5 kA 48 V DC
Number of Panel Spaces
1
Wire Size
AWG 8...AWG 2 copper or aluminium
Tightening torque
44.25 lbf.in (5 N.m) 0.02…0.04 in² (10…25 mm²) AWG 8...AWG 2)
Height
79.25 mm (3.12 in)
Depth
73.91 mm (2.91 in)
Width
19.05 mm (0.75 in)
Environment
Certifications
UL listed
CSA
Ambient Rating
104 °F (40 °C)
Dec 30, 2019
1


Similar Part No. - QOB145FT

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB145 SCHNEIDER-QOB145 Datasheet
125Kb / 3P
   Mini CB, QO, 45 A, 1P, 120/240 V, 10 kA, Bolt on
QOB1451021 SCHNEIDER-QOB1451021 Datasheet
111Kb / 2P
   Mini CB, QO, 45 A, 1P, 120/240 V, 10 kA, Bolt on, Shunt Trip
QOB1451042 SCHNEIDER-QOB1451042 Datasheet
118Kb / 2P
   Mini CB, QO, 45 A, 1P, 120/240 V, 10 kA, Bolt on, Shunt Trip
QOB14535 SCHNEIDER-QOB14535 Datasheet
102Kb / 2P
   Mini CB, QO, 45 A, 1P, 120/240 V, 10 kA, Bolt on, 50Deg
More results

Similar Description - QOB145FT

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB145 SCHNEIDER-QOB145 Datasheet
125Kb / 3P
   Mini CB, QO, 45 A, 1P, 120/240 V, 10 kA, Bolt on
QOB110FT SCHNEIDER-QOB110FT Datasheet
113Kb / 2P
   Mini CB, QO, 10 A, 1P, 120/240 V, 10 kA, Bolt on, FT
QOB14535 SCHNEIDER-QOB14535 Datasheet
102Kb / 2P
   Mini CB, QO, 45 A, 1P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB130FT SCHNEIDER-QOB130FT Datasheet
57Kb / 2P
   Mini CB, QO, 30 A, 1P, 120/240 V, 10 kA, Bolt on, FT
QOB140FT SCHNEIDER-QOB140FT Datasheet
57Kb / 2P
   Mini CB, QO, 40 A, 1P, 120/240 V, 10 kA, Bolt on, FT
QOB115FT SCHNEIDER-QOB115FT Datasheet
106Kb / 2P
   Mini CB, QO, 15 A, 1P, 120/240 V, 10 kA, Bolt on, FT
QOB135FT SCHNEIDER-QOB135FT Datasheet
57Kb / 2P
   Mini CB, QO, 35 A, 1P, 120/240 V, 10 kA, Bolt on, FT
QOB125FT SCHNEIDER-QOB125FT Datasheet
56Kb / 2P
   Mini CB, QO, 25 A, 1P, 120/240 V, 10 kA, Bolt on, FT
QOB120FT SCHNEIDER-QOB120FT Datasheet
106Kb / 2P
   Mini CB, QO, 20 A, 1P, 120/240 V, 10 kA, Bolt on, FT
QOB345FT SCHNEIDER-QOB345FT Datasheet
132Kb / 2P
   Mini CB, QO, 45 A, 3P, 120/240 V, 10 kA, Bolt on, FT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com