Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBC2518T331M8 Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # LBC2518T331M8
Description  Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series)[LBC]
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LBC2518T331M8 Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  LBC2518T331M8 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc LBC2518T331M8 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc LBC2518T331M8 Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series)[LBC]
LBC2518T331M8
Features
Item Summary
330uH±20%, 65mA, 1007/2518 (EIA/JIS)
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping Embossed 2000pcs
Products characteristics table
Inductance
330 uH ± 20 %
Case Size (EIA/JIS)
1007/2518
Rated Current (max)
65 mA
DC Resistance (max)
15.99 Ω
DC Resistance (typ)
12.3 Ω
LQ Measuring Frequency
0.796 MHz
Self Resonant Frequency (min)
4.5 MHz
Operating Temp. Range
-40 to +105 ℃
(Including-self-generated heat)
Temperature characteristic
± 25 %
(Inductance change)
RoHS Compliance (10 subst.)
Yes
REACH Compliance (201 subst.)
Yes
Halogen Free
Yes
Soldering
Reflow
External Dimensions
Dimension L
2.5 ±0.2 mm
Dimension W
1.8 ±0.2 mm
Dimension T
1.8 ±0.2 mm
Dimension e
0.5 ±0.2 mm
2020.01.06
1 / 1


Similar Part No. - LBC2518T331M8

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LBC2518T331M TAIYO-YUDEN-LBC2518T331M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
LBC2518T331M TAIYO-YUDEN-LBC2518T331M Datasheet
282Kb / 3P
   Wire-wound Chip Inductors (LB series)[LBC]
LBC2518T331MV TAIYO-YUDEN-LBC2518T331MV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
LBC2518T331MV TAIYO-YUDEN-LBC2518T331MV Datasheet
276Kb / 2P
   Wire-wound Chip Inductors for Medical / Industrial Applications (LB series)[LBC]
LBC2518T331MV TAIYO-YUDEN-LBC2518T331MV_V01 Datasheet
276Kb / 2P
   Wire-wound Chip Inductors for Medical / Industrial Applications (LB series)[LBC]
More results

Similar Description - LBC2518T331M8

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LBC3225T3R3MR8 TAIYO-YUDEN-LBC3225T3R3MR8 Datasheet
286Kb / 3P
   Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series)[LBC]
LBC2016T1R0M8 TAIYO-YUDEN-LBC2016T1R0M8 Datasheet
296Kb / 3P
   Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series)[LBC]
LBC2016T100K8 TAIYO-YUDEN-LBC2016T100K8_V01 Datasheet
295Kb / 3P
   Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series)[LBC]
LBC2518T220M8 TAIYO-YUDEN-LBC2518T220M8 Datasheet
295Kb / 3P
   Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series)[LBC]
LBC3225T1R0MR8 TAIYO-YUDEN-LBC3225T1R0MR8_V01 Datasheet
296Kb / 3P
   Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series)[LBC]
2019/11/1
LBC2518T221M8 TAIYO-YUDEN-LBC2518T221M8 Datasheet
294Kb / 3P
   Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series)[LBC]
LBC2012T470M8 TAIYO-YUDEN-LBC2012T470M8 Datasheet
276Kb / 2P
   Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series)[LBC]
LBC2518T470M8 TAIYO-YUDEN-LBC2518T470M8 Datasheet
276Kb / 2P
   Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series)[LBC]
LBC2518T681M8 TAIYO-YUDEN-LBC2518T681M8 Datasheet
276Kb / 2P
   Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series)[LBC]
LBC3225T1R5MR8 TAIYO-YUDEN-LBC3225T1R5MR8 Datasheet
276Kb / 2P
   Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series)[LBC]
LBC3225T2R2MR8 TAIYO-YUDEN-LBC3225T2R2MR8 Datasheet
276Kb / 2P
   Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series)[LBC]
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com