Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C2308-1HWI Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C2308-1HWI
Description  3.3V Zero-Delay Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2308-1HWI Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C2308-1HWI Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2308-1HWI Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2308-1HWI Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2308-1HWI Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2308-1HWI Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2308-1HWI Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C2308-1HWI Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C2308-1HWI Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C2308-1HWI Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
PS8384D
06/26/01
ProductFeatures
• 10 MHz to 134 MHz operating range
• Zero input-output propagation delay, adjustable by external
capacitive load on FBK input
• Multiple configurations, see “Available PI6C2308
Configurations” table
• Input to output delay, less than 200ps
• Multiple low skew outputs
- Output-output skew less than 200ps
- Device-device skew less than 600ps
- Two banks of four outputs, Hi-Z by two select inputs
• Low Jitter, less than 200ps
• 3.3Voperation
• Space-saving Packages:
16-pin, 150-mil SOIC package (W16) (-1, -1H, -2, -3, -4, -6)
16-pinTSSOPpackage(L16)(-1,-1H)
• Available in industrial and commercial temperatures
FunctionalDescription
Providing two banks of four outputs, the PI6C2308 is a 3.3V zero-
delay buffer designed to distribute clock signals in applications
includingPC,workstation,datacom,telecom,andhigh-performance
systems. Each bank of four outputs can be controlled by the select
inputs as shown in the Select Input Decoding Table.
The PI6C2308 provides 8 copies of a clock signal that has 200ps
phase error compared to a reference clock. The skew between the
output clock signals for PI6C2308 is less than 200ps. When there
are no rising edges on the REF input, the PI6C2308 enters a power
down state. In this mode, the PLL is off and all outputs are Hi-Z.
This results in less than 12µA of current draw. The Select Input
Decoding Table shows additional examples when the PLL shuts
down.ThePI6C2308configurationtableshowsall availabledevices.
The base part, PI6C2308-1, provides output clocks in sync with a
reference clock. With faster rise and fall times, the PI6C2308-1H
is the high drive version of the PI6C2308-1. Depending on which
output drives the feedback pin, PI6C2308-2 provides 2X and 1X
clock signals on each output bank. The PI6C2308-3 allows the user
to obtain 4X and 2X frequencies on the outputs. The PI6C2308-4
provides2Xclocksignalsonalloutputs.PI6C2308(-1,-2,-3,-4)allows
bank B to be Hi-Z when all output clocks are not required.The
PI6C2308-6 allows bank B to switch from Reference clock to half
of the frequency of Reference clock using the control inputs S1 and
S2 if Bank A is connected to feedback FBK. In addition, using the
control inputs S1 and S2, the PI6C2308-6 allows bank A to switch
from Reference clock to 2X the frequency of Reference clock if
Bank B is connected to feedback FBK. For testing purposes, the
select inputs connect the input clock directly to outputs.
Block Diagrams
Pin Configuration PI6C2308 (–1, –1H, –2, –3, –4, –6)
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
3.3V Zero-Delay Buffer
PI6C2308
1
2
3
VDD
4
GND
5
CLKA2
6
CLKB2
7
S1
8
CLKB1
FBK
CLKA3
VDD
CLKB4
CLKB3
S2
16
15
14
13
12
11
10
9
REF
CLKA1
GND
CLKA4
16-Pin
W,L
PLL
MUX
REF
S2
S1
Select Input
Decoding
FBK
CLKA1
CLKA2
CLKA3
CLKA4
CLKB2
CLKB3
CLKB4
CLKB1
PI6C2308-6
MUX
÷2
÷2
PLL
MUX
Extra Divider (-3, -4)
Extra Divider (-2,-3)
REF
S2
S1
Select Input
Decoding
FBK
CLKA1
CLKA2
CLKA3
CLKA4
CLKB2
CLKB3
CLKB4
CLKB1
PI6C2308 (-1, -1H, -2, -3, -4)
÷2


Similar Part No. - PI6C2308-1HWI

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
PI6C2308A-1 PERICOM-PI6C2308A-1 Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
PI6C2308A-1H PERICOM-PI6C2308A-1H Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
PI6C2308A-1HL PERICOM-PI6C2308A-1HL Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
PI6C2308A-1HLI PERICOM-PI6C2308A-1HLI Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
More results

Similar Description - PI6C2308-1HWI

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304 Datasheet
109Kb / 8P
   3.3V Zero Delay Buffer
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
   3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_08 Datasheet
258Kb / 9P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com