Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ECS-9000-6FR Datasheet(PDF) 1 Page - Vecow Co., Ltd.

Part No. ECS-9000-6FR
Description  ECS-9000, 6 GigE LAN with 2 SFP, 2 SSD Tray, 6 USB 3.0, 4 COM, 3 SIM, 16 GPIO
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VECOW [Vecow Co., Ltd.]
Homepage  http://www.vecow.com
Logo 

ECS-9000-6FR Datasheet(HTML) 1 Page - Vecow Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
Features
High-performance Fanless Systems
ECS-9000-6FR
ƒ
LGA 1151 Socket supports workstation-grade Intel® Xeon®/
Core™ i7/i5/i3 Processor with Intel® C236 Chipset
ƒ
Fanless, -40°C to 75°C Operating Temperature
ƒ
6 Independent GigE LAN with 2 SFP, iAMT 11.0 supported
ƒ
DVI-I, DVI-D and DisplayPort display interface, up to 4K display
ƒ
Front-access : 2 2.5" SSD Tray, 3 SIM Socket, 1 CFast, 4 USB 3.0
ƒ
3 Mini PCIe for WiFi/4G/3G/LTE/GPRS/UMTS
ƒ
4 COM, 6 USB 3.0, 16 GPIO
ƒ
6V to 36V DC Power Input with 80V Surge Protection
ƒ
Configurable Ignition Power Control
Quad Core Intel® Xeon®/Core™ i7/i5/i3 (Kaby Lake) Fanless Embedded System with Intel® C236 Chipset, 6 GigE LAN with 2 SFP, 2 Front-
access SSD Tray, 3 SIM, 6 USB 3.0, High Performance, Rugged, -40°C to 75°C Extended Temperature
System
Processor
Intel
® Xeon®/Core™ i7/i5/i3 Processor (Kaby Lake-S/Skylake-S)
Chipset
Intel
® C236
BIOS
AMI
SIO
IT8786E
Memory
2 DDR4 2400/2133 MHz SO-DIMM, up to 64GB
I/O Interface
Serial
4 COM RS-232/422/485
USB
ƒ
6 USB 3.0 (External)
ƒ
1 USB 2.0 (Internal)
GPIO
16 GPIO
LED
Power, HDD, Wireless
SIM Card
3 SIM Card Socket (External)
Expansion
Mini PCIe
3 Mini PCIe Socket :
ƒ
2 Full-size for PCIe/USB/External SIM Card/mSATA
ƒ
1 Half-size for PCIe/USB 3.0/External SIM Card
Graphics
Graphics
Processor
Intel
® HD Graphics P630/630/P530/530
Display
Memory
Shared Memory, up to 1.7GB
Interface
ƒ
DVI-I : Up to 1920 x 1200 @ 60Hz
ƒ
DVI-D : Up to 1920 x 1200 @ 60Hz
ƒ
DisplayPort : Up to 4096 x 2304 @ 60Hz
Storage
SATA
2 SATA III (6Gbps)
mSATA
2 SATA III (Mini PCIe Type, 6Gbps)
SATA DOM
1 SATA II (3Gbps)
Storage
Device
ƒ
1 CFast Socket, Push-in/Push-out Ejector
ƒ
2 Front-access 2.5"SSD/HDD Tray
Audio
Audio Codec
Realtek ALC892, 5.1 Channel HD Audio
Audio
Interface
1 Mic-in, 1 Line-out
Ethernet
LAN 1
Intel
® I219LM GigE LAN supports iAMT 11.0
LAN 2
Intel
® I210 GigE LAN
LAN 3
Intel
® I210 GigE LAN
LAN 4
Intel
® I210 GigE LAN
SFP
LAN 5
Intel
® I350 GigE LAN supports SFP
LAN 6
Intel
® I350 GigE LAN supports SFP
Power
Power Input
6V to 36V, DC-in
Power
Interface
ƒ
3-pin Terminal Block : V+, V-, Frame Ground
ƒ
Mini-DIN 4-pin
Ignition
Control
16 Mode (Internal)
Remote
Switch
3-pin Terminal Block : On, Off, IGN
Surge
Protection
Up to 80V/1ms Transient Power
Others
TPM
Optional Infineon SLB9665 supports TPM 2.0, LPC Interface
Watchdog
Timer
Reset : 1 to 255 sec./min. per step
Smart
Management
Wake on LAN, PXE supported
HW Monitor
Monitoring temperature, voltages. Auto throttling control
when CPU overheats.
Software Support
OS
Windows 10, Windows 8.1, Windows 7, Linux
Mechanical
Dimensions
260mm x 175mm x 79mm (10.24" x 6.89" x 3.11")
Weight
3.8 kg (8.38 lb)
Mounting
ƒ
Wallmount by mounting bracket
ƒ
DIN Rail Mount (Optional)
ƒ
2U Rackmount (Optional)
Environment
Operating
Temperature
35W TDP CPU :
ƒ
Core™ i7, i5, i3 : -40°C to 75°C (-40°F to 167°F)
ƒ
Xeon
® E3-1268L v5 : -40°C to 70°C (-40°F to 158°F)
65W TDP CPU :
Core™ i7, i5, i3 : -40°C to 55°C (-40°F to 131°F)
80W TDP CPU :
Xeon
® E3-1275 v6, E3-1275 v5, E3-1225 v5 : -40°C to
45°C (-40°F to 113°F)
Storage
Temperature
-40°C to 85°C (-40°F to 185°F)
Humidity
5% to 95% Humidity, non-condensing
Relative
Humidity
95% @ 75°C
Shock
ƒ
IEC 60068-2-27
ƒ
SSD : 50G @ wallmount, Half-sine, 11ms
Vibration
ƒ
IEC 60068-2-64
ƒ
SSD : 5Grms, 5Hz to 500Hz, 3 Axis
Certification
E13, CE, FCC, EN50155, EN50121-3-2


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn