Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM2SN64EPN Datasheet(PDF) 8 Page - Texas Instruments

Part # TM2SN64EPN
Description  SYNCHRONOUS DYNAMIC RAM MODULES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TM2SN64EPN Datasheet(HTML) 8 Page - Texas Instruments

Back Button TM2SN64EPN Datasheet HTML 4Page - Texas Instruments TM2SN64EPN Datasheet HTML 5Page - Texas Instruments TM2SN64EPN Datasheet HTML 6Page - Texas Instruments TM2SN64EPN Datasheet HTML 7Page - Texas Instruments TM2SN64EPN Datasheet HTML 8Page - Texas Instruments TM2SN64EPN Datasheet HTML 9Page - Texas Instruments TM2SN64EPN Datasheet HTML 10Page - Texas Instruments TM2SN64EPN Datasheet HTML 11Page - Texas Instruments TM2SN64EPN Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TM2SN64EPN 2097152 BY 64-BIT
TM4SN64EPN 4194304 BY 64-BIT
SYNCHRONOUS DYNAMIC RAM MODULES
SMMS696 – AUGUST 1997
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
electrical characteristics over recommended ranges of supply voltage and ambient temperature
(unless otherwise noted) (see Note 3)
TM4SN64EPN
PARAMETER
TEST CONDITIONS
’4SN64EPN-10
’4SN64EPN-12
UNIT
PARAMETER
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNIT
VOH
High-level output voltage
IOH = – 2 mA
2.4
2.4
V
VOL
Low-level output voltage
IOL = 2 mA
0.4
0.4
V
II
Input current (leakage)
0 V < VI < VDD + 0.3 V,
All other pins = 0 V to VDD
"20
"20
µA
IO
Output current (leakage)
0 V < VO < VDD +0.3 V,
Output disabled
"20
"20
µA
ICC1
Operating current
Burst length = 1,
tRC ≥ tRC MIN
CAS latency = 2
768
728
mA
ICC1
Operating current
RC
RC
IOH/IOL = 0 mA, one bank
activated (see Note 4)
CAS latency = 3
848
728
mA
ICC2P
Precharge standby current in
CKE
≤ VIL MAX, tCK = 15 ns (see Note 5)
32
32
mA
ICC2PS
gy
power-down mode
CKE and CK
≤ VIL MAX, tCK = ∞ (see Note 6)
32
32
mA
ICC2N
Precharge standby current in
CKE
≥ VIH MIN, tCK = 15 ns (see Note 5)
400
400
mA
ICC2NS
Precharge standby current in
non-power-down mode
CKE
≥ VIH MIN, CK ≤ VIL MAX, tCK = ∞
(see Note 6)
32
32
mA
ICC3P
Active standby current in
CKE
≤ VIL MAX, tCK = 15 ns (see Note 5)
48
48
mA
ICC3PS
y
power-down mode
CKE and CK
≤ VIL MAX, tCK = ∞ (see Note 6)
48
48
mA
ICC3N
Active standby current in
CKE
≥ VIH MIN, tCK = 15 ns (see Note 5)
480
480
mA
ICC3NS
Active standby current in
non-power-down mode
CKE
≥ VIH MIN, CK ≤ VIL MAX, tCK = ∞
(see Note 6)
160
160
mA
ICC4
Burst current
Page burst, IOH/IOL = 0 mA
All banks activated,
CAS latency = 2
808
768
mA
ICC4
Burst current
,
nCCD = one cycle
(see Note 7)
CAS latency = 3
1048
1008
mA
ICC5
Auto refresh current
tRC ≤ tRC MIN
CAS latency = 2
688
648
mA
ICC5
Auto-refresh current
tRC ≤ tRC MIN
CAS latency = 3
768
648
mA
ICC6
Self-refresh current
CKE
≤ VIL MAX
32
32
mA
NOTES:
3. All specifications apply to the device after power-up initialization. All control and address inputs must be stable and valid.
4. Control, DQ, and address inputs change state twice during tRC.
5. Control, DQ, and address inputs change state once every 30 ns.
6. Control, DQ, and address inputs do not change.
7. Control, DQ, and address inputs change once every cycle.


Similar Part No. - TM2SN64EPN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM2SN64EPH TI1-TM2SN64EPH Datasheet
263Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SN64EPU TI-TM2SN64EPU Datasheet
271Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SN64EPU-12 TI-TM2SN64EPU-12 Datasheet
271Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SN64EPU-12A TI-TM2SN64EPU-12A Datasheet
271Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
More results

Similar Description - TM2SN64EPN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM2SN64EPU TI-TM2SN64EPU Datasheet
271Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM4SP64KPN TI1-TM4SP64KPN Datasheet
267Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2TR64EPH TI1-TM2TR64EPH Datasheet
365Kb / 22P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFN TI1-TM2CN64EFN Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM8LR64JFN TI1-TM8LR64JFN Datasheet
292Kb / 17P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPH TI1-TM2SR72EPH Datasheet
268Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPN TI1-TM2SR72EPN Datasheet
266Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM4TT64KPN TI1-TM4TT64KPN Datasheet
264Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM16EN64HPU TI1-TM16EN64HPU Datasheet
350Kb / 21P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFH TI1-TM2CN64EFH Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SN64EPH TI1-TM2SN64EPH Datasheet
263Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com