Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L3092 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L3092
Description  SLIC KIT OPTIMIZED FOR APPLICATIONS WITH BOTH FIRST AND SECOND GENERATION COMBOS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3092 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L3092 Datasheet HTML 3Page - STMicroelectronics L3092 Datasheet HTML 4Page - STMicroelectronics L3092 Datasheet HTML 5Page - STMicroelectronics L3092 Datasheet HTML 6Page - STMicroelectronics L3092 Datasheet HTML 7Page - STMicroelectronics L3092 Datasheet HTML 8Page - STMicroelectronics L3092 Datasheet HTML 9Page - STMicroelectronics L3092 Datasheet HTML 10Page - STMicroelectronics L3092 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
c) Ringing (RING)
d) Boost Battery (BB),(see Appendix B).
The fifth status, Power down (PD), is set by the
output pin PDO of the L3092 that disconnect the
Bias Resistor, RH, of L3000N from ground.
The main difference between Stand-by and
Power down is that in SBY the power consump-
tion on the voltage battery VB– (– 48V) is reduced
but the L3000N DC Feeding and monitoring cir-
cuits are still active, in PD the power consumption
on VB- is reduced to zero, and the L3000N is
completely switched off.
SLIC OPERATING MODES
Through the L3092 Digital Interface it is possible to
select six different SLIC OPERATING MODES :
1) Conversation or Active Mode (CVS)
2) Stand - By Mode (SBY)
3) Power - Down Mode (PD)
4) Automatic Stand - By Mode (ASBY)
5) Test Mode (TS)
6) Ringing Mode (RNG)
1) CONVERSATION (CVS) OR ACTIVE MODE
This operating mode is set by the control proces-
sor when the Off hook condition has been recog-
nized,
As far as the DC Characteristic is concerned two
different feeding conditions are present :
a) Current limiting region : the DC impedance of
the SLIC is very high (> 20K
Ω) and therefore the
system works like a current generator. By the
L3092 Digital Interface it is possible to selects the
value of the limiting current.:
60mA, 40mA or 25mA.
b) A standard resistive feeding mode : the charac-
teristic is equal to a battery voltage (VB-) minus
5V, in series with a resistor, whose value is set by
external components (see external component list
of L3092).
Switching between the two regions is automatic
without discontinuity, and depends on the loop re-
sistance. The SLIC AC characteristics are guar-
anteed in both regions.
Fig. 1 shows the DC characteristic in conversa-
tion mode.
Fig. 2 shows the line current versus loop resis-
tance for two different battery values and RFS =
200
Ω.
The allowed maximum loop resistance depends
on the values of the battery voltage (VB), on the
RFS and on the value of the longitudinal current
(IGDK). With a battery voltage of 48V, RFS = 200
and IGDK = 0mA, the maximum loop resistance is
over 3000
Ω and with IGDK = 20mA is about
2000
Ω (see Application Note on maximum loop
resistance for L3000N/L3092 SLIC KIT).
In conversation mode the AC impedance at the
line terminals is synthetized by the external com-
ponents ZAC and RP, according to the following
formula :
ZML =
ZAC
25
+ 2 ⋅ RP
Depending the characteristic of the ZAC network,
ZML can be either a pure resistance or a complex
impedance. This allows for ST SLIC to meet dif-
ferent standards as far as the return loss is con-
cerned. The capacitor CCOMP guarantees stabil-
ity to the system.
The two to four wire conversion is achieved by
means of a circuit that can be represented as a
Wheatstone bridge, the branches of which being:
1) The line impedance (Zline).
2) The SLIC impedance at line terminals (ZML).
3) The balancing network ZA connected between
RX input and ZB pin of L3092.
4) The network ZB between ZB pin and ground
that shall copy the line impedance.
It is important to underline that ZA and ZB are not
equal to ZML and to Zline. They both must be
multiplied by a factor in the range of 10 to 25, al-
lowing use of smaller capacitors.
In case the L3000N/L3092 kit is used with a second
generation
programmable
COMBO
(EG
TS5070FN) which is able to perform the two to four
wire conversion, the two impedances ZA and ZB
can be removed and the ZB pin connected to GND.
The -6dB Tx gain of the L3000N/L3092 SLIC kit in
fact allows to keep the echo signal always within
the COMBO Hybrid Balance Filter dynamic range.
In conversation mode, the L3000N dissipates
about 250mW for its own operation. The dissipa-
tion related to the current supplied to the line shall
be added, in order to get the total dissipation.
Table 1.
Pin 12 of L3092 Pin 12 of L3000N (C2)
+3
0
–3
Pin 13 of L3092
+3
Stand-by
Conversation
Not Used
(C1)
0
Not Used
B.B
Not Used
Pin 11 of L3000N
–3
Not Used
Ringing
Not Used
L3000N - L3092
7/32


Similar Part No. - L3092

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
L30 KEXIN-L30 Datasheet
41Kb / 2P
   General Purpose Double Diode
logo
Powerbox
L30 POWERBOX-L30 Datasheet
646Kb / 1P
   1.5W - 3KV SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
Texas Instruments
L30-Q1 TI1-L30-Q1 Datasheet
839Kb / 18P
[Old version datasheet]   NANOPOWER SUPERVIDORY CIRCUITS
logo
STMicroelectronics
L3000 STMICROELECTRONICS-L3000 Datasheet
281Kb / 29P
   SUBSCRIBER LINE INTERFACE KIT
L3000S STMICROELECTRONICS-L3000S Datasheet
281Kb / 29P
   SUBSCRIBER LINE INTERFACE KIT
More results

Similar Description - L3092

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2053 STMICROELECTRONICS-AN2053 Datasheet
323Kb / 15P
   SLIC protection for both classical and new networks
logo
Cherry Semiconductor Co...
JW-T0210 CHERRY-JW-T0210 Datasheet
87Kb / 2P
   Optimized for both right and left-handed operation
logo
Linx Technologies
ANT-ELE-S01-010 LINX-ANT-ELE-S01-010 Datasheet
382Kb / 2P
   Ideal for both stationary and mobile applications
12/2/13
logo
STMicroelectronics
L3234 STMICROELECTRONICS-L3234 Datasheet
457Kb / 26P
   HIGHLY INTEGRATED SLIC KIT TARGETED TO PABX AND KEY SYSTEM APPLICATIONS
logo
OmniVision Technologies...
OV16885-4C OMNIVISION-OV16885-4C Datasheet
680Kb / 2P
   16-Megapixel Second-Generation PureCel짰Plus-S Sensor for Front-Facing Mobile Applications
logo
Advantech Co., Ltd.
SOM-5893 ADVANTECH-SOM-5893_17 Datasheet
927Kb / 2P
   Second generation AMD embedded
logo
Microsemi Corporation
LX1562 MICROSEMI-LX1562 Datasheet
443Kb / 25P
   SECOND-GENERATION POWER FACTOR CONTROLLER
logo
Intel Corporation
IXP425 INTEL-IXP425 Datasheet
273Kb / 4P
   Optimized for Broadband Applications
logo
Texas Instruments
TMS320 TI-TMS320 Datasheet
603Kb / 69P
[Old version datasheet]   SECOND-GENERATION DIGITAL SIGNAL PROCESSORS
logo
Xilinx, Inc
XC2S15 XILINX-XC2S15_1 Datasheet
1,015Kb / 99P
   Second generation ASIC replacement technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com