Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14066BDTEL Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC14066BDTEL
Description  Quad Analog Switch/Quad Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14066BDTEL Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC14066BDTEL Datasheet HTML 2Page - ON Semiconductor MC14066BDTEL Datasheet HTML 3Page - ON Semiconductor MC14066BDTEL Datasheet HTML 4Page - ON Semiconductor MC14066BDTEL Datasheet HTML 5Page - ON Semiconductor MC14066BDTEL Datasheet HTML 6Page - ON Semiconductor MC14066BDTEL Datasheet HTML 7Page - ON Semiconductor MC14066BDTEL Datasheet HTML 8Page - ON Semiconductor MC14066BDTEL Datasheet HTML 9Page - ON Semiconductor MC14066BDTEL Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC14066B
http://onsemi.com
6
Figure 7. Channel Resistance (RON) Test Circuit
VDD
VSS
10 k
VDD
KEITHLEY 160
DIGITAL
MULTIMETER
1 k
RANGE
X–Y
PLOTTER
TYPICAL RESISTANCE CHARACTERISTICS
Figure 8. VDD = 7.5 V, VSS = – 7.5 V
Figure 9. VDD = 5.0 V, VSS = – 5.0 V
350
300
250
200
150
100
0
50
– 8.0
– 10
– 6.0 – 4.0 – 2.0
0
0.2
4.0
6.0
8.0
10
Vin, INPUT VOLTAGE (VOLTS)
TA = 125°C
25
°C
–55
°C
350
300
250
200
150
100
0
50
– 8.0
– 10
– 6.0 – 4.0 – 2.0
0
0.2
4.0
6.0
8.0
10
Vin, INPUT VOLTAGE (VOLTS)
TA = 125°C
25
°C
–55
°C
Figure 10. VDD = 2.5 V, VSS = – 2.5 V
700
600
500
400
300
200
0
100
– 8.0
– 10
– 6.0 – 4.0 – 2.0
0
0.2
4.0
6.0
8.0
10
Vin, INPUT VOLTAGE (VOLTS)
TA = 125°C
25
°C
–55
°C
Figure 11. Comparison at 25
°C, VDD = –VSS
350
300
250
200
150
100
0
50
– 8.0
– 10
– 6.0 – 4.0 – 2.0
0
0.2
4.0
6.0
8.0
10
Vin, INPUT VOLTAGE (VOLTS)
TA = 25°C
VDD = 2.5 V
5.0 V
7.5 V


Similar Part No. - MC14066BDTEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14066BDTR2 ONSEMI-MC14066BDTR2 Datasheet
197Kb / 12P
   Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
MC14066BDTR2G ONSEMI-MC14066BDTR2G Datasheet
197Kb / 12P
   Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
MC14066BDTR2G ONSEMI-MC14066BDTR2G Datasheet
160Kb / 11P
   Quad Analog Switch/Quad Multiplexer
August, 2014 ??Rev. 10
More results

Similar Description - MC14066BDTEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B_14 Datasheet
143Kb / 10P
   Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
logo
Motorola, Inc
MC14016B MOTOROLA-MC14016B Datasheet
270Kb / 9P
   Quad Analog Switch/Quad Multiplexer
logo
ON Semiconductor
MC14066B ONSEMI-MC14066B_06 Datasheet
197Kb / 12P
   Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
MC14016B ONSEMI-MC14016B Datasheet
244Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14016B ONSEMI-MC14016B_06 Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
MC14066B ONSEMI-MC14066B_14 Datasheet
160Kb / 11P
   Quad Analog Switch/Quad Multiplexer
August, 2014 ??Rev. 10
MC74HC4066A ONSEMI-MC74HC4066A_06 Datasheet
239Kb / 16P
   Quad Analog Switch/Multiplexer/Demultiplexer
October, 2006 ??Rev. 8
MC74HC4066A ONSEMI-MC74HC4066A_14 Datasheet
190Kb / 14P
   Quad Analog Switch/ Multiplexer/Demultiplexer
March, 2014 ??Rev. 12
MC74LVXT4066 ONSEMI-MC74LVXT4066_17 Datasheet
140Kb / 11P
   Quad Analog Switch/Multiplexer/Demultiplexer
November, 2017 ??Rev. 5
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com