Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

U339-004 Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part No. U339-004
Description  4-Bay USB 3.0/eSATA to SATA Docking Station with Cloning, 2.5 in. to 3.5 in. SATA Hard Drives
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U339-004 Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  U339-004 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U339-004 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved U339-004 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved U339-004 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PHYSICAL
Shipping Dimensions (hwd / in.)
2.80 x 6.70 x 9.60
Shipping Dimensions (hwd / cm)
7.11 x 17.02 x 24.38
Shipping Weight (lbs.)
2.40
Shipping Weight (kg)
1.09
Unit Packaging Type
Box
Unit Dimensions (hwd / in.)
2.6 x 6.5 x 5
Unit Dimensions (hwd / cm)
6.5 x 16.5 x 12.7
Unit Weight (lbs.)
1
Unit Weight (kg)
0.45
Material of Construction
ABS and Cold-Reduced Steel
Color
Black
ENVIRONMENTAL
Operating Temperature Range
50 to 122 F (10 to 50 C)
Storage Temperature Range
32 to 149 F (0 to 65 C)
Relative Humidity
10% to 80% RH, Non-Condensing
BTUs
204.7 BTU/Hr
Power Consumption (Watts)
60
CONNECTIONS
Ports
4
Side A - Connector 1
7 PIN ESATA (MALE); USB 3.0 A (MALE)
Side B - Connector 1
(4) 22 PIN SATA + POWER (FEMALE)
Connector Plating
Nickel
FEATURES & SPECIFICATIONS
USB Specification
USB 3.0 (up to 5 Gbps); USB 3.1 Gen 1 (up to 5 Gbps)
Driver Required
No
UASP Support
Yes
Technology
USB 3.0 (SuperSpeed); SATA/eSATA; USB
CERTIFICATIONS
Certifications
Tested to CE, FCC, RoHS, REACH
WARRANTY
3 / 4


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn