Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYM9260-66C Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CYM9260-66C
Description  64K(128K, 256K, 512K) x 72 SRAM Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYM9260-66C Datasheet(HTML) 3 Page - Cypress Semiconductor

  CYM9260-66C Datasheet HTML 1Page - Cypress Semiconductor CYM9260-66C Datasheet HTML 2Page - Cypress Semiconductor CYM9260-66C Datasheet HTML 3Page - Cypress Semiconductor CYM9260-66C Datasheet HTML 4Page - Cypress Semiconductor CYM9260-66C Datasheet HTML 5Page - Cypress Semiconductor CYM9260-66C Datasheet HTML 6Page - Cypress Semiconductor CYM9260-66C Datasheet HTML 7Page - Cypress Semiconductor CYM9260-66C Datasheet HTML 8Page - Cypress Semiconductor CYM9260-66C Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CYM9260
CYM9261B
CYM9262A
CYM9263
Document #: 38-05002 Rev. **
Page 3 of 12
Selection Guide
Part Number
Synchronous Cache Module
CYM9260-66
CYM9261B-66
CYM9262A-66
CYM9263-66
Cache Size
64 K x 72
128 K x 72
256 K x 72
512 K x 72
SRAMs Used
4 of 64K x 18
4 of 128K x 18
8 of 128K x 18
8 of 256K x 18
System Clock (MHz)
66
66
66
66
Data tCDV
10.3 ns
10.3 ns
10.3 ns
10.3 ns
Logic Block Diagram - CYM9263
D[0:63]
DP[0:7]
A[17:0]
CLK[0:3]
A17:0
OE
CS
OE[0:1]
512KX72
NC
NC
A17:0
OE
CS
CLK
WEH
WEL
WEH
WEL
WE[0:7]
CS[0:1]
D[0:15]
DQ[0:1]
DQ[0:15]
DQP[0:1]
ADSP
ADSP
ADSP
CLK
ADSC
ADSC
Vcc3
R2
R1
R3
Vcc3
R4
R1, R2, R3, R4 are optional resistors
R1, R2, R4 are mounted for access using ADSC
R3, R2, R4 are mounted for access using ADSP
BANK 0
BANK 1
BANK 0 & 1
CE0
CE1
OE0
OE1
PD1
PD0


Similar Part No. - CYM9260-66C

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
CYM-13R-9G MERRIMAC-CYM-13R-9G Datasheet
119Kb / 2P
   DIRECTIONAL COUPLER
logo
Sumida Corporation
CYM-2B SUMIDA-CYM-2B Datasheet
74Kb / 2P
   Filter Coils < SMD Type: CYM Series>
logo
Cypress Semiconductor
CYM1441 CYPRESS-CYM1441 Datasheet
167Kb / 6P
   256K x 8 Static RAM Module
CYM1441PZ-20C CYPRESS-CYM1441PZ-20C Datasheet
167Kb / 6P
   256K x 8 Static RAM Module
CYM1441PZ-25C CYPRESS-CYM1441PZ-25C Datasheet
167Kb / 6P
   256K x 8 Static RAM Module
More results

Similar Description - CYM9260-66C

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NSCS25672 ISSI-IS61NSCS25672 Datasheet
182Kb / 32P
   RAM 256K x 72, 512K x 36 18Mb Synchronous SRAM
logo
Cypress Semiconductor
CYD04S72V CYPRESS-CYD04S72V_06 Datasheet
700Kb / 25P
   FLEx72??3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD18S72V CYPRESS-CYD18S72V Datasheet
470Kb / 26P
   FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD01S18V CYPRESS-CYD01S18V Datasheet
585Kb / 26P
   FLEx18??3.3V 64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
logo
Hanbit Electronics Co.,...
HMS25632M8B HANBIT-HMS25632M8B Datasheet
232Kb / 9P
   SRAM MODULE 1Mbyte (256K x 32-Bit) , 72-Pin
logo
Cypress Semiconductor
CY7C1366A CYPRESS-CY7C1366A Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
logo
Integrated Silicon Solu...
IS61NVVP25672 ISSI-IS61NVVP25672 Datasheet
160Kb / 29P
   256K x 72 and 512K x 36, 18Mb PIPELINE (NO WAIT) STATE BUS SRAM
logo
Cypress Semiconductor
CY7C0837V CYPRESS-CY7C0837V Datasheet
446Kb / 28P
   FLEx18-TM 3.3V 32K/64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
logo
MOSAIC
SYS32256ZK-12 MOSAIC-SYS32256ZK-12 Datasheet
62Kb / 2P
   256K x 32 SRAM MODULE
SYS8512FKX-70 MOSAIC-SYS8512FKX-70 Datasheet
60Kb / 7P
   512K x 8 SRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com