Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1353F-66AI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1353F-66AI
Description  4-Mb (256K x 18) Flow-through SRAM with NoBL Architecture
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1353F-66AI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1353F-66AI Datasheet HTML 3Page - Cypress Semiconductor CY7C1353F-66AI Datasheet HTML 4Page - Cypress Semiconductor CY7C1353F-66AI Datasheet HTML 5Page - Cypress Semiconductor CY7C1353F-66AI Datasheet HTML 6Page - Cypress Semiconductor CY7C1353F-66AI Datasheet HTML 7Page - Cypress Semiconductor CY7C1353F-66AI Datasheet HTML 8Page - Cypress Semiconductor CY7C1353F-66AI Datasheet HTML 9Page - Cypress Semiconductor CY7C1353F-66AI Datasheet HTML 10Page - Cypress Semiconductor CY7C1353F-66AI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
CY7C1353F
Document #: 38-05212 Rev. *B
Page 7 of 13
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature .................................–65°C to +150°C
Ambient Temperature with
Power Applied.............................................–55°C to +125°C
Supply Voltage on VDD Relative to GND........ –0.5V to +4.6V
DC Voltage Applied to Outputs
in three-state ....................................... –0.5V to VDDQ + 0.5V
DC Input Voltage....................................–0.5V to VDD + 0.5V
Current into Outputs (LOW)......................................... 20 mA
Static Discharge Voltage.......................................... > 2001V
(per MIL-STD-883, Method 3015)
Latch-up Current.................................................... > 200 mA
Operating Range
Range
Ambient
Temperature (TA)
VDD
VDDQ
Com’l
0°C to +70°C
3.3V – 5%/+10% 2.5V – 5% to
VDD
Ind’l
−40°C to +85°C
Electrical Characteristics Over the Operating Range [9,10]
Parameter
Description
Test Conditions
Min.
Max.
Unit
VDD
Power Supply Voltage
3.135
3.6
V
VDDQ
I/O Supply Voltage
2.375
VDD
V
VOH
Output HIGH Voltage
VDDQ = 3.3V, VDD = Min., IOH = –4.0 mA
2.4
V
VDDQ = 2.5V, VDD = Min., IOH = –1.0 mA
2.0
V
VOL
Output LOW Voltage
VDDQ = 3.3V, VDD = Min., IOH = 8.0 mA
0.4
V
VDDQ = 2.5V, VDD = Min., IOH = 1.0 mA
0.4
V
VIH
Input HIGH Voltage
VDDQ = 3.3V
2.0
VDD + 0.3V
V
Input HIGH Voltage
VDDQ = 2.5V
1.7
VDD + 0.3V
V
VIL
Input LOW Voltage[9]
VDDQ = 3.3V
–0.3
0.8
V
Input LOW Voltage[9]
VDDQ = 2.5V
–0.3
0.7
V
IX
Input Load Current
(except ZZ and MODE)
GND
≤ VI ≤ VDDQ
−55
µA
Input Current of MODE
Input = VSS
–30
µA
Input = VDD
5
µA
Input Current of ZZ
Input = VSS
–5
µA
Input = VDD
30
µA
IOZ
Output Leakage Current
GND
≤ VI ≤ VDD, Output Disabled
–5
5
µA
IOS
Output Short Circuit Current VDD = Max., VOUT = GND
–300
µA
IDD
VDD Operating Supply
Current
VDD = Max., IOUT = 0 mA,
f = fMAX= 1/tCYC
7.5-ns cycle, 133 MHz
225
mA
8.5-ns cycle, 117 MHz
220
mA
10-ns cycle, 100 MHz
205
mA
15-ns cycle, 66 MHz
195
mA
ISB1
Automatic CE Power-down
Current—TTL Inputs
VDD = Max, Device Deselected,
VIN ≥ VIH or VIN ≤ VIL, f = fMAX,
inputs switching
7.5-ns cycle, 133 MHz
90
mA
8.5-ns cycle, 117 MHz
85
mA
10-ns cycle, 100 MHz
80
mA
15-ns cycle, 66 MHz
60
mA
ISB2
Automatic CE Power-down
Current—CMOS Inputs
VDD = Max, Device Deselected,
VIN ≥ VDD – 0.3V or VIN ≤ 0.3V,
f = 0, inputs static
All speeds
40
mA
Shaded areas contain advance information.
Notes:
9. Overshoot: VIH(AC) < VDD +1.5V (Pulse width less than tCYC/2), undershoot: VIL(AC)> -2V (Pulse width less than tCYC/2).
10. TPower-up: Assumes a linear ramp from 0V to VDD (min.) within 200ms. During this time VIH < VDD and VDDQ < VDD.


Similar Part No. - CY7C1353F-66AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1353 CYPRESS-CY7C1353 Datasheet
162Kb / 13P
   256Kx18 Flow-Through SRAM with NoBL Architecture
CY7C1353-40AC CYPRESS-CY7C1353-40AC Datasheet
162Kb / 13P
   256Kx18 Flow-Through SRAM with NoBL Architecture
CY7C1353-50AC CYPRESS-CY7C1353-50AC Datasheet
162Kb / 13P
   256Kx18 Flow-Through SRAM with NoBL Architecture
CY7C1353-66AC CYPRESS-CY7C1353-66AC Datasheet
162Kb / 13P
   256Kx18 Flow-Through SRAM with NoBL Architecture
CY7C1353B CYPRESS-CY7C1353B Datasheet
535Kb / 15P
   256Kx18 Flow-Through SRAM with NoBL Architecture
More results

Similar Description - CY7C1353F-66AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1353G CYPRESS-CY7C1353G_07 Datasheet
575Kb / 13P
   4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1353G CYPRESS-CY7C1353G Datasheet
229Kb / 13P
   4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1355B-100AC CYPRESS-CY7C1355B-100AC Datasheet
560Kb / 33P
   9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1379B CYPRESS-CY7C1379B Datasheet
465Kb / 15P
   9-Mbit (256K x 32) Flow-through SRAM with NoBL??Architecture
CY7C1325F-117AC CYPRESS-CY7C1325F-117AC Datasheet
430Kb / 17P
   4-Mb (256K x 18) Flow-Through Sync SRAM
CY7C1379C CYPRESS-CY7C1379C Datasheet
348Kb / 15P
   9-Mbit (256K x 32) Flow-through SRAM with NoBL??Architecture
CY7C1352B CYPRESS-CY7C1352B Datasheet
189Kb / 12P
   256K x 18 Pipilined SRAm with NoBL Architecture
CY7C1353G CYPRESS-CY7C1353G_13 Datasheet
552Kb / 19P
   4-Mbit (256 K x 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com