Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVR05560 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # TVR05560
Description  ZINC OXIDE VARISTOR 50 SERIES
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TVR05560 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button TVR05560 Datasheet HTML 4Page - List of Unclassifed Manufacturers TVR05560 Datasheet HTML 5Page - List of Unclassifed Manufacturers TVR05560 Datasheet HTML 6Page - List of Unclassifed Manufacturers TVR05560 Datasheet HTML 7Page - List of Unclassifed Manufacturers TVR05560 Datasheet HTML 8Page - List of Unclassifed Manufacturers TVR05560 Datasheet HTML 9Page - List of Unclassifed Manufacturers TVR05560 Datasheet HTML 10Page - List of Unclassifed Manufacturers TVR05560 Datasheet HTML 11Page - List of Unclassifed Manufacturers TVR05560 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
Rua Juquiá, 217
- Vila Antonieta
- S.B.C.
- Cep:09629-040
-
SP - Brasil
Tel: (11) 4367-7411
-
Fax: (11) 4367-7416
-
www.voltts.com.br
-
voltts@voltts.com.br
Pág. 8/43
SPECIFICATION
Max.
Max.
Max.
Varistor
Allowable
Clamping
Max.
Peak
Rated
Reference
Dimensions
Voltage
Voltage
Voltage
Energy
Current
Power
Capacitance
Part No
(8/20µs)
VlmA
AC rms
DC
Vp
Ip
10/1000
1time
2times
@1KHZ
T(max.)
(V)
(V)
(V)
(V)
(A)
(J)
(A)
(A)
(W)
(pf)
(mm)
TVR 10 180
18
11
14
36
5
2.1
500
250
0.05
10000
4.3
TVR 10 220
22
14
18
43
5
2.5
500
250
0.05
8000
4.5
TVR 10 270
27
17
22
53
5
3.0
500
250
0.05
6500
4.7
TVR 10 330
33
20
26
65
5
4.0
500
250
0.05
5800
4.9
TVR 10 390
39
25
31
77
5
4.6
500
250
0.05
4500
4.4
TVR 10 470
47
30
38
93
5
5.5
500
250
0.05
4000
4.5
TVR 10 560
56
35
45
110
5
7.0
500
250
0.05
3500
4.7
TVR 10 680
68
40
56
135
5
8.2
500
250
0.05
2500
5.0
TVR 10 820
82
50
65
135
25
12
2500
1300
0.4
1700
4.4
TVR 10 101
100
60
85
165
25
15
2500
1300
0.4
1400
4.6
TVR 10 121
120
75
100
200
25
18
2500
1300
0.4
1100
4.8
TVR 10 151
150
95
125
250
25
22
2500
1300
0.4
900
5.1
TVR 10 181
180
115
150
300
25
27
2500
1300
0.4
700
4.6
TVR 10 201
200
130
170
340
25
30
2500
1300
0.4
610
4.7
TVR 10 221
220
140
180
360
25
32
2500
1300
0.4
550
4.8
TVR 10 241
240
150
200
395
25
35
2500
1300
0.4
500
4.9
TVR 10 271
270
175
225
455
25
40
2500
1300
0.4
450
5.1
TVR 10 301
300
195
250
500
25
40
2500
1300
0.4
400
5.0
TVR 10 331
330
215
275
550
25
43
2500
1300
0.4
360
5.1
TVR 10 361
360
230
300
595
25
47
2500
1300
0.4
330
5.2
TVR 10 391
390
250
320
650
25
60
2500
1300
0.4
300
5.4
TVR 10 431
430
275
350
710
25
65
2500
1300
0.4
270
5.6
TVR 10 471
470
300
385
775
25
70
2500
1300
0.4
250
5.7
TVR 10 511
510
320
410
845
25
70
2500
1300
0.4
230
5.9
TVR 10 561
560
350
450
930
25
70
2500
1300
0.4
210
6.1
TVR 10 621
620
395
510
1020
25
70
2500
1300
0.4
190
6.4
TVR 10 681
680
420
560
1120
25
70
2500
1300
0.4
170
6.7
TVR 10 751
750
465
615
1235
25
75
2500
1300
0.4
160
7.0
TVR 10 821
820
510
670
1355
25
85
2500
1300
0.4
150
6.9
TVR 10 911
910
550
745
1500
25
93
2500
1300
0.4
140
7.3
TVR 10 102
1000
625
825
1650
25
102
2500
1300
0.4
130
7.7
TVR 10 112
1100
680
895
1815
25
115
2500
1300
0.4
120
8.1
Unit: mm
Disc Ø
D max.
L min.
d nor.
P nor.
10
12.5
30
0.8±0.02
7.5±1
DIMENSION
ZINC OXIDE VARISTOR 10Ø SERIES


Similar Part No. - TVR05560

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TVR06D VISHAY-TVR06D Datasheet
83Kb / 4P
   Glass Passivated Junction Fast Switching Rectifier
Revision: 07-Nov-16
logo
Gulf Semiconductor
TVR06J GULFSEMI-TVR06J Datasheet
165Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 600V CURRENT: 0.6A
logo
Vishay Siliconix
TVR06K VISHAY-TVR06K Datasheet
83Kb / 4P
   Glass Passivated Junction Fast Switching Rectifier
Revision: 07-Nov-16
logo
Thinking Electronic Ind...
TVR07181KSW THINKING-TVR07181KSW Datasheet
598Kb / 23P
   Disc Type Varistor for Surge Protection (High Surge Series)
TVR07201KSW THINKING-TVR07201KSW Datasheet
598Kb / 23P
   Disc Type Varistor for Surge Protection (High Surge Series)
More results

Similar Description - TVR05560

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TSV SUNTAN-TSV_17 Datasheet
316Kb / 9P
   ZINC OXIDE VARISTOR
logo
RFE international
14N470K RFE-14N470K Datasheet
4Mb / 6P
   Zinc Oxide Varistor
logo
Suntan Capacitors
TSV SUNTAN-TSV Datasheet
1Mb / 11P
   ZINC OXIDE VARISTOR
logo
Ceramate Technical
SMV0402E CERAMATE-SMV0402E Datasheet
252Kb / 9P
   Zinc Oxide
SMV0402M CERAMATE-SMV0402M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1210A CERAMATE-SMV1210A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0402A CERAMATE-SMV0402A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0603E CERAMATE-SMV0603E Datasheet
251Kb / 9P
   Zinc Oxide
SMV0805M CERAMATE-SMV0805M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1206A CERAMATE-SMV1206A Datasheet
250Kb / 9P
   Zinc Oxide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com