Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLP161J Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part No. TLP161J
Description  Triac Drive Programmable Controllers Ac−Output Module Solid State Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP161J Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP161J Datasheet HTML 1Page - Toshiba Semiconductor TLP161J Datasheet HTML 2Page - Toshiba Semiconductor TLP161J Datasheet HTML 3Page - Toshiba Semiconductor TLP161J Datasheet HTML 4Page - Toshiba Semiconductor TLP161J Datasheet HTML 5Page - Toshiba Semiconductor TLP161J Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLP161J
2002-09-25
2
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
50
mA
Forward current derating (Ta ≥ 53°C)
∆IF / °C
-0.7
mA / °C
Peak forward current (100µs pulse, 100pps)
IFP
1
A
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
Off
-state output terminal voltage
VDRM
600
V
Ta = 25°C
70
On
-state RMS current
Ta = 70°C
IT(RMS)
40
mA
On
-state current derating (Ta ≥ 25°C)
∆IT / °C
-0.67
mA / °C
Peak on
-state current (100µs pulse, 120pps)
ITP
2
A
Peak nonrepetitive surge current
(PW = 10ms, DC = 10%)
ITSM
1.2
A
Junction temperature
Tj
115
°C
Storage temperature range
Tstg
-55~125
°C
Operating temperature range
Topr
-40~100
°C
Lead soldering temperature (10 s)
Tsol
260
°C
Isolation voltage (AC, 1min., R.H ≤ 60%)
(Note)
BVS
2500
Vrms
(Note) Device considered a two terminal device: Pins 1 and 3 shorted together and pins 4 and 6 shorted together.
Recommended Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VAC
240
Vac
Forward current
IF
15
20
25
mA
Peak on
-state current
ITP
1
A
Operating temperature
Topr
-25
85
°C


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn