Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLP161J Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. TLP161J
Description  Triac Drive Programmable Controllers Ac−Output Module Solid State Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP161J Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP161J Datasheet HTML 1Page - Toshiba Semiconductor TLP161J Datasheet HTML 2Page - Toshiba Semiconductor TLP161J Datasheet HTML 3Page - Toshiba Semiconductor TLP161J Datasheet HTML 4Page - Toshiba Semiconductor TLP161J Datasheet HTML 5Page - Toshiba Semiconductor TLP161J Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP161J
2002-09-25
1
TOSHIBA Photocoupler GaAs Ired + Photo−Triac
TLP161J
Triac Drive
Programmable Controllers
Ac−Output Module
Solid State Relay
The TOSHIBA mini flat coupler TLP161J is a small outline coupler,
suitable for surface mount assembly.
The TLP161J consists of a photo triac, optically coupled to a gallium
arsenide infrared emitting diode.
· Zero−voltage crossing Turn−on
· Peak off−state voltage: 600V (min.)
· Trigger LED current: 10mA (max.)
· On−state current: 70mA (max.)
· Isolation voltage: 2500Vrms (min.)
· UL recognized: UL1577, file no. E67349
Trigger LED Current
Trigger LED Current (mA)
VT = 6V, Ta = 25°C
Classification*
Min.
Max.
Marking Of
Classification
(IFT7)
7
T7
Standard
10
T7, blank
*Ex. (IFT7); TLP161J (IFT7)
(Note) Application type name for certification test, please
use standard product type name, i.e.
TLP161J (IFT7): TLP161J
Pin Configuration
1 : Anode
3 : Cathode
4 : Terminal 1
6 : Terminal 2
1
3
6
4
ZC
Unit in mm
TOSHIBA
11−4C3
Weight: 0.09 g


Similar Part No. - TLP161J

ManufacturerPart No.DatasheetDescription
Toshiba Semiconductor
Toshiba Semiconductor
TLP161J TOSHIBA-TLP161J_14 Datasheet
423Kb / 6P
   TOSHIBA Photocoupler GaAs IRED and Photo-Triac
More results

Similar Description - TLP161J

ManufacturerPart No.DatasheetDescription
Toshiba Semiconductor
Toshiba Semiconductor
TLP3527 TOSHIBA-TLP3527 Datasheet
167Kb / 6P
   Triac Driver Programmable Controllers AC−Output Module Solid State Relay
TLP561G TOSHIBA-TLP561G Datasheet
152Kb / 6P
   Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP560G TOSHIBA-TLP560G Datasheet
259Kb / 5P
   TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY
TLP360J TOSHIBA-TLP360J Datasheet
77Kb / 4P
   Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP361J TOSHIBA-TLP361J Datasheet
78Kb / 4P
   Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP3507 TOSHIBA-TLP3507 Datasheet
271Kb / 6P
   TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY
TLP521-1 TOSHIBA-TLP521-1_07 Datasheet
249Kb / 9P
   Programmable Controllers AC/DC−Input Module Solid State Relay
TLP561G TOSHIBA-TLP561G_07 Datasheet
174Kb / 6P
   Triac Driver Programmable Controllers AC−Output Module
TLP560J TOSHIBA-TLP560J Datasheet
166Kb / 6P
   Triac Driver Programmable Controllers AC.Output Module Solid State Relay
TLP3520 TOSHIBA-TLP3520 Datasheet
145Kb / 6P
   Triac Driver Programmable Controllers AC.Output Module Solid State Relay
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz