Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLP161J Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part No. TLP161J
Description  Triac Drive Programmable Controllers Ac−Output Module Solid State Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP161J Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP161J Datasheet HTML 1Page - Toshiba Semiconductor TLP161J Datasheet HTML 2Page - Toshiba Semiconductor TLP161J Datasheet HTML 3Page - Toshiba Semiconductor TLP161J Datasheet HTML 4Page - Toshiba Semiconductor TLP161J Datasheet HTML 5Page - Toshiba Semiconductor TLP161J Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLP161J
2002-09-25
4
IF – Ta
Ambient temperature Ta (°C)
60
0
50
40
30
20
10
−20
120
0
20
40
60
80
100
IT(RMS) – Ta
Ambient temperature Ta (°C)
120
0
−20
120
0
20
40
60
80
100
100
80
60
40
20
IF – VF
Forward voltage VF (V)
Ta = 25 °C
100
0.1
0.6
1.8
50
30
10
5
3
1
0.5
0.3
0.8
1.0
1.2
1.4
1.6
IFP – VFP
Pulse forward voltage VFP (V)
Pulse width ≤ 10µs
Repetitive frequency
= 100Hz
Ta = 25 °C
1000
1
0.6
500
300
100
50
30
10
5
3
1.0
1.8
2.2
2.6
3.0
1.4
∆VF/∆Ta – IF
Forward current IF (mA)
−2.8
−0.4
0.1
30
−2.4
−2.0
−1.6
−1.2
−0.8
0.3
1
3
10
50
−3.2
IFP – DR
Duty cycle ratio DR
Pulse width≤100µs
Ta = 25 °C
3000
3
1000
300
100
50
30
10
10
−3
3
10
−2
3
10
−1
3
10
0
500


Similar Part No. - TLP161J

ManufacturerPart No.DatasheetDescription
Toshiba Semiconductor
Toshiba Semiconductor
TLP161J TOSHIBA-TLP161J_14 Datasheet
423Kb / 6P
   TOSHIBA Photocoupler GaAs IRED and Photo-Triac
More results

Similar Description - TLP161J

ManufacturerPart No.DatasheetDescription
Toshiba Semiconductor
Toshiba Semiconductor
TLP3527 TOSHIBA-TLP3527 Datasheet
167Kb / 6P
   Triac Driver Programmable Controllers AC−Output Module Solid State Relay
TLP561G TOSHIBA-TLP561G Datasheet
152Kb / 6P
   Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP560G TOSHIBA-TLP560G Datasheet
259Kb / 5P
   TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY
TLP360J TOSHIBA-TLP360J Datasheet
77Kb / 4P
   Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP361J TOSHIBA-TLP361J Datasheet
78Kb / 4P
   Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP3507 TOSHIBA-TLP3507 Datasheet
271Kb / 6P
   TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY
TLP521-1 TOSHIBA-TLP521-1_07 Datasheet
249Kb / 9P
   Programmable Controllers AC/DC−Input Module Solid State Relay
TLP561G TOSHIBA-TLP561G_07 Datasheet
174Kb / 6P
   Triac Driver Programmable Controllers AC−Output Module
TLP560J TOSHIBA-TLP560J Datasheet
166Kb / 6P
   Triac Driver Programmable Controllers AC.Output Module Solid State Relay
TLP3520 TOSHIBA-TLP3520 Datasheet
145Kb / 6P
   Triac Driver Programmable Controllers AC.Output Module Solid State Relay
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz