Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW1166L Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW1166L
Description  AUDIO PROCESSOR with Subwoofer Output
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1166L Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJW1166L Datasheet HTML 3Page - New Japan Radio NJW1166L Datasheet HTML 4Page - New Japan Radio NJW1166L Datasheet HTML 5Page - New Japan Radio NJW1166L Datasheet HTML 6Page - New Japan Radio NJW1166L Datasheet HTML 7Page - New Japan Radio NJW1166L Datasheet HTML 8Page - New Japan Radio NJW1166L Datasheet HTML 9Page - New Japan Radio NJW1166L Datasheet HTML 10Page - New Japan Radio NJW1166L Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
NJW1166
(7/24)
TERMINAL DESCRIPTION
No.
SYMBOL
FUNCTION
EQUIVALENT CIRCUIT
VOLTAGE
5
27
TONE-La
TONE-Lb
Bass(tone control) filter terminal
V+/2
8
AGC1
Capacitor connection terminal for
AGC attack and recovery time setting
1.4V
9
AUX0
Auxiliary 3 values voltage output terminal
0V, 2.5V,
5.0V
10
AUX1
Auxiliary 2 values voltage output terminal
(Open collector type output)
0V
3.5 to V+
11
12
PORT0
PORT1
Logic input terminal
Logic input terminal
(Don’t apply over 5V to these terminals)
-
12k
5, 27pin
FB
12k
400
400
12k
8pin
9pin
FB
1k
12k
10pin
560
5V
11, 12 pin


Similar Part No. - NJW1166L

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
NJW1160L NJRC-NJW1160L Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
NJW1160M NJRC-NJW1160M Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
NJW1161 NJRC-NJW1161 Datasheet
554Kb / 25P
   AUDIO PROCESSOR with SRS 3D STEREO
NJW1161L NJRC-NJW1161L Datasheet
554Kb / 25P
   AUDIO PROCESSOR with SRS 3D STEREO
More results

Similar Description - NJW1166L

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1176 NJRC-NJW1176 Datasheet
254Kb / 27P
   AUDIO PROCESSOR with Subwoofer Output
NJW1163 NJRC-NJW1163 Datasheet
241Kb / 24P
   AUDIO PROCESSOR with Subwoofer Output
NJW1167 NJRC-NJW1167 Datasheet
249Kb / 25P
   AUDIO PROCESSOR with Subwoofer Output
NJW1136 NJRC-NJW1136 Datasheet
412Kb / 24P
   AUDIO PROCESSOR with Subwoofer Output
NJW1168 NJRC-NJW1168 Datasheet
505Kb / 34P
   AUDIO PROCESSOR with Input Selector and Subwoofer Output
logo
Princeton Technology Co...
PT2348 PTC-PT2348 Datasheet
235Kb / 5P
   4.1-Channel Audio Processor with Subwoofer
PT2348 PTC-PT2348_10 Datasheet
244Kb / 5P
   4.1-Channel Audio Processor with Subwoofer
PT2033 PTC-PT2033 Datasheet
284Kb / 5P
   2.1 Channel Audio Processor with Subwoofer Out
logo
STMicroelectronics
TDA7429L STMICROELECTRONICS-TDA7429L Datasheet
114Kb / 16P
   3 BAND EQUALIZER AUDIO PROCESSOR WITH SUBWOOFER CONTROL
March 2000
TDA7462 STMICROELECTRONICS-TDA7462 Datasheet
377Kb / 25P
   DUAL AUDIOPROCESSOR WITH COMPANDER AND SUBWOOFER OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com