Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TMP451-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMP451-Q1
Description  TMP451-Q1 짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP451-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  TMP451-Q1_V02 Datasheet HTML 1Page - Texas Instruments TMP451-Q1_V02 Datasheet HTML 2Page - Texas Instruments TMP451-Q1_V02 Datasheet HTML 3Page - Texas Instruments TMP451-Q1_V02 Datasheet HTML 4Page - Texas Instruments TMP451-Q1_V02 Datasheet HTML 5Page - Texas Instruments TMP451-Q1_V02 Datasheet HTML 6Page - Texas Instruments TMP451-Q1_V02 Datasheet HTML 7Page - Texas Instruments TMP451-Q1_V02 Datasheet HTML 8Page - Texas Instruments TMP451-Q1_V02 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
4
TMP451-Q1
SLOS877B – OCTOBER 2014 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TMP451-Q1
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage
1.7
3.3
3.6
V
TA
Operating free-air temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report (SPRA953).
6.4 Thermal Information
THERMAL METRIC(1)
TMP451-Q1
UNIT
DQF (WSON)
DQW
(WSON)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
171.3
128.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
81.4
67.9
°C/W
RθJB
Junction-to-board thermal resistance
137.9
56.9
°C/W
ψJT
Junction-to-top characterization parameter
3.9
4.4
°C/W
ψJB
Junction-to-board characterization parameter
140
56.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
°C/W
(1)
Tested with less than 5-
Ω effective series resistance and 100-pF differential input capacitance.
6.5 Electrical Characteristics
At TA = –40°C to 125°C and V+ = 3.3 V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE ERROR
TELOCAL
Local temperature sensor
TA = 0°C to 70°C
±0.25
±1
°C
TA = –40°C to 125°C
±1
±2
°C
TEREMOTE
Remote temperature sensor(1)
TA = 0°C to 70°C, TD = –55°C to 150°C
±0.25
±1
°C
TA = –40°C to 100°C, TD = –55°C to 150°C
±1
±2
°C
TA = –40°C to 125°C, TD = –55°C to 150°C
±2
±4
°C
Remote temperature sensor versus supply
(local or remote)
V+ = 1.7 V to 3.6 V
±0.1
±0.25
°C/V
TEMPERATURE MEASUREMENT
Conversion time
One-Shot mode, local and remote total
31
34
ms
Local temperature sensor resolution
12
Bits
Remote temperature sensor resolution
12
Bits
Remote sensor source current, high
Series resistance 1 k
Ω max
120
μA
Remote sensor source current, medium
45
μA
Remote sensor source current, low
7.5
μA
η
Remote transistor ideality factor
TMP451-Q1 optimized ideality factor
1.008
SMBus INTERFACE
VIH
High-level input voltage
1.4
V
VIL
Low-level input voltage
0.45
V
Hysteresis
200
mV
SMBus output low sink current
6
mA
VOL
Low-level output voltage
IO = 6 mA
0.15
0.4
V
Logic input current
0 V
≤ VI ≤ 3.6 V
–1
1
μA
SMBus input capacitance
3
pF
SMBus clock frequency
0.01
2.5
MHz
SMBus timeout
20
25
30
ms
SCL falling edge to SDA valid time
1
μs


Similar Part No. - TMP451-Q1_V02

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
More results

Similar Description - TMP451-Q1_V02

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
TMP442 TI-TMP442_15 Datasheet
1Mb / 29P
[Old version datasheet]   TMP451-Q1 짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI-TMP451-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   TMP451-Q1 짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451 TI1-TMP451_15 Datasheet
1Mb / 41P
[Old version datasheet]   TMP451 짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP411 TI1-TMP411_16 Datasheet
1,012Kb / 33P
[Old version datasheet]   Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
Burr-Brown (TI)
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
   짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
Texas Instruments
Texas Instruments
TMP411-Q1 TI-TMP411-Q1_15 Datasheet
2Mb / 40P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411ADRG4 TI-TMP411ADRG4 Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com