Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TMP451-Q1 Datasheet(PDF) 18 Page - Texas Instruments

Part No. TMP451-Q1
Description  TMP451-Q1 짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP451-Q1 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMP451-Q1_V02 Datasheet HTML 14Page - Texas Instruments TMP451-Q1_V02 Datasheet HTML 15Page - Texas Instruments TMP451-Q1_V02 Datasheet HTML 16Page - Texas Instruments TMP451-Q1_V02 Datasheet HTML 17Page - Texas Instruments TMP451-Q1_V02 Datasheet HTML 18Page - Texas Instruments TMP451-Q1_V02 Datasheet HTML 19Page - Texas Instruments TMP451-Q1_V02 Datasheet HTML 20Page - Texas Instruments TMP451-Q1_V02 Datasheet HTML 21Page - Texas Instruments TMP451-Q1_V02 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
18
TMP451-Q1
SLOS877B – OCTOBER 2014 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TMP451-Q1
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
7.6.1.3 Status Register
The status register reports the state of the temperature ADC, the temperature limit comparators, and the
connection to the remote sensor. Table 5 lists the status register bits. The status register is read-only, and is
read by accessing pointer address 02h.
(1)
These flags stay high until the status register is read or they are reset by a POR when pin 6 is
configured as ALERT. Only bit 2 (OPEN) stays high until the status register is read or it is reset by a
POR when pin 6 is configured as THERM2.
Table 5. Status Register Format
STATUS REGISTER (READ = 02h, WRITE = N/A)
BIT NUMBER
BIT NAME
FUNCTION
7
BUSY
= 1 when the ADC is converting
6
LHIGH(1)
= 1 when the local high temperature limit is tripped
5
LLOW(1)
= 1 when the local low temperature limit is tripped
4
RHIGH(1)
= 1 when the remote high temperature limit is tripped
3
RLOW(1)
= 1 when the remote low temperature limit is tripped
2
OPEN(1)
= 1 when the remote sensor is an open circuit
1
RTHRM
= 1 when the remote THERM limit is tripped
0
LTHRM
= 1 when the local THERM limit is tripped
The BUSY bit = 1 if the ADC is making a conversion. This bit is set to 0 if the ADC is not converting.
The LHIGH and LLOW bits indicate a local sensor overtemperature or undertemperature event, respectively. The
RHIGH and RLOW bits indicate a remote sensor overtemperature or undertemperature event, respectively. The
OPEN bit indicates an open circuit condition on the remote sensor. When pin 6 is configured as the ALERT
output, the five flags are NORed together. If any of the five flags are high, the ALERT interrupt latch is set and
the ALERT output goes low. Reading the status register clears the five flags, provided that the condition that
caused the setting of the flags is not present anymore (that is, the value of the corresponding result register is
within the limits, or the remote sensor is connected properly and functional). The ALERT interrupt latch (and the
ALERT pin correspondingly) is not reset by reading the status register. The reset is done by the master reading
the temperature sensor device address to service the interrupt, and only if the flags have been reset and the
condition that caused them to be set is not present.
The RTHRM and LTHRM flags are set when the corresponding temperature exceeds the programmed THERM
limit. They are reset automatically when the temperature returns to within the limits. The THERM output goes low
in the case of overtemperature on either the local or the remote channel, and goes high as soon as the
measurements are within the limits again. The THERM hysteresis register (21h) allows hysteresis to be added so
that the flag resets and the output goes high when the temperature returns to or goes below the limit value minus
the hysteresis value.
When pin 6 is configured as THERM2, only the high limits matter. The LHIGH and RHIGH flags are set if the
respective temperatures exceed the limit values, and the pin goes low to indicate the event. The LLOW and
RLOW flags have no effect on THERM2, and the output behaves the same way when configured as THERM.


Similar Part No. - TMP451-Q1_V02

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
More results

Similar Description - TMP451-Q1_V02

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TMP442 TI-TMP442_15 Datasheet
1Mb / 29P
[Old version datasheet]   TMP451-Q1 짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI-TMP451-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   TMP451-Q1 짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451 TI1-TMP451_15 Datasheet
1Mb / 41P
[Old version datasheet]   TMP451 짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP411 TI1-TMP411_16 Datasheet
1,012Kb / 33P
[Old version datasheet]   Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
Burr-Brown (TI)
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
   짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
Texas Instruments
Texas Instruments
TMP411-Q1 TI-TMP411-Q1_15 Datasheet
2Mb / 40P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411ADRG4 TI-TMP411ADRG4 Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com