Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X76F102W-2 Datasheet(PDF) 1 Page - Xicor Inc.

Part # X76F102W-2
Description  The X76F102 is a Password Access Security Supervisor, containing one 896-bit Secure SerialFlash array
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X76F102W-2 Datasheet(HTML) 1 Page - Xicor Inc.

  X76F102W-2 Datasheet HTML 1Page - Xicor Inc. X76F102W-2 Datasheet HTML 2Page - Xicor Inc. X76F102W-2 Datasheet HTML 3Page - Xicor Inc. X76F102W-2 Datasheet HTML 4Page - Xicor Inc. X76F102W-2 Datasheet HTML 5Page - Xicor Inc. X76F102W-2 Datasheet HTML 6Page - Xicor Inc. X76F102W-2 Datasheet HTML 7Page - Xicor Inc. X76F102W-2 Datasheet HTML 8Page - Xicor Inc. X76F102W-2 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
ISO 7816 Compatible
©Xicor, Inc. 1999 Patents Pending
9900-5004.2 1/26/99 EP
1
Characteristics subject to change without notice
1K
X76F102
128 x 8 bit
FUNCTIONAL DIAGRAM
Secure SerialFlash
FEATURES
• 64-bit Password Security
• One Array (112 Bytes) Two Passwords (16 Bytes)
—Read Password
—Write Password
• Programmable Passwords
• Retry Counter Register
—Allows 8 tries before clearing of the array
• 32-bit Response to Reset (RST Input)
• 8 byte Sector Write mode
• 1MHz Clock Rate
• 2 wire Serial Interface
• Low Power CMOS
—2.0 to 5.5V operation
—Standby current Less than 1µA
—Active current less than 3 mA
• High Reliability Endurance:
—100,000 Write Cycles
• Data Retention: 100 years
• Available in:
—8 lead PDIP, SOIC, MSOP, TSSOP, and Smart
Card Module
DESCRIPTION
The X76F102 is a Password Access Security Supervisor,
containing one 896-bit Secure SerialFlash array. Access
to the memory array can be controlled by two 64-bit
passwords. These passwords protect read and write
operations of the memory array.
The X76F102 features a serial interface and software
protocol allowing operation on a popular two wire bus.
The bus signals are a clock Input (SCL) and a bidirec-
tional data input and output (SDA).
The X76F102 also features a synchronous response to
reset providing an automatic output of a hard-wired 32-bit
data stream conforming to the industry standard for
memory cards.
The X76F102 utilizes Xicor’s proprietary Direct WriteTM
cell, providing a minimum endurance of 100,000 cycles
and a minimum data retention of 100 years.
LOGIC
CS
SCL
SDA
RST
INTERFACE
8K BYTE
DATA TRANSFER
ARRAY ACCESS
ENABLE
RESET
RESPONSE REGISTER
PASSWORD ARRAY
AND PASSWORD
VERIFICATION LOGIC
CHIP ENABLE
RETRY COUNTER
SerialFlash ARRAY
32 BYTE
SerialFlash ARRAY
ARRAY 0
ARRAY 1
(PASSWORD PROTECTED)
(PASSWORD PROTECTED)
7025 FM 01
Logic
SCL
SDA
RST
Interface
112 Byte
Data Transfer
Array Access
Enable
ISO Reset
Response Register
Password Array
and Password
Verification Logic
Retry Counter
Erase Logic
EEPROM Array


Similar Part No. - X76F102W-2

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X76F102W-2.0 ICMIC-X76F102W-2.0 Datasheet
152Kb / 18P
   Secure SerialFlash
More results

Similar Description - X76F102W-2

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F200 XICOR-X76F200 Datasheet
77Kb / 16P
   Secure SerialFlash
X76F640 XICOR-X76F640 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F101 ICMIC-X76F101 Datasheet
371Kb / 17P
   Secure SerialFlash
X76F400 ICMIC-X76F400 Datasheet
320Kb / 14P
   Secure SerialFlash
X76F102 ICMIC-X76F102 Datasheet
152Kb / 18P
   Secure SerialFlash
logo
Xicor Inc.
X76F128 XICOR-X76F128 Datasheet
91Kb / 17P
   Secure SerialFlash
X76F641 XICOR-X76F641 Datasheet
116Kb / 17P
   Secure SerialFlash
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
Catalyst Semiconductor
CAT33C704 CATALYST-CAT33C704 Datasheet
83Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT35C704 CATALYST-CAT35C704 Datasheet
84Kb / 14P
   4K-Bit Secure Access Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com