Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X76F102S8-2 Datasheet(PDF) 2 Page - Xicor Inc.

Part # X76F102S8-2
Description  The X76F102 is a Password Access Security Supervisor, containing one 896-bit Secure SerialFlash array
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X76F102S8-2 Datasheet(HTML) 2 Page - Xicor Inc.

  X76F102S8-2 Datasheet HTML 1Page - Xicor Inc. X76F102S8-2 Datasheet HTML 2Page - Xicor Inc. X76F102S8-2 Datasheet HTML 3Page - Xicor Inc. X76F102S8-2 Datasheet HTML 4Page - Xicor Inc. X76F102S8-2 Datasheet HTML 5Page - Xicor Inc. X76F102S8-2 Datasheet HTML 6Page - Xicor Inc. X76F102S8-2 Datasheet HTML 7Page - Xicor Inc. X76F102S8-2 Datasheet HTML 8Page - Xicor Inc. X76F102S8-2 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
X76F102
2
PIN DESCRIPTIONS
Serial Clock (SCL)
The SCL input is used to clock all data into and out of the
device.
Serial Data (SDA)
SDA is an open drain serial data input/output pin. During
a read cycle, data is shifted out on this pin. During a write
cycle, data is shifted in on this pin. In all other cases, this
pin is in a high impedance state.
Reset (RST)
RST is a device reset pin. When RST is pulsed high the
X76F102 will output 32 bits of fixed data which conforms
to the standard for “synchronous response to reset”. The
part must not be in a write cycle for the response to reset
to occur. See Figure 7. If there is power interrupted dur-
ing the Response to Reset, the response to reset will be
aborted and the part will return to the standby state. The
response to reset is "mask programmable" only!
The basic sequence is illustrated in Figure 1.
DEVICE OPERATION
The X76F102 memory array consists of fourteen 8-byte
sectors. Read or write access to the array always begins
at the first address of the sector. Read operations then
can continue indefinitely. Write operations must total 8
bytes.
There are two primary modes of operation for the
X76F102; Protected READ and protected WRITE. Pro-
tected operations must be performed with one of two
8-byte passwords.
The basic method of communication for the device is
generating a start condition, then transmitting a com-
mand, followed by the correct password. All parts will be
shipped from the factory with all passwords equal to ‘0’.
The user must perform ACK Polling to determine the
validity of the password, before starting a data transfer
(see Acknowledge Polling.) Only after the correct pass-
word is accepted and a ACK polling has been performed,
can the data transfer occur.
To ensure the correct communication, RST must remain
LOW under all conditions except when running a
“Response to Reset sequence”.
Data is transferred in 8-bit segments, with each transfer
being followed by an ACK, generated by the receiving
device.
If the X76F102 is in a nonvolatile write cycle a “no ACK”
(SDA=High) response will be issued in response to load-
ing of the command byte. If a stop is issued prior to the
nonvolatile write cycle the write operation will be termi-
nated and the part will reset and enter into a standby
mode.
PIN NAMES
PIN CONFIGURATION
Symbol
Description
SDA
Serial Data Input/Output
SCL
Serial Clock Input
RST
Reset Input
Vcc
Supply Voltage
Vss
Ground
NC
No Connect
SDA
VCC
RST
SCL
NC
1
2
3
4
7
8
6
5
SOIC
VCC
RST
SCL
VSS
NC
SDA
Smart Card Module
NC
NC
NC
GND
SDA
VCC
RST
SCL
NC
1
2
3
4
7
8
6
5
MSOP
VSS
NC
NC
RST
SCL
SDA
Vss
1
2
3
4
7
8
6
5
PDIP
VCC
NC
NC
NC
NC
VSS
RST
SDA
NC
NC
1
2
3
4
7
8
6
5
VCC
SCL
NC
TSSOP


Similar Part No. - X76F102S8-2

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X76F102S8-2.0 ICMIC-X76F102S8-2.0 Datasheet
152Kb / 18P
   Secure SerialFlash
More results

Similar Description - X76F102S8-2

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F200 XICOR-X76F200 Datasheet
77Kb / 16P
   Secure SerialFlash
X76F640 XICOR-X76F640 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F101 ICMIC-X76F101 Datasheet
371Kb / 17P
   Secure SerialFlash
X76F400 ICMIC-X76F400 Datasheet
320Kb / 14P
   Secure SerialFlash
X76F102 ICMIC-X76F102 Datasheet
152Kb / 18P
   Secure SerialFlash
logo
Xicor Inc.
X76F128 XICOR-X76F128 Datasheet
91Kb / 17P
   Secure SerialFlash
X76F641 XICOR-X76F641 Datasheet
116Kb / 17P
   Secure SerialFlash
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
Catalyst Semiconductor
CAT33C704 CATALYST-CAT33C704 Datasheet
83Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT35C704 CATALYST-CAT35C704 Datasheet
84Kb / 14P
   4K-Bit Secure Access Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com