Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X76F102S8-2 Datasheet(PDF) 9 Page - Xicor Inc.

Part # X76F102S8-2
Description  The X76F102 is a Password Access Security Supervisor, containing one 896-bit Secure SerialFlash array
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X76F102S8-2 Datasheet(HTML) 9 Page - Xicor Inc.

Back Button X76F102S8-2 Datasheet HTML 5Page - Xicor Inc. X76F102S8-2 Datasheet HTML 6Page - Xicor Inc. X76F102S8-2 Datasheet HTML 7Page - Xicor Inc. X76F102S8-2 Datasheet HTML 8Page - Xicor Inc. X76F102S8-2 Datasheet HTML 9Page - Xicor Inc. X76F102S8-2 Datasheet HTML 10Page - Xicor Inc. X76F102S8-2 Datasheet HTML 11Page - Xicor Inc. X76F102S8-2 Datasheet HTML 12Page - Xicor Inc. X76F102S8-2 Datasheet HTML 13Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
X76F102
9
AC CHARACTERISTICS
(TA = -40˚C to +85˚C, VCC = +3.0V to +5.5V, unless otherwise specified.)
Notes: 1.
Cb = total capacitance of one bus line in pF
2.
tAA = 1.1µs Max below VCC = 3.0V.
RESET AC SPECIFICATIONS
Power Up Timing
Notes: 1.
Delays are measured from the time VCC is stable until the specified operation can be initiated.These parameters are periodically sampled
and not 100% tested.
2.
Typical values are for TA = 25˚C and VCC = 5.0V
Nonvolatile Write Cycle Timing
Notes: 1.
tWC is the time from a valid stop condition at the end of a write sequence to the end of the self-timed internal nonvolatile write cycle.
It is the minimum cycle time to be allowed for any nonvolatile write by the user, unless Acknowledge Polling is used.
Symbol
Parameter
Min
Max
Units
fSCL
SCL Clock Frequency
0
1
MHz
tAA(2)
SCL LOW to SDA Data Out Valid
0.1
0.9
µs
tBUF
Time the Bus Must Be Free Before a New Transmission Can
Start
1.2
µs
tHD:STA
Start Condition Hold Time
0.6
µs
tLOW
Clock LOW Period
1.2
µs
tHIGH
Clock HIGH Period
0.6
µs
tSU:STA
Start Condition Setup Time (for a Repeated Start Condition)
0.6
µs
tHD:DAT
Data In Hold Time
10
ns
tSU:DAT
Data In Setup Time
100
ns
tR
SDA and SCL Rise Time
20+0.1XCb
(1)
300
ns
tF
SDA and SCL Fall Time
20+0.1XCb
(1)
300
ns
tSU:STO
Stop Condition Setup Time
0.6
µs
tDH
Data Out Hold Time
0
µs
tNOL
RST to SCL Non-Overlap
500
ns
tRDV
RST LOW to SDA Valid During Response to Reset
0
450
ns
tCDV
CLK LOW to SDA Valid During Response to Reset
0
450
ns
tRST
RST High Time
1.5
µs
tSU:RST
RST Setup Time
500
ns
Symbol
Parameter
Min.
Typ(2)
Max.
Units
tPUR
(1)
Time from Power Up to Read
1
mS
tPUW
(1)
Time from Power Up to Write
5
mS
Symbol
Parameter
Min.
Typ.(1)
Max.
Units
tWC
(1)
Write Cycle Time
5
10
mS


Similar Part No. - X76F102S8-2

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X76F102S8-2.0 ICMIC-X76F102S8-2.0 Datasheet
152Kb / 18P
   Secure SerialFlash
More results

Similar Description - X76F102S8-2

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F200 XICOR-X76F200 Datasheet
77Kb / 16P
   Secure SerialFlash
X76F640 XICOR-X76F640 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F101 ICMIC-X76F101 Datasheet
371Kb / 17P
   Secure SerialFlash
X76F400 ICMIC-X76F400 Datasheet
320Kb / 14P
   Secure SerialFlash
X76F102 ICMIC-X76F102 Datasheet
152Kb / 18P
   Secure SerialFlash
logo
Xicor Inc.
X76F128 XICOR-X76F128 Datasheet
91Kb / 17P
   Secure SerialFlash
X76F641 XICOR-X76F641 Datasheet
116Kb / 17P
   Secure SerialFlash
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
Catalyst Semiconductor
CAT33C704 CATALYST-CAT33C704 Datasheet
83Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT35C704 CATALYST-CAT35C704 Datasheet
84Kb / 14P
   4K-Bit Secure Access Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com