Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMM0330 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CMM0330
Description  824 to 928 MHz 3V, 30.5 dBm Multi-Mode Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CMM0330 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CMM0330 Datasheet HTML 1Page - List of Unclassifed Manufacturers CMM0330 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3236 Scott Boulevard, Santa Clara, California 95054
Phone: (408) 986-5060
Fax: (408) 986-5095
Celeritek reserves the right to make changes without further notice to any products herein. Celeritek makes no warranty, representation or guarantee regarding the
suitability of its products for any particular purpose, nor does Celeritek assume any liability arising out of the application or use of any product or circuit, and specifically
disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different applications. All operating
parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Celeritek does not convey any license under its patent
rights nor the rights of others. Celeritek products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or
other applications intended to support or sustain life, or for any other application in which the failure of the Celeritek product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Celeritek products for any such unintended or unauthorized application, Buyer shall indemnify and hold Celeritek and
its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of,
directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Celeritek was negligent
regarding the design or manufacture of the part. Celeritek is a registered trademark of Celeritek, Inc. Celeritek, Inc. is an Equal Opportunity/Affirmative Action Employer.
Ordering Information
The CMM0330 is available in a surface mount SO-8 power package and devices are available in tape and reel.
Part Number for Ordering
Package
CMM0330-AK
SO-8 surface mount power package
CMM0330-AK-000T
SO-8 surface mount power package in tape and reel
Physical Dimensions
CMM0330
Pin # Name
Description
1
RF IN
RF input
2
GND
Ground
3
Vg1
Input stage gate bias
4
Vg2
Output stage gate bias
5
RF OUT/Vd3
RF output and Vd3. External
matching circuit required
6
RF OUT/Vd3
RF output and Vd3. External
matching circuit required
7
Vd2
Second input stage drain bias
8
Vd1
Input stage drain bias
RF IN
Vg2
GND
Vg1
Vd2
4
3
2
1
5
6
7
8
MATCH
Vd3
MATCH
RF OUT/Vd3
Vd1
Connection Diagram and Pin Descriptions
Advanced Product Information - September 1996
(2 of 2)


Similar Part No. - CMM0330

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM0335 ETC-CMM0335 Datasheet
34Kb / 2P
   890 to 915 MHz 6V, 35 dBm, GSM Power Amplifier
CMM0335-AK ETC-CMM0335-AK Datasheet
34Kb / 2P
   890 to 915 MHz 6V, 35 dBm, GSM Power Amplifier
CMM0335-AK-000T ETC-CMM0335-AK-000T Datasheet
34Kb / 2P
   890 to 915 MHz 6V, 35 dBm, GSM Power Amplifier
More results

Similar Description - CMM0330

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHP0230-PM ETC-CHP0230-PM Datasheet
414Kb / 4P
   824 to 849 MHz 28.5 dBm, Cellular InGaP HBT Amplifier Module
logo
Guerrilla RF, Inc.
GRF5610 GUERRILLA-GRF5610 Datasheet
1Mb / 18P
   HIGH LINEARITY POWER AMPLIFIER 865 to 928 MHz
December 7, 2022
logo
Skyworks Solutions Inc.
SKY77735 SKYWORKS-SKY77735 Datasheet
153Kb / 3P
   Power Amplifier Module for CDMA (824 MHz??49 MHz)
logo
List of Unclassifed Man...
CMM1330 ETC1-CMM1330 Datasheet
34Kb / 2P
   1.85 to 1.91 GHz 3V, 30 dBm PCS/PCN Power Amplifier
logo
Guerrilla RF, Inc.
GRF5020 GUERRILLA-GRF5020 Datasheet
1Mb / 17P
   30.5 dBm Power-LNA??Tuning Range: 0.1 ??3.8 GHz
logo
Stealth Microwave, Inc.
SM08290-41L STEALTH_MICROWAVE-SM08290-41L Datasheet
137Kb / 3P
   824-894 MHz 12 Watt Linear Power Amplifier
logo
Tyco Electronics
MAAPSS0006 MACOM-MAAPSS0006 Datasheet
56Kb / 4P
   Cellular CDMA/AMPS Power Amplifier 824 - 849 MHz
logo
List of Unclassifed Man...
CMM0335 ETC-CMM0335 Datasheet
34Kb / 2P
   890 to 915 MHz 6V, 35 dBm, GSM Power Amplifier
logo
SIRENZA MICRODEVICES
XD010-51S-D4F SIRENZA-XD010-51S-D4F_1 Datasheet
140Kb / 5P
   902-928 MHz Class A/AB 15W Power Amplifier Module
logo
Agilent(Hewlett-Packard...
MGA-82563 HP-MGA-82563 Datasheet
137Kb / 12P
   0.1-6 GHz 3V, 17 dBm Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com