Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X76F102W Datasheet(PDF) 5 Page - Xicor Inc.

Part # X76F102W
Description  The X76F102 is a Password Access Security Supervisor, containing one 896-bit Secure SerialFlash array
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X76F102W Datasheet(HTML) 5 Page - Xicor Inc.

  X76F102W Datasheet HTML 1Page - Xicor Inc. X76F102W Datasheet HTML 2Page - Xicor Inc. X76F102W Datasheet HTML 3Page - Xicor Inc. X76F102W Datasheet HTML 4Page - Xicor Inc. X76F102W Datasheet HTML 5Page - Xicor Inc. X76F102W Datasheet HTML 6Page - Xicor Inc. X76F102W Datasheet HTML 7Page - Xicor Inc. X76F102W Datasheet HTML 8Page - Xicor Inc. X76F102W Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
X76F102
5
the new command code of 8 bits (1st byte of the proto-
col.) If the X76F102 is still busy with the nonvolatile write
operation, it will issue a “no-ACK” in response. If the non-
volatile write operation has completed, an “ACK” will be
returned and the host can then proceed with the rest of
the protocol.
After the password sequence, there is always a nonvola-
tile write cycle. This is done to discourage random
guesses of the password if the device is being tampered
with. In order to continue the transaction, the X76F102
requires the master to perform a password ACK polling
sequence with the specific command code of 55h. As
with regular Acknowledge polling the user can either time
out for 10ms, and then issue the ACK polling once, or
continuously loop as described in the flow.
If the password that was inserted was correct, then an
“ACK” will be returned once the nonvolatile cycle in
response to the passwrod ACK polling sequence is over.
If the password that was inserted was incorrect, then a
“no ACK” will be returned even if the nonvolatile cycle is
over. Therefore, the user cannot be certain that the pass-
word is incorrect until the 10ms write cycle time has
elapsed.
READ OPERATIONS
Read operations are initiated in the same manner as
write operations but with a different command code.
Sector Read
With sector read, a sector address is supplied with the
read command. Once the password has been acknowl-
edged data may be read from the sector. An acknowl-
edge must follow each 8-bit data transfer. A read
operation always begins at the first byte in the sector, but
may stop at any time. Random accesses to the array are
not possible. Continuous reading from the array will
return data from successive sectors. After reading the
last sector in the array, the address is automatically set to
the first sector in the array and data can continue to be
read out. After the last bit has been read, a stop condition
is generated without sending a preceding acknowledge.
Data ACK Polling Sequence
ACK
RETURNED?
ISSUE NEW
COMMAND
CODE
Write sequence completed
Enter ACK Polling
ISSUE START
NO
YES
PROCEED
Password ACK Polling Sequence
ACK
RETURNED?
ISSUE
PASSWORD
ACK COMMAND
PASSWORD LOAD
COMPLETED
ENTER ACK POLLING
ISSUE START
NO
YES
PROCEED


Similar Part No. - X76F102W

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X76F102W ICMIC-X76F102W Datasheet
152Kb / 18P
   Secure SerialFlash
X76F102W-2.0 ICMIC-X76F102W-2.0 Datasheet
152Kb / 18P
   Secure SerialFlash
X76F102WG ICMIC-X76F102WG Datasheet
152Kb / 18P
   Secure SerialFlash
X76F102WG-2.0 ICMIC-X76F102WG-2.0 Datasheet
152Kb / 18P
   Secure SerialFlash
X76F102WI ICMIC-X76F102WI Datasheet
152Kb / 18P
   Secure SerialFlash
More results

Similar Description - X76F102W

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F200 XICOR-X76F200 Datasheet
77Kb / 16P
   Secure SerialFlash
X76F640 XICOR-X76F640 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F101 ICMIC-X76F101 Datasheet
371Kb / 17P
   Secure SerialFlash
X76F400 ICMIC-X76F400 Datasheet
320Kb / 14P
   Secure SerialFlash
X76F102 ICMIC-X76F102 Datasheet
152Kb / 18P
   Secure SerialFlash
logo
Xicor Inc.
X76F128 XICOR-X76F128 Datasheet
91Kb / 17P
   Secure SerialFlash
X76F641 XICOR-X76F641 Datasheet
116Kb / 17P
   Secure SerialFlash
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
Catalyst Semiconductor
CAT33C704 CATALYST-CAT33C704 Datasheet
83Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT35C704 CATALYST-CAT35C704 Datasheet
84Kb / 14P
   4K-Bit Secure Access Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com