Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP502ASQ28T1 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP502ASQ28T1
Description  80 mA CMOS Low Iq Voltage Regulator in an SC70??
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP502ASQ28T1 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP502ASQ28T1 Datasheet HTML 2Page - ON Semiconductor NCP502ASQ28T1 Datasheet HTML 3Page - ON Semiconductor NCP502ASQ28T1 Datasheet HTML 4Page - ON Semiconductor NCP502ASQ28T1 Datasheet HTML 5Page - ON Semiconductor NCP502ASQ28T1 Datasheet HTML 6Page - ON Semiconductor NCP502ASQ28T1 Datasheet HTML 7Page - ON Semiconductor NCP502ASQ28T1 Datasheet HTML 8Page - ON Semiconductor NCP502ASQ28T1 Datasheet HTML 9Page - ON Semiconductor NCP502ASQ28T1 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NCP502, NCP502A
http://onsemi.com
8
ORDERING INFORMATION
Device
Nominal
Output Voltage
Marking
Package
Shipping
NCP502SQ15T1
1.5
LCC
SC70−5
3000 / Tape & Reel
NCP502SQ18T1
1.8
LCD
SC70−5
3000 / Tape & Reel
NCP502SQ18T1G
1.8
LCD
SC70−5
(Pb−Free)
3000 / Tape & Reel
NCP502SQ25T1
2.5
LCE
SC70−5
3000 / Tape & Reel
NCP502SQ27T1
2.7
LCF
SC70−5
3000 / Tape & Reel
NCP502SQ28T1
2.8
LCG
SC70−5
3000 / Tape & Reel
NCP502SQ30T1
3.0
LCH
SC70−5
3000 / Tape & Reel
NCP502SQ33T1
3.3
LCI
SC70−5
3000 / Tape & Reel
NCP502SQ33T1G
3.3
LCI
SC70−5
(Pb−Free)
3000 / Tape & Reel
NCP502SQ35T1
3.5
LGO
SC70−5
3000 / Tape & Reel
NCP502SQ35T1G
3.5
LGO
SC70−5
(Pb−Free)
3000 / Tape & Reel
NCP502SQ50T1
5.0
LCJ
SC70−5
3000 / Tape & Reel
NCP502ASQ15T1
1.5
LGP
SC70−5
3000 / Tape & Reel
NCP502ASQ18T1
1.8
LGQ
SC70−5
3000 / Tape & Reel
NCP502ASQ25T1
2.5
LGR
SC70−5
3000 / Tape & Reel
NCP502ASQ27T1
2.7
LGS
SC70−5
3000 / Tape & Reel
NCP502ASQ28T1
2.8
LGT
SC70−5
3000 / Tape & Reel
NCP502ASQ30T1
3.0
LGU
SC70−5
3000 / Tape & Reel
NCP502ASQ33T1
3.3
LGV
SC70−5
3000 / Tape & Reel
NCP502ASQ35T1
3.5
LGW
SC70−5
3000 / Tape & Reel
NCP502ASQ50T1
5.0
LGX
SC70−5
3000 / Tape & Reel
Additional voltages in 100 mV steps are available upon request by contacting your ON Semiconductor representative.
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NCP502ASQ28T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP502ASQ28T1G ONSEMI-NCP502ASQ28T1G Datasheet
92Kb / 11P
   80 mA CMOS Low Iq, Low?묭ropout Voltage Regulator
February, 2007 ??Rev. 12
More results

Similar Description - NCP502ASQ28T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP512 ONSEMI-NCP512 Datasheet
60Kb / 10P
   80 mA CMOS Low Iq Voltage Regulator in an SC70-5
November, 2003 ??Rev. 7
NCP612 ONSEMI-NCP612_07 Datasheet
78Kb / 11P
   100 mA CMOS Low Iq Voltage Regulator in an SC70??
January, 2007 ??Rev. 1
NCP612 ONSEMI-NCP612 Datasheet
61Kb / 10P
   100 mA CMOS Low Iq Voltage Regulator in an SC70-5
April, 2005 ??Rev. 0
NCP612SQ30T2G ONSEMI-NCP612SQ30T2G Datasheet
158Kb / 9P
   100 mA CMOS Low Iq Voltage Regulator in an SC70-5
May, 2013 ??Rev. 3
NCP512SQ13T1G ONSEMI-NCP512SQ13T1G Datasheet
142Kb / 9P
   80 mA CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
NCP553SQ18T1G ONSEMI-NCP553SQ18T1G Datasheet
134Kb / 8P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
June, 2013 ??Rev. 3
NCP552 ONSEMI-NCP552 Datasheet
66Kb / 10P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
September, 2004 ??Rev. 5
NCP562 ONSEMI-NCP562_15 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_13 Datasheet
192Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
May, 2013 ??Rev. 20
NCP563 ONSEMI-NCP563_12 Datasheet
151Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2009 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com