Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6655 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX6655
Description  Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6655 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX6655 Datasheet HTML 8Page - Maxim Integrated Products MAX6655 Datasheet HTML 9Page - Maxim Integrated Products MAX6655 Datasheet HTML 10Page - Maxim Integrated Products MAX6655 Datasheet HTML 11Page - Maxim Integrated Products MAX6655 Datasheet HTML 12Page - Maxim Integrated Products MAX6655 Datasheet HTML 13Page - Maxim Integrated Products MAX6655 Datasheet HTML 14Page - Maxim Integrated Products MAX6655 Datasheet HTML 15Page - Maxim Integrated Products MAX6655 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Dual Remote/Local Temperature Sensors and
Four-Channel Voltage Monitors
12
______________________________________________________________________________________
ADC OUTPUT CODE
INPUT
VOLTAGE AT VIN1
(+12V)
INPUT
VOLTAGE AT VIN2
(+5V) OR VCC
INPUT
VOLTAGE AT VIN2
(+3.3V) OR VCC
INPUT
VOLTAGE AT VIN3
(+2.5V)
LSB weight
57.1mV
23.8mV
15.7mV
11.9mV
64 (
≈ 1/4 scale)
4.343V to 4.400V
1.810V to 1.833V
1.194V to 1.210V
0.905V to 0.917V
65
4.400V to 4.457V
1.833V to 1.857V
1.210V to 1.226V
0.917V to 0.929V
66
4.457V to 4.514V
1.857V to 1.881V
1.226V to 1.242V
0.929V to 0.941V
——
128 (
≈ 1/2 scale)
8.000V to 8.057V
3.333V to 3.357V
2.200V to 2.216V
1.250V to 1.262V
——
198 (
≈ 3/4 scale)
12.000V to 12.057V
5.000V to 5.024V
3.300V to 3.3157V
2.500V to 2.512V
——
210
12.686V to 12.743V
5.286V to 5.310V
3.486V to 3.504V
2.643V to 2.655V
211
12.743V to 12.800V
5.310V to 5.333V
3.504V to 3.521V
2.655V to 2.667V
——
237 (
≈ 5/4 scale)
14.228V to 14.285V
5.929V to 5.952V
3.913V to 3.929V
2.964V to 2.976V
Table 4. Voltage Data Format
ADD0
ADD1
ADDRESS
0
0
0011 0000
0
High-Z
0011 0010
0
1
0011 0100
High-Z
0
0101 0010
High-Z
High-Z
0101 0100
High-Z
1
0101 0110
1
0
1001 1000
1
High-Z
1001 1010
1
1
1001 1100
Table 5. Address Map (ADD[1:0])


Similar Part No. - MAX6655

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6655 MAXIM-MAX6655 Datasheet
366Kb / 18P
   Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors
Rev 1; 5/06
MAX6655 MAXIM-MAX6655 Datasheet
158Kb / 6P
   Programmable Alarms and Configuration
Rev 0; 11/01
MAX6655EVKIT MAXIM-MAX6655EVKIT Datasheet
158Kb / 6P
   Programmable Alarms and Configuration
Rev 0; 11/01
MAX6655EVSYS MAXIM-MAX6655EVSYS Datasheet
158Kb / 6P
   Programmable Alarms and Configuration
Rev 0; 11/01
MAX6655MEE MAXIM-MAX6655MEE Datasheet
366Kb / 18P
   Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors
Rev 1; 5/06
More results

Similar Description - MAX6655

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6655 MAXIM-MAX6655_V01 Datasheet
1Mb / 19P
   Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors
2021
MAX6655 MAXIM-MAX6655_06 Datasheet
366Kb / 18P
   Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors
Rev 1; 5/06
MAX1668 MAXIM-MAX1668_03 Datasheet
514Kb / 17P
   Multichannel Remote/Local Temperature Sensors
Rev 2; 5/03
MAX1668 MAXIM-MAX1668 Datasheet
285Kb / 17P
   Multichannel Remote/Local Temperature Sensors
Rev 2; 5/03
MAX6695 MAXIM-MAX6695_11 Datasheet
299Kb / 19P
   Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 3; 4/11
MAX6695 MAXIM-MAX6695 Datasheet
192Kb / 20P
   Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 1; 5/04
logo
Texas Instruments
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Remote and Local Temperature Sensor
logo
Renesas Technology Corp
X80120 RENESAS-X80120 Datasheet
715Kb / 17P
   Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
logo
Intersil Corporation
X80120 INTERSIL-X80120 Datasheet
318Kb / 17P
   Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
   Digital Remote and Local Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com