Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L5970AD Datasheet(PDF) 5 Page - STMicroelectronics

Part # L5970AD
Description  1.5A SWITCH STEP DOWN SWITCHING REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5970AD Datasheet(HTML) 5 Page - STMicroelectronics

  L5970AD Datasheet HTML 1Page - STMicroelectronics L5970AD Datasheet HTML 2Page - STMicroelectronics L5970AD Datasheet HTML 3Page - STMicroelectronics L5970AD Datasheet HTML 4Page - STMicroelectronics L5970AD Datasheet HTML 5Page - STMicroelectronics L5970AD Datasheet HTML 6Page - STMicroelectronics L5970AD Datasheet HTML 7Page - STMicroelectronics L5970AD Datasheet HTML 8Page - STMicroelectronics L5970AD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5/11
L5970AD
Figure 5. Internal Regulator Circuit
3.3 OSCILLATOR & SYNCHRONIZATOR
Figure 6 shows the block diagram of the oscillator circuit.
The Clock Generator provides the switching frequency of the device that is internally fixed at 500KHz. The frequency
shifter block acts reducing the switching frequency in case of strong overcurrent or short circuit. The clock signal is
then used in the internal logic circuitry and is the input of the Ramp Generator and Synchronizator blocks.
The Ramp Generator circuit provides the sawtooth signal, used to realize the PWM control and the internal volt-
age feed forward, while the Synchronizator circuit generates the synchronization signal. Infact the device has a
synchronization pin that can works both as Master and Slave.
As Master to synchronize external devices to the internal switching frequency.
As Slave to synchronize itself by external signal.
In particular, connecting together two devices, the one with the lower switching frequency works as Slave and
the other one works as Master.
To synchronize the device, the SYNC pin has to pass from a low level to a level higher than the synchronization
threshold with a duty cycle that can vary approximately from 10% to 90%, depending also on the signal frequen-
cy and amplitude.
The frequency of the synchronization signal must be at least higher than the internal switching frequency of the
device (500KHz).
Figure 6. Oscillator Circuit
STARTER
IC BIAS
PREREGULATOR
BANDGAP
VREG
VREF
D00IN1126
VCC
FREQUENCY
SHIFTER
CLOCK
GENERATOR
RAMP
GENERATOR
SYNCHRONIZATOR
CLOCK
RAMP
Ibias_osc
SYNC
t
D00IN1131


Similar Part No. - L5970AD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5970 STMICROELECTRONICS-L5970 Datasheet
138Kb / 10P
   UP TO 1A STEP DOWN SWITCHING REGULATOR
L5970D STMICROELECTRONICS-L5970D Datasheet
138Kb / 10P
   UP TO 1A STEP DOWN SWITCHING REGULATOR
L5970D STMICROELECTRONICS-L5970D Datasheet
260Kb / 16P
   Up to 1A step down switching regulator
L5970D STMICROELECTRONICS-L5970D Datasheet
488Kb / 21P
   2A switch step down switching regulator
L5970D STMICROELECTRONICS-L5970D Datasheet
270Kb / 16P
   Up to 1A step down switching regulator
More results

Similar Description - L5970AD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983 Datasheet
938Kb / 37P
   1.5A step-down switching regulator
L5971 STMICROELECTRONICS-L5971 Datasheet
96Kb / 11P
   1.5A STEP DOWN SWITCHING REGULATOR
E-L4971 STMICROELECTRONICS-E-L4971 Datasheet
574Kb / 13P
   1.5A STEP DOWN SWITCHING REGULATOR
L4971 STMICROELECTRONICS-L4971_05 Datasheet
574Kb / 13P
   1.5A STEP DOWN SWITCHING REGULATOR
L4971 STMICROELECTRONICS-L4971 Datasheet
134Kb / 12P
   1.5A STEP DOWN SWITCHING REGULATOR
May 2000
E-L4971D013TR STMICROELECTRONICS-E-L4971D013TR Datasheet
574Kb / 13P
   1.5A STEP DOWN SWITCHING REGULATOR
May 2005 Rev. 11
logo
Linear Technology
LT1578 LINER-LT1578_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576-5 LINER-LT1576-5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576 Datasheet
290Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com