Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

5962-9755701HYC Datasheet(PDF) 15 Page - Agilent(Hewlett-Packard)

Part No. 5962-9755701HYC
Description  Hermetically Sealed Analog Isolation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5962-9755701HYC Datasheet(HTML) 15 Page - Agilent(Hewlett-Packard)

Back Button 5962-9755701HYC Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5962-9755701HYC Datasheet HTML 9Page - Agilent(Hewlett-Packard) 5962-9755701HYC Datasheet HTML 10Page - Agilent(Hewlett-Packard) 5962-9755701HYC Datasheet HTML 11Page - Agilent(Hewlett-Packard) 5962-9755701HYC Datasheet HTML 12Page - Agilent(Hewlett-Packard) 5962-9755701HYC Datasheet HTML 13Page - Agilent(Hewlett-Packard) 5962-9755701HYC Datasheet HTML 14Page - Agilent(Hewlett-Packard) 5962-9755701HYC Datasheet HTML 15Page - Agilent(Hewlett-Packard) 5962-9755701HYC Datasheet HTML 16Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
effective, the damping resistor
should be at least 39
Ω.
PC Board Layout
In addition to affecting offset, the
layout of the PC board can also
affect the common mode
rejection (CMR) performance of
the isolation amplifier, due
primarily to stray capacitive
coupling between the input and
the output circuits. To obtain
optimal CMR performance, the
layout of the printed circuit board
(PCB) should minimize any stray
coupling by maintaining the
maximum possible distance
between the input and output
sides of the circuit and ensuring
that any ground plane on the PCB
does not pass directly below the
HCPL-7850. Using surface mount
components can help achieve
many of the PCB objectives
discussed in the preceding
paragraphs. An example through-
hole PCB layout illustrating some
of the more important layout
recommendations is shown in
Figures 26 and 27. See
Applications Note 1078,
Designing with Agilent
Technologies Isolation
Amplifiers
, for more information
on PCB layout consideration.
Post-Amplifier Circuit
The recommended application
circuit (Figure 24) includes a
post-amplifier circuit that serves
three functions: to reference the
output signal to the desired level
(usually ground), to amplify the
signal to appropriate levels, and
to help filter output noise. The
particular op-amp used in the
post-amp is not critical; however,
it should have low enough offset
and high enough bandwidth and
slew rate so that it does not
adversely affect circuit
performance. The offset of the
op-amp should be low relative to
the output offset of the HCPL-
7850, or less than about 5 mV.
To maintain overall circuit
bandwidth, the post-amplifier
circuit should have a bandwidth
at least twice the minimum
bandwidth of the isolation
amplifier, or about 200 kHz. To
obtain a bandwidth of 200 kHz
with a gain of 5, the op-amp
should have a gain-bandwidth
greater than 1 mHz. The post-
amplifier circuit includes a pair of
capacitors (C5 and C6) that form
a single-pole low-pass filter.
These capacitors allow the
bandwidth of the post-amp to be
adjusted independently of the
gain and are useful for reducing
the output noise from the
isolation amplifier (doubling the
capacitor values halves the circuit
bandwidth). The component
values shown in Figure 24 form a
differential amplifier with a gain
of 5 and a cutoff frequency of
approximately 100 kHz, and were
chosen as a compromise between
low noise and fast response
times. The overall recommended
application circuit has a
bandwidth of 66 kHz, a rise time
of 5.2
µs and a delay to 90% of
8.5
µs.
The gain-setting resistors in the
post-amp should have a tolerance
of 1% or better to ensure
adequate CMRR and gain
tolerance for the overall circuit.
Resistor networks with even
better ratio tolerances can be
used which offer better
performance, as well as reducing
the total component count and
board space.
The post-amplifier circuit can be
easily modified to allow for
single-supply operation. Figure
25 shows a schematic for a post
amplifier for use in 5 V single
supply applications. One
additional resistor is needed and
the gain is decreased to 1 to
allow circuit operation over the
full input voltage range. See
Application Note 1078,
Designing with Agilent
Technologies Isolation
Amplifiers
, for more information
on the post-amplifier circuit.
Other Information
As mentioned above, reducing the
bandwidth of the post amplifier
circuit reduces the amount of
output noise. Figure 22 shows
how the output noise changes as
a function of the post-amplifier
bandwidth. The post-amplifier
circuit exhibits a first-order low-
pass filter characteristic. For the
same filter bandwidth, a higher-
order filter can achieve even
better attenuation of modulation
noise due to the second-order
noise shaping of the sigma-delta
modulator. For more information
on the noise characteristics of the
HCPL-7850, see Application Note
1078, Designing with Agilent
Technologies Isolation
Amplifiers
.
The HCPL-7850 can also be used
to isolate signals with amplitudes
larger than its recommended
input range through the use of a
resistive voltage divider at its
input. The only restrictions are
that the impedance of the divider
be relatively small (less than 1 K
so that the input resistance (480
K
Ω) and input bias current (0.6
A) do not affect the accuracy of
the measurement. An input
bypass capacitor is still required,
although the 68
Ω series damping
resistor is not. (The resistance of
the voltage divider provides the
same function.) The low pass
filter formed by the divider
resistance and the input bypass
capacitor may limit the
achievable bandwidth.


Similar Part No. - 5962-9755701HYC

ManufacturerPart No.DatasheetDescription
AVAGO TECHNOLOGIES LIMITED
AVAGO TECHNOLOGIES LIMI...
5962-97557 AVAGO-5962-97557 Datasheet
120Kb / 16P
   Hermetically Sealed Analog Isolation Amplifi er
Broadcom Corporation.
Broadcom Corporation.
5962-97557 BOARDCOM-5962-97557 Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results

Similar Description - 5962-9755701HYC

ManufacturerPart No.DatasheetDescription
Broadcom Corporation.
Broadcom Corporation.
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
AVAGO TECHNOLOGIES LIMITED
AVAGO TECHNOLOGIES LIMI...
ACPL-785E AVAGO-ACPL-785E Datasheet
120Kb / 16P
   Hermetically Sealed Analog Isolation Amplifi er
Agilent(Hewlett-Packard)
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
   Analog Isolation Amplifier
Micropac Industries
Micropac Industries
62111 MICROPAC-62111 Datasheet
87Kb / 2P
   Hermetically sealed
M/A-COM Technology Solutions, Inc.
M/A-COM Technology Solu...
1N4531 MA-COM-1N4531 Datasheet
456Kb / 3P
   Hermetically Sealed
TE Connectivity Ltd
TE Connectivity Ltd
FCA-410 TEC-FCA-410 Datasheet
749Kb / 3P
   Hermetically Sealed
M/A-COM Technology Solutions, Inc.
M/A-COM Technology Solu...
1N914UR MA-COM-1N914UR Datasheet
601Kb / 3P
   Hermetically Sealed
MMD Components
MMD Components
MVSC1 MMD-MVSC1 Datasheet
129Kb / 2P
   Hermetically Sealed
Micropac Industries
Micropac Industries
62096 MICROPAC-62096 Datasheet
77Kb / 2P
   Hermetically sealed
62120 MICROPAC-62120 Datasheet
66Kb / 2P
   Hermetically sealed
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz